Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4536 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC4536
Description  NPN EPITAXIAL SILICON RF TRANSISTOR FOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4536 Datasheet(HTML) 6 Page - Renesas Technology Corp

  2SC4536 Datasheet HTML 1Page - Renesas Technology Corp 2SC4536 Datasheet HTML 2Page - Renesas Technology Corp 2SC4536 Datasheet HTML 3Page - Renesas Technology Corp 2SC4536 Datasheet HTML 4Page - Renesas Technology Corp 2SC4536 Datasheet HTML 5Page - Renesas Technology Corp 2SC4536 Datasheet HTML 6Page - Renesas Technology Corp 2SC4536 Datasheet HTML 7Page - Renesas Technology Corp 2SC4536 Datasheet HTML 8Page - Renesas Technology Corp 2SC4536 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Data Sheet PU10338EJ01V0DS
4
2SC4536
5
1
2
3
4
0
5
10
20
50
100
200
Collector Current IC (mA)
NOISE FIGURE vs.
COLLECTOR CURRENT
VCE = 10 V
f = 1 GHz
70
80
60
50
40
30
10
30
50
100
300
Collector Current IC (mA)
IM3, IM2+, IM2– vs.
COLLECTOR CURRENT
IM2–
IM2+
IM3
VCE = 10 V
IM3 :VO = 110 dB V/75
Ω 2 tone each
f = 2 × 190 – 200 MHz
IM2+ :VO = 105 dB V/75
Ω 2 tone each
f = 90 + 100 MHz
IM2– :VO = 105 dB V/75
Ω 2 tone each
f = 190 – 90 MHz
µ
µ
µ
VCE = 10 V
f = 1 GHz
Collector Current IC (mA)
INSERTION POWER GAIN, MAXIMUM POWER
GAIN, MAG vs. COLLECTOR CURRENT
10
2
4
6
8
0
10
100
30
50
300
MAG
Gmax (u)
|S21e|
2
Remark The graphs indicate nominal characteristics.
S-PARAMETERS
S-parameters/Noise parameters are provided on the NEC Compound Semiconductor Devices Web site in a form
(S2P) that enables direct import to a microwave circuit simulator without keyboard input.
Click here to download S-parameters.
[RF and Microwave]
→ [Device Parameters]
URL http://www.csd-nec.com/


Similar Part No. - 2SC4536

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4536 NEC-2SC4536 Datasheet
60Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Inchange Semiconductor ...
2SC4536 ISC-2SC4536 Datasheet
192Kb / 6P
   isc Silicon NPN RF Transistor
logo
California Eastern Labs
2SC4536 CEL-2SC4536 Datasheet
640Kb / 10P
   NPN MEDIUM POWER MICROWAVE TRANSISTOR
logo
Renesas Technology Corp
2SC4536-A RENESAS-2SC4536-A Datasheet
137Kb / 2P
   RF & Microwave device
2SC4536 RENESAS-2SC4536_15 Datasheet
181Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 3-PIN POWER MINIMOLD
More results

Similar Description - 2SC4536

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC4703 RENESAS-2SC4703 Datasheet
181Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR
logo
Continental Device Indi...
CSC1730 CDIL-CSC1730 Datasheet
184Kb / 3P
   NPN SILICON EPITAXIAL RF TRANSISTOR
logo
Renesas Technology Corp
2SC5015 RENESAS-2SC5015 Datasheet
182Kb / 10P
   NPN EPITAXIAL SILICON RF TRANSISTOR
2SC4957 RENESAS-2SC4957 Datasheet
189Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR
logo
California Eastern Labs
2SC4227 CEL-2SC4227 Datasheet
846Kb / 6P
   NPN EPITAXIAL SILICON RF TRANSISTOR
2SC5013 CEL-2SC5013 Datasheet
816Kb / 6P
   NPN EPITAXIAL SILICON RF TRANSISTOR
logo
Renesas Technology Corp
2SC4228 RENESAS-2SC4228 Datasheet
202Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR
2SC5011 RENESAS-2SC5011 Datasheet
190Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR
2SC5013 RENESAS-2SC5013 Datasheet
190Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR
logo
California Eastern Labs
2SC4093 CEL-2SC4093 Datasheet
571Kb / 6P
   NPN EPITAXIAL SILICON RF TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com