Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2712TB Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # UPC2712TB
Description  3.3 V, SILICON GERMANIUM MMIC WIDE BAND AMPLIFIER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2712TB Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button UPC2712TB Datasheet HTML 7Page - Renesas Technology Corp UPC2712TB Datasheet HTML 8Page - Renesas Technology Corp UPC2712TB Datasheet HTML 9Page - Renesas Technology Corp UPC2712TB Datasheet HTML 10Page - Renesas Technology Corp UPC2712TB Datasheet HTML 11Page - Renesas Technology Corp UPC2712TB Datasheet HTML 12Page - Renesas Technology Corp UPC2712TB Datasheet HTML 13Page - Renesas Technology Corp UPC2712TB Datasheet HTML 14Page - Renesas Technology Corp UPC2712TB Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
5.5
5.0
4.5
4.0
3.5
3.0
2.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Frequency f (GHz)
NOISE FIGURE vs. FREQUENCY
5.5
5.0
4.5
4.0
3.5
3.0
2.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Frequency f (GHz)
NOISE FIGURE vs. FREQUENCY
TA = +85
°C
+25
°C
40
°C
10
5
0
–5
–10
–15
–20
–25
–30
f = 1.0 GHz
–50 –45
–40
–35
–30
–25
–20
–15
–10
OUTPUT POWER vs. INPUT POWER
Input Power Pin (dBm)
+85
°C
TA = 40
°C
+25
°C
10
5
0
–5
–10
–15
–20
–25
–30
f = 2.2 GHz
–50 –45
–40
–35
–30
–25
–20
–15
–10
OUTPUT POWER vs. INPUT POWER
Input Power Pin (dBm)
+85
°C
TA = 40
°C
+25
°C
VCC = +3.0 V
+3.6 V
+3.3 V
10.0
9.0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0.0
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
K FACTOR vs. FREQUENCY
Frequency f (GHz)
Pin = 40 dBm
VCC = +3.0 V
+3.6 V
+3.3 V
Remark The graphs indicate nominal characteristics.
Data Sheet PU10803EJ01V0DS
9
μPC3242TB


Similar Part No. - UPC2712TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2712TB NEC-UPC2712TB Datasheet
66Kb / 9P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2712TB CEL-UPC2712TB Datasheet
334Kb / 10P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC2712TB CEL-UPC2712TB Datasheet
416Kb / 14P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC2712TB NEC-UPC2712TB Datasheet
285Kb / 20P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC2712TB-E3 NEC-UPC2712TB-E3 Datasheet
66Kb / 9P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
More results

Similar Description - UPC2712TB

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA628L7 INFINEON-BGA628L7 Datasheet
1Mb / 16P
   Silicon Germanium Wide Band Low Noise Amplifier
Revision 1.1, 2009-12-17
BGA622 INFINEON-BGA622 Datasheet
81Kb / 9P
   Silicon Germanium Wide Band Low Noise Amplifier
2002-09-13
logo
NEC
UPC1651G NEC-UPC1651G Datasheet
75Kb / 2P
   WIDE BAND UHF SILICON MMIC AMPLIFIER
logo
Advanced Semiconductor ...
AWB459 ASB-AWB459 Datasheet
945Kb / 12P
   Wide band MMIC Amplifier
January 2015
logo
NEC
UPC3227TB NEC-UPC3227TB Datasheet
115Kb / 14P
   5 V, SILICON GERMANIUM MMIC WIDEBAND AMPLIFIER
UPC2710T NEC-UPC2710T Datasheet
95Kb / 6P
   1.5 GHz SILICON MMIC WIDE-BAND AMPLIFIER
UPC1656 NEC-UPC1656 Datasheet
40Kb / 3P
   850 MHz WIDE-BAND SILICON MMIC AMPLIFIER
UPC2708T NEC-UPC2708T Datasheet
140Kb / 6P
   3 GHz SILICON MMIC WIDE-BAND AMPLIFIER
UPC2709T NEC-UPC2709T Datasheet
96Kb / 6P
   2.5 GHz SILICON MMIC WIDE-BAND AMPLIFIER
logo
Infineon Technologies A...
BGA616 INFINEON-BGA616_11 Datasheet
254Kb / 9P
   Silicon Germanium Broadband MMIC Amplifier
Rev. 2.1, Sept. 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com