Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL1210JK-07L Datasheet(PDF) 6 Page - YAGEO Corporation

Part # RL1210JK-07L
Description  LOW OHMIC CHIP RESISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RL1210JK-07L Datasheet(HTML) 6 Page - YAGEO Corporation

  RL1210JK-07L Datasheet HTML 1Page - YAGEO Corporation RL1210JK-07L Datasheet HTML 2Page - YAGEO Corporation RL1210JK-07L Datasheet HTML 3Page - YAGEO Corporation RL1210JK-07L Datasheet HTML 4Page - YAGEO Corporation RL1210JK-07L Datasheet HTML 5Page - YAGEO Corporation RL1210JK-07L Datasheet HTML 6Page - YAGEO Corporation RL1210JK-07L Datasheet HTML 7Page - YAGEO Corporation RL1210JK-07L Datasheet HTML 8Page - YAGEO Corporation RL1210JK-07L Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
Mar 22, 2010 V.5
Product specification
6
9
SERIES
RL
0402 to 2512
P
handbook, halfpage
MLB206_1
70
100
55
50
Tamb( C)
o
(%P
)
rated
0
0
50
100
125
Fig. 5 Maximum dissipation (Pmax) in percentage of rated power
as a function of the operating ambient temperature (Tamb)
FUNCTIONAL DESCRIPTION
O
OP
PE
ER
RA
AT
TIIN
NG
GT
TE
EM
MP
PE
ER
RA
AT
TU
UR
RE
E R
RA
AN
NG
GE
E
Range: –55 °C to +125 °C
P
PO
OW
WE
ER
R R
RA
AT
TIIN
NG
G
Each type rated power at 70 °C:
RL0402=1/16 W; RL0603=1/10 W; RL0805=1/8 W;
RL1206=1/4 W; RL1210=1/2 W; RL1218=1 W;
RL2010=3/4 W; RL2512=1 W.
RATED VOLTAGE
The DC or AC (rms) continuous working voltage
corresponding to the rated power is determined by
the following formula:
V = √(P X R)
Where
V = Continuous rated DC or AC (rms) working voltage (V)
P = Rated power (W)
R = Resistance value (X)


Similar Part No. - RL1210JK-07L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RL1210JK-070R105L YAGEO-RL1210JK-070R105L Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL1210JK-070R12L YAGEO-RL1210JK-070R12L Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL1210JK-070R1L YAGEO-RL1210JK-070R1L Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL1210JK-07100RL YAGEO-RL1210JK-07100RL Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL1210JK-0710RL YAGEO-RL1210JK-0710RL Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
More results

Similar Description - RL1210JK-07L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RL2512FK-070R1L YAGEO-RL2512FK-070R1L Datasheet
317Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL0805FR YAGEO-RL0805FR Datasheet
579Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
List of Unclassifed Man...
RL0402 ETC1-RL0402 Datasheet
307Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
YAGEO Corporation
RL0402FR-070R1L YAGEO-RL0402FR-070R1L Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
WALSIN TECHNOLOGY CORPO...
WW20M WALSIN-WW20M Datasheet
201Kb / 7P
   Ultra low ohmic chip resistors
logo
Rohm
MCR50 ROHM-MCR50_11 Datasheet
174Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR25JZHFLR110 ROHM-MCR25JZHFLR110 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR10EZHFSR056 ROHM-MCR10EZHFSR056 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR18EZHJ100 ROHM-MCR18EZHJ100 Datasheet
95Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR25 ROHM-MCR25_2 Datasheet
81Kb / 5P
   Low Ohmic Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com