Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN8700C-AEZG-TR Datasheet(PDF) 1 Page - Microchip Technology

Part # LAN8700C-AEZG-TR
Description  짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR Technology in a Small Footprint
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8700C-AEZG-TR Datasheet(HTML) 1 Page - Microchip Technology

  LAN8700C-AEZG-TR Datasheet HTML 1Page - Microchip Technology LAN8700C-AEZG-TR Datasheet HTML 2Page - Microchip Technology LAN8700C-AEZG-TR Datasheet HTML 3Page - Microchip Technology LAN8700C-AEZG-TR Datasheet HTML 4Page - Microchip Technology LAN8700C-AEZG-TR Datasheet HTML 5Page - Microchip Technology LAN8700C-AEZG-TR Datasheet HTML 6Page - Microchip Technology LAN8700C-AEZG-TR Datasheet HTML 7Page - Microchip Technology LAN8700C-AEZG-TR Datasheet HTML 8Page - Microchip Technology LAN8700C-AEZG-TR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 83 page
background image
SMSC LAN8700/LAN8700i
Revision 2.3 (04-12-11)
DATASHEET
Datasheet
PRODUCT FEATURES
LAN8700/LAN8700i
±15kV ESD Protected MII/RMII
10/100 Ethernet Transceiver with HP
Auto-MDIX Support and flexPWR®
Technology in a Small Footprint
Single-Chip Ethernet Physical Layer Transceiver
(PHY)
ESD Protection levels of ±8kV HBM without external
protection devices
ESD protection levels of EN/IEC61000-4-2, ±8kV
contact mode, and ±15kV for air discharge mode per
independent test facility
Comprehensive flexPWR® Technology
Flexible Power Management Architecture
LVCMOS Variable I/O voltage range: +1.6V to +3.6V
Integrated 3.3V to 1.8V regulator for optional single
supply operation.
Regulator can be disabled if 1.8V system supply is
available.
Performs HP Auto-MDIX in accordance with IEEE
802.3ab specification
Cable length greater than 150 meters
Automatic Polarity Correction
Latch-Up Performance Exceeds 150mA per
EIA/JESD 78, Class II
Energy Detect power-down mode
Low Current consumption power down mode
Low operating current consumption:
39mA typical in 10BASE-T and
79mA typical in 100BASE-TX mode
Supports Auto-negotiation and Parallel Detection
Supports the Media Independent Interface (MII) and
Reduced Media Independent Interface (RMII)
Compliant with IEEE 802.3-2005 standards
MII Pins tolerant to 3.6V
IEEE 802.3-2005 compliant register functions
Integrated DSP with Adaptive Equalizer
Baseline Wander (BLW) Correction
Vendor Specific register functions
Low profile 36-pin QFN lead-free RoHS compliant
package (6 x 6 x 0.9mm height)
4 LED status indicators
Commercial Operating Temperature 0
° C to 70° C
Industrial Operating Temperature -40
° C to 85° C
version available (LAN8700i)
Applications
Set Top Boxes
Network Printers and Servers
LAN on Motherboard
10/100 PCMCIA/CardBus Applications
Embedded Telecom Applications
Video Record/Playback Systems
Cable Modems/Routers
DSL Modems/Routers
Digital Video Recorders
Personal Video Recorders
IP and Video Phones
Wireless Access Points
Digital Televisions
Digital Media Adaptors/Servers
POS Terminals
Automotive Networking
Gaming Consoles
Security Systems
POE Applications
Access Control


Similar Part No. - LAN8700C-AEZG-TR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN8700C-AEZG-TR MICROCHIP-LAN8700C-AEZG-TR Datasheet
939Kb / 74P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
06/23/16
More results

Similar Description - LAN8700C-AEZG-TR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN8700IC-AEZG MICROCHIP-LAN8700IC-AEZG Datasheet
1Mb / 83P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
Revision 2.3 (04-12-11)
LAN8700 MICROCHIP-LAN8700 Datasheet
939Kb / 74P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
06/23/16
logo
SMSC Corporation
LAN8710 SMSC-LAN8710 Datasheet
1Mb / 79P
   MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
LAN8710A SMSC-LAN8710A Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
LAN8187 SMSC-LAN8187_11 Datasheet
1Mb / 78P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX & flexPWR짰 Technology
LAN8700 SMSC-LAN8700 Datasheet
1,005Kb / 73P
   짹15kV ESD Protected MII/RMII Fast-Ethernet PHY with HP Auto-MDIX and SMSC flexPWR TM in a Small Footprint
logo
Microchip Technology
LAN8710A MICROCHIP-LAN8710A Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
Revision 1.4 08-23-12
logo
SMSC Corporation
LAN8720A SMSC-LAN8720A Datasheet
1Mb / 79P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
logo
Microchip Technology
LAN8720AI-CP MICROCHIP-LAN8720AI-CP Datasheet
1Mb / 29P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
Revision 1.4 08-23-12
logo
SMSC Corporation
LAN8720 SMSC-LAN8720 Datasheet
1Mb / 79P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com