Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL0805FR-10L Datasheet(PDF) 7 Page - YAGEO Corporation

Part # RL0805FR-10L
Description  LOW OHMIC CHIP RESISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RL0805FR-10L Datasheet(HTML) 7 Page - YAGEO Corporation

  RL0805FR-10L Datasheet HTML 1Page - YAGEO Corporation RL0805FR-10L Datasheet HTML 2Page - YAGEO Corporation RL0805FR-10L Datasheet HTML 3Page - YAGEO Corporation RL0805FR-10L Datasheet HTML 4Page - YAGEO Corporation RL0805FR-10L Datasheet HTML 5Page - YAGEO Corporation RL0805FR-10L Datasheet HTML 6Page - YAGEO Corporation RL0805FR-10L Datasheet HTML 7Page - YAGEO Corporation RL0805FR-10L Datasheet HTML 8Page - YAGEO Corporation RL0805FR-10L Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
Mar 22, 2010 V.5
Product specification
7
9
SERIES
RL
0402 to 2512
TESTS AND REQUIREMENTS
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Life/
Endurance
IEC 60115-1 4.25.1
1,000 hours at 70±5 °C applied RCWV
1.5 hours on, 0.5 hour off, still air required
±2%
High Temperature
Exposure/
Endurance at upper
category temperature
IEC 60068-2-2
1,000 hours at maximum operating
temperature depending on specification,
unpowered
No direct impingement of forced air to the
parts
Tolerances: 125±5 °C
±1%
Moisture Resistance
MIL-STD-202G Method-106G
Each temperature / humidity cycle is defined at
8 hours (method 106F), 3 cycles / 24 hours for
10d with 25 °C / 65 °C 95% R.H, without
steps 7a & 7b, unpowered
Parts mounted on test-boards, without
condensation on parts
Measurement at 24±2 hours after
test conclusion
±2%
Thermal Shock
MIL-STD-202G Method-107G
-55/+125 °C
Note: Number of cycles required is 300.
Devices unmounted
Maximum transfer time is 20 seconds. Dwell
time is 15 minutes. Air – Air
±1%
Short time overload
IEC60115-1 4.13
2.5 times RCWV or maximum overload
voltage whichever is less for 5 sec at room
temperature
±2%
No visible damage
Board Flex/
Bending
IEC 60068-2-21
Device mounted on PCB test board as
described, only 1 board bending required
3 mm bending
Bending time: 60±5 seconds
Ohmic value checked during bending
±1%
No visible damage
Table 4 Test condition, procedure and requirements


Similar Part No. - RL0805FR-10L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RL0805FR-130R105L YAGEO-RL0805FR-130R105L Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL0805FR-130R12L YAGEO-RL0805FR-130R12L Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL0805FR-130R1L YAGEO-RL0805FR-130R1L Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL0805FR-13100RL YAGEO-RL0805FR-13100RL Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL0805FR-1310RL YAGEO-RL0805FR-1310RL Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
More results

Similar Description - RL0805FR-10L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RL2512FK-070R1L YAGEO-RL2512FK-070R1L Datasheet
317Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL0805FR YAGEO-RL0805FR Datasheet
579Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
List of Unclassifed Man...
RL0402 ETC1-RL0402 Datasheet
307Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
YAGEO Corporation
RL0402FR-070R1L YAGEO-RL0402FR-070R1L Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
WALSIN TECHNOLOGY CORPO...
WW20M WALSIN-WW20M Datasheet
201Kb / 7P
   Ultra low ohmic chip resistors
logo
Rohm
MCR50 ROHM-MCR50_11 Datasheet
174Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR25JZHFLR110 ROHM-MCR25JZHFLR110 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR10EZHFSR056 ROHM-MCR10EZHFSR056 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR18EZHJ100 ROHM-MCR18EZHJ100 Datasheet
95Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR25 ROHM-MCR25_2 Datasheet
81Kb / 5P
   Low Ohmic Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com