Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1217IPFBRG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # ADS1217IPFBRG4
Description  8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1217IPFBRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS1217IPFBRG4 Datasheet HTML 7Page - Texas Instruments ADS1217IPFBRG4 Datasheet HTML 8Page - Texas Instruments ADS1217IPFBRG4 Datasheet HTML 9Page - Texas Instruments ADS1217IPFBRG4 Datasheet HTML 10Page - Texas Instruments ADS1217IPFBRG4 Datasheet HTML 11Page - Texas Instruments ADS1217IPFBRG4 Datasheet HTML 12Page - Texas Instruments ADS1217IPFBRG4 Datasheet HTML 13Page - Texas Instruments ADS1217IPFBRG4 Datasheet HTML 14Page - Texas Instruments ADS1217IPFBRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
ADS1217
SBAS260C
11
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
AVDD = +5V, DVDD = +5V, fOSC = 2.4576MHz, PGA = 1, RDAC = 150kΩ, fDATA = 10Hz, and VREF = +2.5V, unless otherwise specified.
1.00020
1.00016
1.00012
1.00008
1.00004
1.00000
0.99996
0.99992
0.99988
0.99984
0.99980
0.99976
OFFSET DAC: GAIN vs TEMPERATURE
Temperature (
°C)
–50
–30
10
–10
30
50
70
90
1.0000
1.000
0.999
0.999
0.998
IDAC I
OUT vs VOUT
V
DD – VOUT (V)
01
2
3
4
5
+85
°C
–40
°C
+25
°C
1.010
1.005
1.000
0.995
0.990
0.985
IDAC NORMALIZED I
OUT vs TEMPERATURE
Temperature (
°C)
–50
–30
10
–10
30
50
70
90
3000
2000
1000
0
–1000
–2000
–3000
–4000
–5000
–6000
IDAC MATCHING vs TEMPERATURE
Temperature (
°C)
–50
–30
10
–10
30
50
70
90
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
IDAC DIFFERENTIAL NONLINEARITY
(Range = 1, R
DAC = 150kΩ, VREF = 2.5V)
IDAC Code
0
255
32
64
96
128
160
192
224
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
IDAC INTEGRAL NONLINEARITY
(Range = 1, R
DAC = 150kΩ, VREF = 2.5V)
IDAC Code
0
255
32
64
96
128
160
192
224


Similar Part No. - ADS1217IPFBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1217IPFBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1217 TI1-ADS1217_14 Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_14 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1217 BURR-BROWN-ADS1217 Datasheet
458Kb / 28P
   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1216 TI-ADS1216 Datasheet
446Kb / 28P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_16 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1258-EP TI1-ADS1258-EP_14 Datasheet
1Mb / 59P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1258IRTCTG4 TI1-ADS1258IRTCTG4 Datasheet
1Mb / 54P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258-EP TI-ADS1258-EP Datasheet
1Mb / 57P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1258 TI-ADS1258 Datasheet
790Kb / 47P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258 TI1-ADS1258_14 Datasheet
1Mb / 55P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com