Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1258IRTCR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1258IRTCR
Description  16-Channel, 24-Bit Analog-to-Digital Converter
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1258IRTCR Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS1258IRTCR Datasheet HTML 2Page - Texas Instruments ADS1258IRTCR Datasheet HTML 3Page - Texas Instruments ADS1258IRTCR Datasheet HTML 4Page - Texas Instruments ADS1258IRTCR Datasheet HTML 5Page - Texas Instruments ADS1258IRTCR Datasheet HTML 6Page - Texas Instruments ADS1258IRTCR Datasheet HTML 7Page - Texas Instruments ADS1258IRTCR Datasheet HTML 8Page - Texas Instruments ADS1258IRTCR Datasheet HTML 9Page - Texas Instruments ADS1258IRTCR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
ADS1258
SBAS297G
– JUNE 2005 – REVISED MARCH 2011
www.ti.com
PIN ASSIGNMENTS (continued)
ANALOG/DIGITAL
PIN #
NAME
INPUT/OUTPUT
DESCRIPTION
20
GPIO6
Digital I/O
General-Purpose Digital Input/Output 6
21
GPIO7
Digital I/O
General-Purpose Digital Input/Output 7
22
SCLK
Digital Input
SPI Interface Clock Input: Data clocked in on rising edge, clocked out on falling edge.
23
DIN
Digital Input
SPI Interface Data Input: Data is input to the device.
24
DOUT
Digital Output
SPI Interface Data Output: Data is output from the device.
25
DRDY
Digital Output
Data Ready Output: Active low.
26
START
Digital Input
Start Conversion Input: Active high.
27
CS
Digital Input
SPI Interface Chip Select Input: Active low.
28
DVDD
Digital
Digital Power Supply: 2.7V to 5.25V
29
DGND
Digital
Digital Ground
30
VREFN
Analog Input
Reference Input Negative
31
VREFP
Analog Input
Reference Input Positive
32
AINCOM
Analog Input
Analog Input Common: Common input pin to all single-ended inputs.
33
AIN15
Analog Input
Analog Input 15: Single-Ended Channel 15, Differential Channel 7 (
–)
34
AIN14
Analog Input
Analog Input 14: Single-Ended Channel 14, Differential Channel 7 (+)
35
AIN13
Analog Input
Analog Input 13: Single-Ended Channel 13, Differential Channel 6 (
–)
36
AIN12
Analog Input
Analog Input 12: Single-Ended Channel 12, Differential Channel 6 (+)
37
AIN11
Analog Input
Analog Input 11: Single-Ended Channel 11, Differential Channel 5 (
–)
38
AIN10
Analog Input
Analog Input 10: Single-Ended Channel 10, Differential Channel 5 (+)
39
AIN9
Analog Input
Analog Input 9: Single-Ended Channel 9, Differential Channel 4 (
–)
40
AIN8
Analog Input
Analog Input 8: Single-Ended Channel 8, Differential Channel 4 (+)
41
ADCINN
Analog Input
ADC Differential Input (
–)
42
ADCINP
Analog Input
ADC Differential Input (+)
43
MUXOUTN
Analog Output
Multiplexer Differential Output (
–)
44
MUXOUTP
Analog Output
Multiplexer Differential Output (+)
45
AIN7
Analog Input
Analog Input 7: Single-Ended Channel 7, Differential Channel 3 (
–)
46
AIN6
Analog Input
Analog Input 6 : Single-Ended Channel 6, Differential Channel 3 (+)
47
AIN5
Analog Input
Analog Input 5: Single-Ended Channel 5, Differential Channel 2 (
–)
48
AIN4
Analog Input
Analog Input 4: Single-Ended Channel 4, Differential Channel 2 (+)
6
Submit Documentation Feedback
Copyright
© 2005–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS1258


Similar Part No. - ADS1258IRTCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1258IRTCR TI-ADS1258IRTCR Datasheet
790Kb / 47P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
More results

Similar Description - ADS1258IRTCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1258-EP TI1-ADS1258-EP_14 Datasheet
1Mb / 59P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1258 TI-ADS1258 Datasheet
790Kb / 47P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258 TI1-ADS1258_14 Datasheet
1Mb / 55P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258-EP TI-ADS1258-EP Datasheet
1Mb / 57P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1158 TI1-ADS1158_14 Datasheet
1Mb / 53P
[Old version datasheet]   16-Channel, 16-Bit Analog-to-Digital Converter
ADS1158 TI-ADS1158 Datasheet
966Kb / 50P
[Old version datasheet]   16-Channel, 16-Bit Analog-to-Digital Converter
ADS1217 TI1-ADS1217_14 Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_14 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1217 BURR-BROWN-ADS1217 Datasheet
458Kb / 28P
   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com