Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7830IPWRG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7830IPWRG4
Description  8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7830IPWRG4 Datasheet(HTML) 5 Page - Texas Instruments

  ADS7830IPWRG4 Datasheet HTML 1Page - Texas Instruments ADS7830IPWRG4 Datasheet HTML 2Page - Texas Instruments ADS7830IPWRG4 Datasheet HTML 3Page - Texas Instruments ADS7830IPWRG4 Datasheet HTML 4Page - Texas Instruments ADS7830IPWRG4 Datasheet HTML 5Page - Texas Instruments ADS7830IPWRG4 Datasheet HTML 6Page - Texas Instruments ADS7830IPWRG4 Datasheet HTML 7Page - Texas Instruments ADS7830IPWRG4 Datasheet HTML 8Page - Texas Instruments ADS7830IPWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
ADS7830
www.ti.com
SBAS302C – DECEMBER 2003 – REVISED OCTOBER 2012
ELECTRICAL CHARACTERISTICS: +5V
At TA = –40°C to +125°C, +VDD = +5.0V, VREF = External +5.0V, and SCL Clock Frequency = 3.4MHz (High-Speed Mode),
unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
Full-Scale Input Scan
Positive Input – Negative Input
0
VREF
V
Positive Input
–0.2
+VDD + 0.2
V
Absolute Input Range
Negative Input
–0.2
+0.2
V
Capacitance
25
pF
Leakage Current
±1
µA
SYSTEM PERFORMANCE
No Missing Codes
8
Bits
Integral Linearity Error
±0.1
±0.5
LSB(1)
Differential Linearity Error
±0.1
±0.5
LSB
Offset Error
+0.5
+1
LSB
Offset Error Match
±0.05
±0.25
LSB
Gain Error
±0.1
±0.5
LSB
Gain Error Match
±0.05
±0.25
LSB
Noise
100
µVRMS
Power-Supply Rejection
72
dB
SAMPLING DYNAMICS
High-Speed Mode: SCL = 3.4MHz
70
kSPS(2)
Throughput Frequency
Fast Mode: SCL = 400kHz
10
kSPS
Standard Mode, SCL = 100kHz
2.5
kSPS
Conversion Time
5
µs
AC ACCURACY
Total Harmonic Distortion
VIN = 5VPP at 1kHz
–72
dB(3)
Signal-to-Ratio
VIN = 5VPP at 1kHz
50
dB
Signal-to-(Noise+Distortion) Ratio
VIN = 5VPP at 1kHz
49
dB
Spurious-Free Dynamic Range
VIN = 5VPP at 1kHz
68
dB
Isolation Channel-to-Channel
90
dB
VOLTAGE REFERENCE OUTPUT
TA = –40°C to +85°C
2.48
2.52
V
Range
TA = –40°C to +125°C
2.47
2.53
V
TA = –40°C to +85°C
15
ppm/°C
Internal Reference Drift
TA = –40°C to +125°C
40
ppm/°C
Internal Reference ON
110
Ω
Output Impedance
Internal Reference OFF
1
G
Ω
Internal Reference ON,
Quiescent Current
1300
µA
SCL and SDA pulled HIGH
VOLTAGE REFERENCE INPUT
Range
0.05
VDD
V
Resistance
1
G
Ω
Current Drain
High-Speed Mode: SCL= 3.4MHz
20
µA
(1)
LSB means least significant bit. When VREF = 2.5V, 1LSB is 9.8mV.
(2)
kSPS means kilo samples-per-second.
(3)
THD measured out to the 9th-harmonic.
Copyright © 2003–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADS7830


Similar Part No. - ADS7830IPWRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7830IPWR BURR-BROWN-ADS7830IPWR Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
More results

Similar Description - ADS7830IPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7828-Q1 TI1-ADS7828-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   12-Bit 8-Channel Sampling Analog-to-Digital Converter
ADS930 TI-ADS930_V01 Datasheet
314Kb / 14P
[Old version datasheet]   8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS931 TI-ADS931 Datasheet
442Kb / 16P
[Old version datasheet]   8-Bit, 33MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS831 BURR-BROWN-ADS831 Datasheet
179Kb / 11P
   8-Bit, 80MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS930 BURR-BROWN-ADS930 Datasheet
191Kb / 11P
   8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS931 BURR-BROWN-ADS931 Datasheet
210Kb / 12P
   8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS930 TI1-ADS930_14 Datasheet
417Kb / 16P
[Old version datasheet]   8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS830 BURR-BROWN-ADS830 Datasheet
177Kb / 11P
   8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS830 TI1-ADS830_14 Datasheet
556Kb / 16P
[Old version datasheet]   8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS931 TI1-ADS931_14 Datasheet
437Kb / 17P
[Old version datasheet]   8-Bit, 33MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com