Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1271IPW Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1271IPW
Description  24-Bit, Wide Bandwidth Analog-to-Dogotal Converter
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1271IPW Datasheet(HTML) 4 Page - Texas Instruments

  ADS1271IPW Datasheet HTML 1Page - Texas Instruments ADS1271IPW Datasheet HTML 2Page - Texas Instruments ADS1271IPW Datasheet HTML 3Page - Texas Instruments ADS1271IPW Datasheet HTML 4Page - Texas Instruments ADS1271IPW Datasheet HTML 5Page - Texas Instruments ADS1271IPW Datasheet HTML 6Page - Texas Instruments ADS1271IPW Datasheet HTML 7Page - Texas Instruments ADS1271IPW Datasheet HTML 8Page - Texas Instruments ADS1271IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
ADS1271
SBAS306F − NOVEMBER 2004 − REVISED OCTOBER 2007
www.ti.com
4
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = −40°C to +105°C, AVDD = +5V, DVDD = +1.8V, fCLK = 27MHz, VREFP = 2.5V, and VREFN = 0V, unless otherwise noted.
Specified values for ADS1271 and ADS1271B (high-grade version) are the same, except where shown in BOLDFACE type.
ADS1271B
ADS1271
PARAMETER
UNITS
MAX
TYP
MIN
MAX
TYP
MIN
TEST CONDITIONS
Voltage Reference Inputs
Reference input voltage (VREF)
VREF = VREFP – VREFN
2.0
2.5
2.65
0.5
2.5
2.65
V
Negative reference input (VREFN)
AGND − 0.1
VREFP − 2.0
AGND − 0.1
VREFP − 0.5
V
Positive reference input (VREFP)
VREFN + 2.0
AVDD − 0.5
VREFN + 0.5
AVDD + 0.1
V
Reference
High-Speed mode
4.2
4.2
k
Reference
Input
impedance
High-Resolution mode
4.2
4.2
k
Input
impedance
Low-Power mode
8.4
8.4
k
Digital Input/Output
VIH
0.7 DVDD
DVDD
0.7 DVDD
DVDD
V
VIL
DGND
0.3 DVDD
DGND
0.3 DVDD
V
VOH
IOH = 5mA
0.8 DVDD
DVDD
0.8 DVDD
DVDD
V
VOL
IOL = 5mA
DGND
0.2 DVDD
DGND
0.2 DVDD
V
Input leakage(4)
0 < VIN DIGITAL < DVDD
±10
±10
µA
Master clock rate (fCLK)
0.1
27
0.1
27
MHz
SPI format
24 fDATA
fCLK
24 fDATA
fCLK
MHz
Serial clock
rate (f
)(5)
High-Speed mode
64 fDATA
64 fDATA
64 fDATA
64 fDATA
MHz
Serial clock
rate (fSCLK)(5)
Frame-Sync format
High-Resolution mode
128 fDATA
128 fDATA
128 fDATA
128 fDATA
MHz
SCLK
Frame-Sync format
Low-Power mode
64 fDATA
64 fDATA
64 fDATA
64 fDATA
MHz
Power Supply
AVDD
4.75
5
5.25
4.75
5
5.25
V
DVDD
1.65
3.6
1.65
3.6
V
High-Speed mode
17
25
17
25
mA
High-Resolution mode
17
25
17
25
mA
AVDD current
Low-Power mode
6.3
9.5
6.3
9.5
mA
AVDD current
Power-Down mode
T > 85
°C
1
70
1
70
µA
Power-Down mode
T
≤ 85°C
1
10
1
10
µA
High-Speed mode
3.5
6
3.5
6
mA
High-Resolution mode
2.5
5
2.5
5
mA
DVDD current
Low-Power mode
1.8
3.5
1.8
3.5
mA
DVDD current
Power-Down mode
T > 85
°C, DVDD = 3.3V
1
70
1
70
µA
Power-Down mode
T
≤ 85°C, DVDD = 3.3V
1
20
1
20
µA
Power
High-Speed mode
92
136
92
136
mW
Power
dissipation
High-Resolution mode
90
134
90
134
mW
dissipation
Low-Power mode
35
54
35
54
mW
Temperature Range
Specified
−40
+105
−40
+105
_C
Operating
−40
+105
−40
+105
_C
Storage
−60
+150
−60
+150
_C
(1) FSR = full-scale range = 2VREF.
(2) Minimum SNR is ensured by the limit of the DC noise specification.
(3) THD includes the first nine harmonics of the input signal.
(4) MODE and FORMAT pins excluded.
(5) See the text for more details on SCLK.


Similar Part No. - ADS1271IPW

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1271IPW BURR-BROWN-ADS1271IPW Datasheet
381Kb / 29P
   24 BIT WIDE BANDWIDTH ANALOG TO DIGITAL CONVERTER
ADS1271IPWR BURR-BROWN-ADS1271IPWR Datasheet
381Kb / 29P
   24 BIT WIDE BANDWIDTH ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com