Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM1705BPTP3 Datasheet(PDF) 3 Page - Texas Instruments

Part # AM1705BPTP3
Description  AM1705 ARM Microprocessor
Download  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1705BPTP3 Datasheet(HTML) 3 Page - Texas Instruments

  AM1705BPTP3 Datasheet HTML 1Page - Texas Instruments AM1705BPTP3 Datasheet HTML 2Page - Texas Instruments AM1705BPTP3 Datasheet HTML 3Page - Texas Instruments AM1705BPTP3 Datasheet HTML 4Page - Texas Instruments AM1705BPTP3 Datasheet HTML 5Page - Texas Instruments AM1705BPTP3 Datasheet HTML 6Page - Texas Instruments AM1705BPTP3 Datasheet HTML 7Page - Texas Instruments AM1705BPTP3 Datasheet HTML 8Page - Texas Instruments AM1705BPTP3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 164 page
background image
AM1705
www.ti.com
SPRS657D – FEBRUARY 2010 – REVISED MARCH 2013
1.2
Description
The device is a low-power ARM microprocessor based on an ARM926EJ-S™.
The device enables OEMs and ODMs to quickly bring to market devices featuring robust operating
systems support, rich user interfaces, and high processing performance life through the maximum
flexibility of a fully integrated mixed processor solution.
The ARM926EJ-S is a 32-bit RISC processor core that performs 32-bit or 16-bit instructions and
processes 32-bit, 16-bit, or 8-bit data. The core uses pipelining so that all parts of the processor and
memory system can operate continuously.
The ARM core has a coprocessor 15 (CP15), protection module, and Data and program Memory
Management Units (MMUs) with table look-aside buffers. It has separate 16K-byte instruction and 16K-
byte data caches. Both are four-way associative with virtual index virtual tag (VIVT). The ARM core also
has a 8KB RAM (Vector Table) and 64KB ROM.
The peripheral set includes: a 10/100 Mb/s Ethernet MAC (EMAC) with a Management Data Input/Output
(MDIO) module; two inter-integrated circuit (I2C) Bus interfaces; 3 multichannel audio serial port (McASP)
with serializers and FIFO buffers; 2 64-bit general-purpose timers each configurable (one configurable as
watchdog); up to 8 banks of 16 pins of general-purpose input/output (GPIO) with programmable
interrupt/event generation modes, multiplexed with other peripherals; 3 UART interfaces (one with RTS
and CTS); 3 enhanced high-resolution pulse width modulator (eHRPWM) peripherals; 3 32-bit enhanced
capture (eCAP) module peripherals which can be configured as 3 capture inputs or 3 auxiliary pulse width
modulator (APWM) outputs; 2 32-bit enhanced quadrature pulse (eQEP) peripherals; and 2 external
memory interfaces: an asynchronous and SDRAM external memory interface (EMIFA) for slower
memories or peripherals, and a higher speed memory interface (EMIFB) for SDRAM.
The Ethernet Media Access Controller (EMAC) provides an efficient interface between the device and the
network. The EMAC supports both 10Base-T and 100Base-TX, or 10 Mbits/second (Mbps) and 100 Mbps
in either half- or full-duplex mode. Additionally an Management Data Input/Output (MDIO) interface is
available for PHY configuration.
TheI2C, SPI, and USB2.0 ports allow the device to easily control peripheral devices and/or communicate
with host processors.
The rich peripheral set provides the ability to control external peripheral devices and communicate with
external processors. For details on each of the peripherals, see the related sections later in this document
and the associated peripheral reference guides.
The device has a complete set of development tools for the ARM. These include C compilers and a
Windows™ debugger interface for visibility into source code execution.
Copyright © 2010–2013, Texas Instruments Incorporated
AM1705 ARM Microprocessor
3
Submit Documentation Feedback
Product Folder Links: AM1705


Similar Part No. - AM1705BPTP3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM1705BPTP3 TI-AM1705BPTP3 Datasheet
991Kb / 155P
[Old version datasheet]   AM1705 ARM Microprocessor
AM1705BPTP3 TI-AM1705BPTP3 Datasheet
999Kb / 155P
[Old version datasheet]   AM1705 ARM Microprocessor
AM1705BPTP3 TI-AM1705BPTP3 Datasheet
1Mb / 156P
[Old version datasheet]   AM1705 ARM Microprocessor
AM1705BPTP3 TI1-AM1705BPTP3 Datasheet
1Mb / 165P
[Old version datasheet]   AM1705 ARM짰 Microprocessor
More results

Similar Description - AM1705BPTP3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM1705_1004 TI-AM1705_1004 Datasheet
999Kb / 155P
[Old version datasheet]   AM1705 ARM Microprocessor
AM1705 TI-AM1705 Datasheet
991Kb / 155P
[Old version datasheet]   AM1705 ARM Microprocessor
AM1705_1007 TI-AM1705_1007 Datasheet
1Mb / 156P
[Old version datasheet]   AM1705 ARM Microprocessor
AM1705 TI1-AM1705_16 Datasheet
1Mb / 165P
[Old version datasheet]   AM1705 ARM짰 Microprocessor
AM1705 TI-AM1705_15 Datasheet
1Mb / 165P
[Old version datasheet]   AM1705 ARM짰 Microprocessor
AM1808 TI1-AM1808_12 Datasheet
1Mb / 262P
[Old version datasheet]   ARM Microprocessor
AM3517 TI-AM3517 Datasheet
2Mb / 184P
[Old version datasheet]   ARM Microprocessor
AM1806_101 TI-AM1806_101 Datasheet
1Mb / 243P
[Old version datasheet]   ARM Microprocessor
AM1707_1008 TI-AM1707_1008 Datasheet
1Mb / 199P
[Old version datasheet]   ARM Microprocessor
AM1806 TI1-AM1806_11 Datasheet
1Mb / 244P
[Old version datasheet]   AM1806 ARM Microprocessor
APRIL2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com