Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ20Z80DBT-V110 Datasheet(PDF) 4 Page - Texas Instruments

Part # BQ20Z80DBT-V110
Description  SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ20Z80DBT-V110 Datasheet(HTML) 4 Page - Texas Instruments

  BQ20Z80DBT-V110 Datasheet HTML 1Page - Texas Instruments BQ20Z80DBT-V110 Datasheet HTML 2Page - Texas Instruments BQ20Z80DBT-V110 Datasheet HTML 3Page - Texas Instruments BQ20Z80DBT-V110 Datasheet HTML 4Page - Texas Instruments BQ20Z80DBT-V110 Datasheet HTML 5Page - Texas Instruments BQ20Z80DBT-V110 Datasheet HTML 6Page - Texas Instruments BQ20Z80DBT-V110 Datasheet HTML 7Page - Texas Instruments BQ20Z80DBT-V110 Datasheet HTML 8Page - Texas Instruments BQ20Z80DBT-V110 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
bq20z80
bq20z80A
SLUS782 – JULY 2007
over operating free-air temperature range (unless otherwise noted)
(1)
RANGE
VDDAand VDDD relative to VSS
(2)
Supply voltage range
–0.3 V to 4.1 V
V(IOD) relative to VSS
(2)
Open-drain I/O pins
–0.3 V to 6 V
VI relative to VSS
(2)
Input voltage range to all other pins
–0.3 V to VDDA + 0.3 V
TA
Operating free-air temperature range
–40
°C to 85°C
Tstg
Storage temperature range
–65
°C to 150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
VSS refers to the common node of V(SSA) and V(SSD).
VDD = 3 V to 3.6 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD
Supply voltage
VDDA and VDDD
3
3.3
3.6
V
No flash programming
350(1)
IDD
Operating mode current
μA
bq20z80 + bq29312A
375
Sleep mode
8(1)
I(SLP) Low-power storage mode current
μA
bq20z80 + bq29312A
28
Shutdown Mode
0.1(1)
I(SLP) Shutdown Current
μA
bq20z80 + bq29312A
0.1
Output voltage low SMBC, SMBD, SDATA, SCLK, SAFE,
IOL = 0.5 mA
0.4
V
SAFE, PU
VOL
LED1 – LED5
IOL = 10 mA
0.4
V
VOH
Output high voltage, SMBC, SMBD, SDATA, SCLK, SAFE,
IOH = –1 mA
VDD – 0.5
V
SAFE, PU
VIL
Input voltage low SMBC, SMBD, SDATA, SCLK, XALERT,
–0.3
0.8
V
PRES, PFIN
DISP
–0.3
0.8
V
VIH
Input voltage high SMBC, SMBD, SDATA, SCLK, XALERT,
2
6
V
PRES, PFIN
DISP
2
VDD + 0.3
V
CIN
Input capacitance
5
pF
V(AI1) Input voltage range VIN, TS1, TS2
VSS– 0.3
0.8 x VDD
V
V(AI2) Input voltage range SR1, SR2
VSS– 0.25
0.25
Z(AI1) Input impedance SR1, SR2
0 V–1 V
2.5
M
Z(AI2) Input impedance VIN, TS1, TS2
0 V–1 V
8
M
(1)
This value does not include the bq29312A
4
Submit Documentation Feedback


Similar Part No. - BQ20Z80DBT-V110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z80DBT-V110 TI-BQ20Z80DBT-V110 Datasheet
482Kb / 22P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29312A
More results

Similar Description - BQ20Z80DBT-V110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z70 TI1-BQ20Z70_15 Datasheet
788Kb / 17P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK?
BQ20Z80 TI1-BQ20Z80_14 Datasheet
1Mb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK?
BQ20Z45-R1 TI-BQ20Z45-R1 Datasheet
248Kb / 18P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z655 TI1-BQ20Z655 Datasheet
323Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK
BQ20Z45 TI-BQ20Z45 Datasheet
488Kb / 20P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z655-R1 TI-BQ20Z655-R1_13 Datasheet
863Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z45-R1 TI1-BQ20Z45-R1_17 Datasheet
1Mb / 23P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track
BQ20Z95 TI-BQ20Z95 Datasheet
530Kb / 20P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE and PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z65-R1 TI-BQ20Z65-R1 Datasheet
355Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z655-R1 TI1-BQ20Z655-R1 Datasheet
644Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com