Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ20Z80DBTR-V110 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ20Z80DBTR-V110
Description  SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ20Z80DBTR-V110 Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ20Z80DBTR-V110 Datasheet HTML 7Page - Texas Instruments BQ20Z80DBTR-V110 Datasheet HTML 8Page - Texas Instruments BQ20Z80DBTR-V110 Datasheet HTML 9Page - Texas Instruments BQ20Z80DBTR-V110 Datasheet HTML 10Page - Texas Instruments BQ20Z80DBTR-V110 Datasheet HTML 11Page - Texas Instruments BQ20Z80DBTR-V110 Datasheet HTML 12Page - Texas Instruments BQ20Z80DBTR-V110 Datasheet HTML 13Page - Texas Instruments BQ20Z80DBTR-V110 Datasheet HTML 14Page - Texas Instruments BQ20Z80DBTR-V110 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
www.ti.com
SBS Commands
bq20z80
bq20z80A
SLUS782 – JULY 2007
FEATURE SET (continued)
Table 1. SBS COMMANDS
SBS Cmd
Mode
Name
Format
Size in
Min
Max
Default Value
Unit
Bytes
Value
Value
0x00
R/W
ManufacturerAccess
hex
2
0x0000
0xffff
0x01
R/W
RemainingCapacityAlarm
unsigned int
2
0
65535
mAh or
10mWh
0x02
R/W
RemainingTimeAlarm
unsigned int
2
0
65535
min
0x03
R/W
BatteryMode
hex
2
0x0000
0xffff
0x04
R/W
AtRate
signed int
2
–32768
32767
mA or 10mW
0x05
R
AtRateTimeToFull
unsigned int
2
0
65535
min
0x06
R
AtRateTimeToEmpty
unsigned int
2
0
65535
min
0x07
R
AtRateOK
unsigned int
2
0
65535
0x08
R
Temperature
unsigned int
2
0
65535
0.1
°K
0x09
R
Voltage
unsigned int
2
0
20000
mV
0x0a
R
Current
signed int
2
–32768
32767
mA
0x0b
R
AverageCurrent
signed int
2
–32768
32767
mA
0x0c
R
MaxError
unsigned int
1
0
100
%
0x0d
R
RelativeStateOfCharge
unsigned int
1
0
100
%
0x0e
R
AbsoluteStateOfCharge
unsigned int
1
0
100
%
0x0f
R
RemainingCapacity
unsigned int
2
0
65535
mAh or
10mWh
0x10
R
FullChargeCapacity
unsigned int
2
0
65535
mAh or
10mWh
0x11
R
RunTimeToEmpty
unsigned int
2
0
65535
min
0x12
R
AverageTimeToEmpty
unsigned int
2
0
65535
min
0x13
R
AverageTimeToFull
unsigned int
2
0
65535
min
0x14
R
ChargingCurrent
unsigned int
2
0
65535
mA
0x15
R
ChargingVoltage
unsigned int
2
0
65535
mV
0x16
R
BatteryStatus
unsigned int
2
0x0000
0xffff
0x17
R/W
CycleCount
unsigned int
2
0
65535
0x18
R/W
DesignCapacity
unsigned int
2
0
65535
mAh or
10mWh
0x19
R/W
DesignVoltage
unsigned int
2
7000
16000
14400
mV
0x1a
R/W
SpecificationInfo
unsigned int
2
0x0000
0xffff
0x0031
0x1b
R/W
ManufactureDate
unsigned int
2
0
65535
0
0x1c
R/W
SerialNumber
hex
2
0x0000
0xffff
0x0001
0x20
R/W
ManufacturerName
String
11+1
Texas Instruments
ASCII
0x21
R/W
DeviceName
String
7+1
bq20z80
ASCII
0x22
R/W
DeviceChemistry
String
4+1
LION
ASCII
0x23
R
ManufacturerData
String
14+1
ASCII
0x2f
R/W
Authenticate
String
20+1
ASCII
0x3c
R
CellVoltage4
unsigned int
2
0
65535
mV
0x3d
R
CellVoltage3
unsigned int
2
0
65535
mV
0x3e
R
CellVoltage2
unsigned int
2
0
65535
mV
0x3f
R
CellVoltage1
unsigned int
2
0
65535
mV
11
Submit Documentation Feedback


Similar Part No. - BQ20Z80DBTR-V110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z80DBTR-V110 TI-BQ20Z80DBTR-V110 Datasheet
482Kb / 22P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z80DBTR-V110 TI1-BQ20Z80DBTR-V110 Datasheet
1Mb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK?
More results

Similar Description - BQ20Z80DBTR-V110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z70 TI1-BQ20Z70_15 Datasheet
788Kb / 17P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK?
BQ20Z80 TI1-BQ20Z80_14 Datasheet
1Mb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK?
BQ20Z45-R1 TI-BQ20Z45-R1 Datasheet
248Kb / 18P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z655 TI1-BQ20Z655 Datasheet
323Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK
BQ20Z45 TI-BQ20Z45 Datasheet
488Kb / 20P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z655-R1 TI-BQ20Z655-R1_13 Datasheet
863Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z45-R1 TI1-BQ20Z45-R1_17 Datasheet
1Mb / 23P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track
BQ20Z95 TI-BQ20Z95 Datasheet
530Kb / 20P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE and PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z65-R1 TI-BQ20Z65-R1 Datasheet
355Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z655-R1 TI1-BQ20Z655-R1 Datasheet
644Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com