Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ20Z80DBTR-V110G4 Datasheet(PDF) 5 Page - Texas Instruments

Part # BQ20Z80DBTR-V110G4
Description  SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ20Z80DBTR-V110G4 Datasheet(HTML) 5 Page - Texas Instruments

  BQ20Z80DBTR-V110G4 Datasheet HTML 1Page - Texas Instruments BQ20Z80DBTR-V110G4 Datasheet HTML 2Page - Texas Instruments BQ20Z80DBTR-V110G4 Datasheet HTML 3Page - Texas Instruments BQ20Z80DBTR-V110G4 Datasheet HTML 4Page - Texas Instruments BQ20Z80DBTR-V110G4 Datasheet HTML 5Page - Texas Instruments BQ20Z80DBTR-V110G4 Datasheet HTML 6Page - Texas Instruments BQ20Z80DBTR-V110G4 Datasheet HTML 7Page - Texas Instruments BQ20Z80DBTR-V110G4 Datasheet HTML 8Page - Texas Instruments BQ20Z80DBTR-V110G4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
www.ti.com
POWER-ON RESET
2.10
2.15
2.20
2.25
2.30
2.35
2.40
2.45
2.50
-20 -10
0
10 20 30 40 50 60 70 80
100
105
110
115
120
125
130
135
140
TA - Free-Air Temperature - °C
POWER ON RESET BEHAVIOR
vs
FREE-AIR TEMPERATURE
VIT-
Vhys
INTEGRATING ADC (Coulomb Counter) CHARACTERISTICS
PLL SWITCHING CHARACTERISTICS
OSCILLATOR
bq20z80
bq20z80A
SLUS782 – JULY 2007
VDD = 3 V to 3.6 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT–
Negative-going voltage input
2.1
2.3
2.5
V
VHYS
Power-on reset hysteresis
50
150
200
mV
VDD = 3 V to 3.6 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(SR)
Input voltage range, V(SR2) and V(SR1)
V(SR) = V(SR2) – V(SR1)
–0.25
0.25
V
V(SROS)
Input offset
1
μV
INL
Integral nonlinearity error
0.004%
0.019%
VDD = 3 V to 3.6 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t(SP)
Start-up time (1)
0.5% frequency error
2
5
ms
(1)
The frequency error is measured from the trimmed frequency of the internal system clock which is 128 oscillator frequency, nominally
4.194 MHz.
VDD = 3 V to 3.6 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ROSC = 100 k
–2%
0.25%
2%
f(exo)
Frequency error from 32.768 kHz
ROSC = 100 k
Ω, V
DD = 3.3 V
–1%
0.25%
1%
XCK1 = 12-pF XTAL
–0.25%
0.25%
ROSC = 100 k
250
μs
f(sxo)
Start-up time (1)
XCK1 = 12-pF XTAL
200
ms
(1)
The start-up time is defined as the time it takes for the oscillator output frequency to be within 1% of the specified frequency.
5
Submit Documentation Feedback


Similar Part No. - BQ20Z80DBTR-V110G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z80DBTR-V110 TI-BQ20Z80DBTR-V110 Datasheet
482Kb / 22P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z80DBTR-V110 TI1-BQ20Z80DBTR-V110 Datasheet
1Mb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK?
More results

Similar Description - BQ20Z80DBTR-V110G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z70 TI1-BQ20Z70_15 Datasheet
788Kb / 17P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK?
BQ20Z80 TI1-BQ20Z80_14 Datasheet
1Mb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK?
BQ20Z45-R1 TI-BQ20Z45-R1 Datasheet
248Kb / 18P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z655 TI1-BQ20Z655 Datasheet
323Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK
BQ20Z45 TI-BQ20Z45 Datasheet
488Kb / 20P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z655-R1 TI-BQ20Z655-R1_13 Datasheet
863Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z45-R1 TI1-BQ20Z45-R1_17 Datasheet
1Mb / 23P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track
BQ20Z95 TI-BQ20Z95 Datasheet
530Kb / 20P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE and PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z65-R1 TI-BQ20Z65-R1 Datasheet
355Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z655-R1 TI1-BQ20Z655-R1 Datasheet
644Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com