Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24170RGYR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24170RGYR
Description  1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24170RGYR Datasheet(HTML) 2 Page - Texas Instruments

  BQ24170RGYR Datasheet HTML 1Page - Texas Instruments BQ24170RGYR Datasheet HTML 2Page - Texas Instruments BQ24170RGYR Datasheet HTML 3Page - Texas Instruments BQ24170RGYR Datasheet HTML 4Page - Texas Instruments BQ24170RGYR Datasheet HTML 5Page - Texas Instruments BQ24170RGYR Datasheet HTML 6Page - Texas Instruments BQ24170RGYR Datasheet HTML 7Page - Texas Instruments BQ24170RGYR Datasheet HTML 8Page - Texas Instruments BQ24170RGYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
PVCC
PVCC
AVCC
ACN
ACP
CMSRC
ACDRV
STAT
TS
TTC
PGND
PGND
BTST
REGN
BATDRV
OVPSET
ACSET
SRP
SRN
CELL/FB
1
24
AGND
2
3
4
5
6
7
8
9
10
11
23
22
21
20
19
18
17
16
15
14
12
13
bq24170
bq24172
SLUSAD2B
– NOVEMBER 2010 – REVISED APRIL 2011
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
RGY PACKAGE
DESCRIPTION (CONTINUED)
(TOP VIEW)
The bq24170/172 provides power path selector gate
driver ACDRV/CMSRC on input NMOS pair ACFET
(Q1) and RBFET (Q2), and BATDRV on a battery
PMOS device (Q3). When the qualified adapter is
present, the system is directly connected to the
adapter. Otherwise, the system is connected to the
battery. In addition, the power path prevents battery
from boosting back to the input.
The bq24170/172 charges a battery from a DC
source as high as 17V, including a car battery. The
input over-voltage limit is adjustable through the
OVPSET pin. The AVCC, ACP, and ACN pins have a
30V rating. When a high voltage DC source is
inserted, Q1/Q2 remain off to avoid high voltage
damage to the system.
For 1 cell applications, if the battery is not removable,
the system can be directly connected to the battery to
SPACER
simplify the power path design and lower the cost.
SPACER
With this configuration, the battery can automatically
supplement the system load if the adapter is
SPACER
overloaded.
SPACER
The bq24170/172 is available in a 24-pin, 3.5mm x
5.5mm thin QFN package.
PIN FUNCTIONS
PIN
TYPE
DESCRIPTION
NO.
NAME
1,24
SW
P
Switching node, charge current output inductor connection. Connect the 0.047-
µF bootstrap capacitor
from SW to BTST.
2,3
PVCC
P
Charger input voltage. Connect at least 10-
µF ceramic capacitor from PVCC to PGND and place it as
close as possible to IC.
4
AVCC
P
IC power positive supply. Place a 1-
µF ceramic capacitor from AVCC to AGND and place it as close as
possible to IC. Place a 10-
Ω resistor from input side to AVCC pin to filter the noise. For 5V input, a 5-Ω
resistor is recommended.
5
ACN
I
Adapter current sense resistor negative input. A 0.1-
µF ceramic capacitor is placed from ACN to ACP to
provide differential-mode filtering. An optional 0.1-
µF ceramic capacitor is placed from ACN pin to AGND
for common-mode filtering.
6
ACP
P/I
Adapter current sense resistor positive input. A 0.1-
µF ceramic capacitor is placed from ACN to ACP to
provide differential-mode filtering. A 0.1-
µF ceramic capacitor is placed from ACP pin to AGND for
common-mode filtering.
7
CMSRC
O
Connect to common source of N-channel ACFET and reverse blocking MOSFET (RBFET). Place 4-k
Ω
resistor from CMSRC pin to the common source of ACFET and RBFET to control the turn-on speed. The
resistance between ACDRV and CMSRC should be 500-k
Ω or bigger.
8
ACDRV
O
AC adapter to system switch driver output. Connect to 4-k
Ω resistor then to the gate of the ACFET
N-channel power MOSFET and the reverse conduction blocking N-channel power MOSFET. Connect
both FETs as common-source. The internal gate drive is asymmetrical, allowing a quick turn-off and
slower turn-on in addition to the internal break-before-make logic with respect to the BATDRV.
9
STAT
O
Open-drain charge status pin with 10-k
Ω pull up to power rail. The STAT pin can be used to drive LED or
communicate with the host processor. It indicates various charger operations: LOW when charge in
progress. HIGH when charge is complete or in SLEEP mode. Blinking at 0.5Hz when fault occurs,
including charge suspend, input over-voltage, timer fault and battery absent.
10
TS
I
Temperature qualification voltage input. Connect a negative temperature coefficient thermistor. Program
the hot and cold temperature window with a resistor divider from VREF to TS to AGND. The temperature
qualification window can be set to 5-40
°C or wider. The 103AT thermistor is recommended.
2
Copyright
© 2010–2011, Texas Instruments Incorporated


Similar Part No. - BQ24170RGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24170 TI-BQ24170 Datasheet
2Mb / 35P
[Old version datasheet]   1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
More results

Similar Description - BQ24170RGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24170 TI-BQ24170 Datasheet
2Mb / 35P
[Old version datasheet]   1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
BQ24618 TI-BQ24618 Datasheet
1Mb / 36P
[Old version datasheet]   Stand-Alone USB-Friendly Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger
BQ24133 TI1-BQ24133 Datasheet
2Mb / 35P
[Old version datasheet]   1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger with Integrated MOSFETs and Power Path Selector
BQ24600 TI-BQ24600_1 Datasheet
1Mb / 31P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24600 TI-BQ24600 Datasheet
1Mb / 29P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24610_1002 TI-BQ24610_1002 Datasheet
1Mb / 32P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24610 TI-BQ24610 Datasheet
1Mb / 33P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24610 TI-BQ24610_2 Datasheet
1Mb / 33P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
logo
Eutech Microelectronics...
EUP8207-4.2 EUTECH-EUP8207-4.2 Datasheet
131Kb / 2P
   Switch Mode Li-Ion/Polymer Battery Charger
logo
Shenzhen Huazhimei Semi...
HM4066 HMSEMI-HM4066 Datasheet
1Mb / 19P
   Switch Mode Li-Ion/Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com