Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2060SS-E411TRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # BQ2060SS-E411TRG4
Description  SBS V1.1-COMPLIANT GAS GAUGE IC
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2060SS-E411TRG4 Datasheet(HTML) 5 Page - Texas Instruments

  BQ2060SS-E411TRG4 Datasheet HTML 1Page - Texas Instruments BQ2060SS-E411TRG4 Datasheet HTML 2Page - Texas Instruments BQ2060SS-E411TRG4 Datasheet HTML 3Page - Texas Instruments BQ2060SS-E411TRG4 Datasheet HTML 4Page - Texas Instruments BQ2060SS-E411TRG4 Datasheet HTML 5Page - Texas Instruments BQ2060SS-E411TRG4 Datasheet HTML 6Page - Texas Instruments BQ2060SS-E411TRG4 Datasheet HTML 7Page - Texas Instruments BQ2060SS-E411TRG4 Datasheet HTML 8Page - Texas Instruments BQ2060SS-E411TRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 59 page
background image
www.ti.com
TD201803.eps
tB
tBR
tSTRH
tDSU
tDH
tSSU
tCYCH
Write ”1”
Write ”0”
tSTRB
tDSUB
tDV
tSSUB
tCYCB
Read ”1”
Read ”0”
FUNCTIONAL DESCRIPTION
GENERAL OPERATION
bq2060
SLUS035E – JANUARY 2000 – REVISED OCTOBER 2005
Figure 1. SMBus Timing Data
Figure 2. HDQ16 Break Timing
Figure 3. HDQ16 Host to bq2060
Figure 4. HDQ16 bq2060 to Host
The bq2060 determines battery capacity by monitoring the amount of charge input to or removed from a
rechargeable battery. In addition to measuring charge and discharge, the bq2060 measures battery voltage,
temperature, and current, estimates battery self-discharge, and monitors the battery for low-voltage thresholds.
The bq2060 measures charge and discharge activity by monitoring the voltage across a small-value series sense
resistor between the battery’s negative terminal and the negative terminal of the battery pack. The available
battery charge is determined by monitoring this voltage and correcting the measurement for environmental and
operating conditions.
Figure 5 shows a typical bq2060-based battery pack application. The circuit consists of the LED display, voltage
and temperature measurement networks, EEPROM connections, a serial port, and the sense resistor. The
EEPROM stores basic battery pack configuration information and measurement calibration values. The EEPROM
must be programmed properly for bq2060 operation. Table 10 shows the EEPROM memory map and outlines
the programmable functions available in the bq2060.
5


Similar Part No. - BQ2060SS-E411TRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2060SS-E411TR TI-BQ2060SS-E411TR Datasheet
636Kb / 51P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
More results

Similar Description - BQ2060SS-E411TRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2060 TI-BQ2060 Datasheet
636Kb / 51P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060A TI-BQ2060A Datasheet
722Kb / 46P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060A TI1-BQ2060A_15 Datasheet
1Mb / 61P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2063 TI1-BQ2063_15 Datasheet
1Mb / 60P
[Old version datasheet]   SBS v1.1-COMPLIANT Li-ION GAS-GAUGE IC
BQ2084-V150 TI1-BQ2084-V150 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE WITH LED DELAY
BQ2084DBTR-V150 TI1-BQ2084DBTR-V150 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE WITH LED DELAY
BQ2063 TI-BQ2063 Datasheet
740Kb / 58P
[Old version datasheet]   SBS v1.1-COMPLIANT Li-ION GAS-GAUGE IC WITH PROTECTOR INTERFACE
BQ2084-V143 TI-BQ2084-V143 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084 TI-BQ2084 Datasheet
623Kb / 63P
[Old version datasheet]   SBS v1.1 COMPLIANT GAS GAUGE FOR USE WITH THE BQ29312
BQ2084-V140 TI1-BQ2084-V140_14 Datasheet
822Kb / 64P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com