Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2060SSE207TREPG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # BQ2060SSE207TREPG4
Description  SBS V1.1-COMPLIANT GAS GAUGE IC
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2060SSE207TREPG4 Datasheet(HTML) 2 Page - Texas Instruments

  BQ2060SSE207TREPG4 Datasheet HTML 1Page - Texas Instruments BQ2060SSE207TREPG4 Datasheet HTML 2Page - Texas Instruments BQ2060SSE207TREPG4 Datasheet HTML 3Page - Texas Instruments BQ2060SSE207TREPG4 Datasheet HTML 4Page - Texas Instruments BQ2060SSE207TREPG4 Datasheet HTML 5Page - Texas Instruments BQ2060SSE207TREPG4 Datasheet HTML 6Page - Texas Instruments BQ2060SSE207TREPG4 Datasheet HTML 7Page - Texas Instruments BQ2060SSE207TREPG4 Datasheet HTML 8Page - Texas Instruments BQ2060SSE207TREPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 59 page
background image
www.ti.com
ORDERING INFORMATION
bq2060
SLUS035E – JANUARY 2000 – REVISED OCTOBER 2005
PIN DESCRIPTIONS
TERMINAL
DESCRIPTION
NAME
NO.
Serial communication input/output. Open-drain bidirectional communications
HDQ16
1
port
Serial memory clock. Output to clock the data transfer between the bq2060
ESCL
2
and the external nonvolatile configuration memory
Serial memory data and address. Bidirectional pin used to transfer address
ESDA
3
and data to and from the bq2060 and the external nonvolatile configuration
memory
Register backup input. Input that provides backup potential to the bq2060
RBI
4
registers during periods of low operating voltage. RBI accepts a storage
capacitor or a battery input.
Regulator output. Output to control an n-JFET for VCC regulation to the
REG
5
bq2060 from the battery potential
Supply output. Output that supplies power to the external EEPROM
VOUT
6
configuration memory
VCC
7
Supply voltage input
VSS
8
Ground.
DISP
9
Display control input. Input that controls the LED drivers LED1–LED5
10,11,12,
LED1-LED5
LED display segment outputs. Outputs that each may drive an external LED
13,14
Discharge FET control output. Output to control the discharge FET in the
DFC
15
Li-ion pack protection circuitry
Charge FET controll output. Output to control the charge FET in the Li-ion
CFC
16
pack protection circuitry
Cell voltage divider controll output. Output control for external FETs to
CVON
17
connect the cells to the external voltage dividers during cell voltage
measurements
Thermistor bias control output. Output control for external FETs to connect
THON
18
the thermistor bias resistor during a temperature measurement
Thermistor voltage input. Input connection for a thermistor to monitor
TS
19
temperature
SRC
20
Current sense input. Input to monitor instantaneous current
Charge-flow sense resistor inputs. Input connections for a small value sense
SR1-SR2
21,22
resistor to monitor the battery charge and discharge current flow
VCELL1-
23,24,25,2 Single-cell voltage inputs. Inputs that monitor the series element cell
VCELL4
6
voltages
SMBus data. Open-drain bidirectional pin used to transfer address and data
SMBD
27
to and from the bq2060
SMBus clock. Open-drain bidirectional pin used to clock the data transfer to
SMBC
28
and from the bq2060
For the most current package and ordering information, see the Package Option Addendum at the end of this
document, or see the TI Web site at www.ti.com.
2


Similar Part No. - BQ2060SSE207TREPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2060SS-E207-EP TI-BQ2060SS-E207-EP Datasheet
636Kb / 51P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060SS-E207TR-EP TI-BQ2060SS-E207TR-EP Datasheet
636Kb / 51P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060SS-E411 TI-BQ2060SS-E411 Datasheet
636Kb / 51P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060SS-E411TR TI-BQ2060SS-E411TR Datasheet
636Kb / 51P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
More results

Similar Description - BQ2060SSE207TREPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2060 TI-BQ2060 Datasheet
636Kb / 51P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060A TI-BQ2060A Datasheet
722Kb / 46P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060A TI1-BQ2060A_15 Datasheet
1Mb / 61P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2063 TI1-BQ2063_15 Datasheet
1Mb / 60P
[Old version datasheet]   SBS v1.1-COMPLIANT Li-ION GAS-GAUGE IC
BQ2084-V150 TI1-BQ2084-V150 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE WITH LED DELAY
BQ2084DBTR-V150 TI1-BQ2084DBTR-V150 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE WITH LED DELAY
BQ2063 TI-BQ2063 Datasheet
740Kb / 58P
[Old version datasheet]   SBS v1.1-COMPLIANT Li-ION GAS-GAUGE IC WITH PROTECTOR INTERFACE
BQ2084-V143 TI-BQ2084-V143 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084 TI-BQ2084 Datasheet
623Kb / 63P
[Old version datasheet]   SBS v1.1 COMPLIANT GAS GAUGE FOR USE WITH THE BQ29312
BQ2084-V140 TI1-BQ2084-V140_14 Datasheet
822Kb / 64P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com