Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24200DGNRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ24200DGNRG4
Description  SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24200DGNRG4 Datasheet(HTML) 3 Page - Texas Instruments

  BQ24200DGNRG4 Datasheet HTML 1Page - Texas Instruments BQ24200DGNRG4 Datasheet HTML 2Page - Texas Instruments BQ24200DGNRG4 Datasheet HTML 3Page - Texas Instruments BQ24200DGNRG4 Datasheet HTML 4Page - Texas Instruments BQ24200DGNRG4 Datasheet HTML 5Page - Texas Instruments BQ24200DGNRG4 Datasheet HTML 6Page - Texas Instruments BQ24200DGNRG4 Datasheet HTML 7Page - Texas Instruments BQ24200DGNRG4 Datasheet HTML 8Page - Texas Instruments BQ24200DGNRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
VOLTAGE REGULATION
bq24200, bq24201
bq24202, bq24203
bq24204, bq24205
SLUS501C – OCTOBER 2001 – REVISED MARCH 2008
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
Supply voltage (Vcc with respect to GND)
16.5
V
Input voltage, IN, STAT, TS (all with respect to GND)
16.5
V
Input voltage, BAT, OUT (all with respect to GND)
7
V
Output sink/source current (STAT)
15
mA
Tstg
Storage temperature range
–65 to 150
°C
TJ
Junction temperature range
–40 to 125
°C
Lead temperature (soldering, 10 sec)
300
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
THERMAL IMPEDANCE
THERMAL IMPEDANCE
TA ≤ 25°C
DERATING FACTOR
PACKAGE
JUNCTION-TO-AMBIENT (
θ
JA)
JUNCTION-TO-CASE (
θ
JC)
POWER RATING
ABOVE TA = 25°C
8 Pin DGN(1)
57.20
°C/W
4.4
°C/W
1.75 W
0.017 W/
°C
(1)
This data is based on using JEDEC High-K board and topside traces, top and bottom thermal pad (2 mm
× 3 mm), internal 1 oz. power
and ground planes, four thermal via underneath the die connecting to ground plane.
MIN
MAX
UNIT
VCC
Supply voltage
V(LOWV-MIN)
13.5
V
VIN
Input voltage
V(LOWV-MIN)
13.5
TJ
Operating junction temperature range
–40
125
°C
over 0
°C ≤ T
J ≤ 125°C and supply voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC(VCC)
Vcc Current
Vcc > Vcc(min)
1.7
2.5
mA
Sum of currents into OUT and BAT pins, Vcc <
5
µA
V(SLP), 0°C ≤ TJ ≤ 85°C
ICC(SLP)
Sleep current
Sum of currents into OUT and BAT pins, Vcc <
10
µA
V(SLP)
ICC(STDBY Standby current
Sum of currents into Vcc, IN and TS pins,
1
mA
)
(Vcc–VI(TS)) ≤ 300 mV
IIB(BAT)
Input bias current on BAT pin
1
µA
IIB(TB)
Input bias current on TS pin
0.1
× Vcc ≤ V
I(TS) ≤ 0.8 × Vcc
1
µA
VO(REG) + V(DO.MAX) ≤ VCC, I(TERM) < IO(OUT) ≤500 mA, over 0°C ≤ TJ ≤125°C and supply voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO(REG) + V(DO–MAX) ≤ 10 V, I(TERM) < IO(OUT) ≤ 250 mA
4.0795
4.10
4.1205
V
4.05
4.10
4.15
V
VO(REG)
Output voltage
VO(REG) + V(DO–MAX) ≤ 10 V, I(TERM) < IO(OUT) ≤ 250 mA
4.1790
4.20
4.2210
V
4.15
4.20
4.25
V
V(DO)
Dropout voltage (V(IN) – V(OUT)) VO(REG) + V(DO–MAX) ≤ Vcc, IO(OUT) = 500 mA
200
350
500
mV
Copyright © 2001–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): bq24200, bq24201 bq24202, bq24203 bq24204, bq24205


Similar Part No. - BQ24200DGNRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24200DGN TI-BQ24200DGN Datasheet
203Kb / 14P
[Old version datasheet]   SINGLE CHIP U-I ONAND LI-POL CHARGE MANAGEMENT IC FOR CURRENT LIMITED APPLICATIONS
More results

Similar Description - BQ24200DGNRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24901 TI-BQ24901 Datasheet
266Kb / 18P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR OFFLINE APPLICATIONS
BQ24085DRCR TI-BQ24085DRCR Datasheet
1Mb / 35P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
BQ24200 TI-BQ24200 Datasheet
203Kb / 14P
[Old version datasheet]   SINGLE CHIP U-I ONAND LI-POL CHARGE MANAGEMENT IC FOR CURRENT LIMITED APPLICATIONS
logo
Lowpower Semiconductor ...
LP28056S POWER-LP28056S Datasheet
522Kb / 8P
   1.2A Single-chip Li-ion and Li-POL Charge
logo
Texas Instruments
BQ2406X6X TI-BQ2406X6X_07 Datasheet
1Mb / 33P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ2406X TI-BQ2406X Datasheet
1Mb / 31P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ24010 TI1-BQ24010 Datasheet
977Kb / 24P
[Old version datasheet]   Single-Chip, Li-Ion Charge Management IC
BQ24081 TI-BQ24081 Datasheet
163Kb / 10P
[Old version datasheet]   bq24081EVM 1-A Single-Chip Li-Ion and Li-Pol Charge Management IC Evaluation Module
BQ24085 TI1-BQ24085_17 Datasheet
1Mb / 42P
[Old version datasheet]   750-mA Single-Chip Li-Ion and Li-Pol Charge Management IC With Thermal Regulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com