Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24201DGNG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ24201DGNG4
Description  SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24201DGNG4 Datasheet(HTML) 1 Page - Texas Instruments

  BQ24201DGNG4 Datasheet HTML 1Page - Texas Instruments BQ24201DGNG4 Datasheet HTML 2Page - Texas Instruments BQ24201DGNG4 Datasheet HTML 3Page - Texas Instruments BQ24201DGNG4 Datasheet HTML 4Page - Texas Instruments BQ24201DGNG4 Datasheet HTML 5Page - Texas Instruments BQ24201DGNG4 Datasheet HTML 6Page - Texas Instruments BQ24201DGNG4 Datasheet HTML 7Page - Texas Instruments BQ24201DGNG4 Datasheet HTML 8Page - Texas Instruments BQ24201DGNG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
FEATURES
DESCRIPTION
TYPICAL APPLICATION
bq24200, bq24201
bq24202, bq24203
bq24204, bq24205
SLUS501C – OCTOBER 2001 – REVISED MARCH 2008
www.ti.com
SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED
APPLICATIONS
• Designed Specifically to Work With
Current-Limited Wall Supplies
The bq2420x series are simple Li-Ion linear charge
management devices targeted at low-cost and space
• Ideal for Low Dropout Charger Design for
limited charger applications. The bq2420x series offer
Single-Cell Li-Ion Packs With Coke or Graphite
integrated
powerFET,
high-accuracy
voltage
Anodes
regulation, temperature monitoring, charge status,
• Integrated PowerFET for 500 mA
and charge termination, in a single monolithic device.
• Integrated Voltage Regulation With 0.5%
The
bq2420x
is
designed
to
work
with
a
Accuracy
current-limited wall-mount transformer and therefore
• Battery Insertion and Removal Detection
does not provide any current regulation. However,
these devices offer a fixed internal current limit to
• Charge Termination by Minimum Current and
prevent
damage
to
the
internal
powerFET.
A
Time
time-limited pre-conditioning phase is provided to
• Pre-Charge Conditioning With Safety Timer
condition deeply discharged cells. Once the battery
• Sleep Mode for Low-Power Consumption
reaches the charge voltage, the high accuracy
voltage regulation loop takes over and completes the
• Charge Status Output for LED or Host
charge
cycle.
Charge
is
terminated
based
on
Processor Interface Indicates
minimum current. An internal charge timer provides a
• Charge-in-Progress, Charge Completion, and
backup safety for charge termination.
Fault Conditions
Other standard features include an automatic sleep
• Optional Temperature Monitoring Before and
mode activated when VCC falls below the battery
During Charge
voltage and a recharge feature activated when the
• Small, 8-Pin Power-Pad MSOP Package
battery voltage falls below the VRCH threshold.
In addition to the standard features, the core product
provides two additional enhancements: temperature
monitoring and status display. The temperature-
sense
circuit
continuously
measures
battery
temperature using an external thermistor and inhibits
charge until the battery temperature is within the
user-defined thresholds. The STAT pin indicates
three conditions of operation of the charger. These
conditions are charge-in-progress, charge complete,
and fault. This output can be used to drive an LED or
an interface to a microcontroller.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ24201DGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24201DGN TI-BQ24201DGN Datasheet
203Kb / 14P
[Old version datasheet]   SINGLE CHIP U-I ONAND LI-POL CHARGE MANAGEMENT IC FOR CURRENT LIMITED APPLICATIONS
More results

Similar Description - BQ24201DGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24901 TI-BQ24901 Datasheet
266Kb / 18P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR OFFLINE APPLICATIONS
BQ24085DRCR TI-BQ24085DRCR Datasheet
1Mb / 35P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
BQ24200 TI-BQ24200 Datasheet
203Kb / 14P
[Old version datasheet]   SINGLE CHIP U-I ONAND LI-POL CHARGE MANAGEMENT IC FOR CURRENT LIMITED APPLICATIONS
logo
Lowpower Semiconductor ...
LP28056S POWER-LP28056S Datasheet
522Kb / 8P
   1.2A Single-chip Li-ion and Li-POL Charge
logo
Texas Instruments
BQ2406X6X TI-BQ2406X6X_07 Datasheet
1Mb / 33P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ2406X TI-BQ2406X Datasheet
1Mb / 31P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ24010 TI1-BQ24010 Datasheet
977Kb / 24P
[Old version datasheet]   Single-Chip, Li-Ion Charge Management IC
BQ24081 TI-BQ24081 Datasheet
163Kb / 10P
[Old version datasheet]   bq24081EVM 1-A Single-Chip Li-Ion and Li-Pol Charge Management IC Evaluation Module
BQ24085 TI1-BQ24085_17 Datasheet
1Mb / 42P
[Old version datasheet]   750-mA Single-Chip Li-Ion and Li-Pol Charge Management IC With Thermal Regulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com