Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC121C085CIMM Datasheet(PDF) 5 Page - Texas Instruments

Part # DAC121C085CIMM
Description  12-Bit Micro Power Digital-to-Analog Converter
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC121C085CIMM Datasheet(HTML) 5 Page - Texas Instruments

  DAC121C085CIMM Datasheet HTML 1Page - Texas Instruments DAC121C085CIMM Datasheet HTML 2Page - Texas Instruments DAC121C085CIMM Datasheet HTML 3Page - Texas Instruments DAC121C085CIMM Datasheet HTML 4Page - Texas Instruments DAC121C085CIMM Datasheet HTML 5Page - Texas Instruments DAC121C085CIMM Datasheet HTML 6Page - Texas Instruments DAC121C085CIMM Datasheet HTML 7Page - Texas Instruments DAC121C085CIMM Datasheet HTML 8Page - Texas Instruments DAC121C085CIMM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
DAC121C081, DAC121C085
www.ti.com
SNAS395D – DECEMBER 2007 – REVISED MARCH 2013
Package Thermal Resistances
(1) (2)
Package
θJA
6-Lead SOT
250°C/W
6-Lead WSON
190°C/W
8-Lead VSSOP
240°C/W
(1)
Soldering process must comply with Texas Instruments' Reflow Temperature Profile specifications. Refer to http://www.ti.com/packaging
(SNOA549)
(2)
Reflow temperature profiles are different for lead-free packages.
Electrical Characteristics
Values shown in this table are design targets and are subject to change before product release.
The following specifications apply for VA = +2.7V to +5.5V, VREF = VA, CL = 200 pF to GND, input code range 48 to 4047.
Boldface limits apply for TMIN ≤ TA ≤ TMAX and all other limits are at TA = 25°C, unless otherwise specified.
Units
Symbol
Parameter
Conditions
Typical(1)
Limits(1)
(Limits)
STATIC PERFORMANCE
Resolution
12
Bits (min)
Monotonicity
12
Bits (min)
+2.2
+8
LSB (max)
INL
Integral Non-Linearity
−1.5
−8
LSB (min)
+0.18
+0.6
LSB (max)
DNL
Differential Non-Linearity
−0.12
−0.5
LSB (min)
ZE
Zero Code Error
IOUT = 0
+1.1
+10
mV (max)
FSE
Full-Scale Error
IOUT = 0
−0.1
−0.7
%FSR (max)
GE
Gain Error
All ones Loaded to DAC register
−0.2
−0.7
%FSR (max)
ZCED
Zero Code Error Drift
−20
µV/°C
VA = 3V
−0.7
ppm FSR/°C
TC GE
Gain Error Tempco
VA = 5V
−1.0
ppm FSR/°C
ANALOG OUTPUT CHARACTERISTICS (VOUT)
0
V (min)
DAC121C085
VREF
V (max)
Output Voltage Range(2)
0
V (min)
DAC121C081
VA
V (max)
VA = 3V, IOUT = 200 µA
1.3
mV
ZCO
Zero Code Output
VA = 5V, IOUT = 200 µA
7.0
mV
VA = 3V, IOUT = 200 µA
2.984
V
FSO
Full Scale Output
VA = 5V, IOUT = 200 µA
4.989
V
VA = 3V, VOUT = 0V, Input Code = FFFh.
56
mA
Output Short Circuit Current
IOS
(ISOURCE)
VA = 5V, VOUT = 0V, Input Code = FFFh.
69
mA
VA = 3V, VOUT = 3V, Input Code = 000h.
−52
mA
Output Short Circuit Current
IOS
(ISINK)
VA = 5V, VOUT = 5V, Input Code = 000h.
−75
mA
IO
Continuous Output Current(2)
Available on the DAC output
11
mA (max)
RL = ∞
1500
pF
CL
Maximum Load Capacitance
RL = 2kΩ
1500
pF
ZOUT
DC Output Impedance
7.5
REFERENCE INPUT CHARACTERISTICS- (DAC121C085 only)
Input Range Minimum
0.2
1.0
V (min)
VREF
Input Range Maximum
VA
V (max)
Input Impedance
120
k
(1)
Typical figures are at TJ = 25°C, and represent most likely parametric norms. Test limits are specified to AOQL (Average Outgoing
Quality Level).
(2)
This parameter is specified by design and/or characterization and is not tested in production.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DAC121C081 DAC121C085


Similar Part No. - DAC121C085CIMM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC121C085 NSC-DAC121C085 Datasheet
681Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
DAC121C085 NSC-DAC121C085 Datasheet
683Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
More results

Similar Description - DAC121C085CIMM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC121C081 TI1-DAC121C081_16 Datasheet
1Mb / 41P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286 Datasheet
165Kb / 11P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DAC121S101 TI1-DAC121S101_15 Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit Micro Power, RRO Digital-to-Analog Converter
ADS1286 TI1-ADS1286_14 Datasheet
491Kb / 18P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
DAC121S101 TI1-DAC121S101_14 Datasheet
1Mb / 28P
[Old version datasheet]   12-Bit Micro Power, RRO Digital-to-Analog Converter
ADS1286 TI1-ADS1286_16 Datasheet
483Kb / 17P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286_06 Datasheet
141Kb / 14P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286 BURR-BROWN-ADS1286_12 Datasheet
479Kb / 18P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101_10 Datasheet
474Kb / 20P
   12-Bit Micro Power, RRO Digital-to-Analog Converter
logo
Texas Instruments
DAC121S101QML TI1-DAC121S101QML Datasheet
372Kb / 25P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter with Railto-
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com