Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83640TVV Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DP83640TVV
Description  DP83640 Precision PHYTER - IEEE 1588 Precision Time Protocol Transceiver
Download  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83640TVV Datasheet(HTML) 1 Page - Texas Instruments

  DP83640TVV Datasheet HTML 1Page - Texas Instruments DP83640TVV Datasheet HTML 2Page - Texas Instruments DP83640TVV Datasheet HTML 3Page - Texas Instruments DP83640TVV Datasheet HTML 4Page - Texas Instruments DP83640TVV Datasheet HTML 5Page - Texas Instruments DP83640TVV Datasheet HTML 6Page - Texas Instruments DP83640TVV Datasheet HTML 7Page - Texas Instruments DP83640TVV Datasheet HTML 8Page - Texas Instruments DP83640TVV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 137 page
background image
DP83640
www.ti.com
SNOSAY8E – SEPTEMBER 2007 – REVISED APRIL 2013
DP83640 Precision PHYTER™ - IEEE 1588 Precision Time Protocol Transceiver
Check for Samples: DP83640
1
Introduction
1.1
Features
123
• IEEE 1588 V1 and V2 Supported
• Error-free Operation up to 150 Meters CAT5
Cable
• UDP/IPv4, UDP/IPv6, and Layer2 Ethernet
Packets Supported
• ESD Protection - 8 kV Human Body Model
• IEEE 1588 Clock Synchronization
• 2.5 V and 3.3 V I/Os and MAC Interface
• Timestamp Resolution of 8 ns
• Auto-MDIX for 10/100 Mbps
• Allows Sub 10 ns Synchronization to Master
• RMII Rev. 1.2 and MII MAC Interface
Reference
• 25 MHz MDC and MDIO Serial Management
• 12 IEEE 1588 GPIOs for Trigger or Capture
Interface
• Deterministic, Low Transmit and Receive
• IEEE 802.3u 100BASE-FX Fiber Interface
Latency
• IEEE 1149.1 JTAG
• Selectable Frequency Synchronized Clock
• Programmable LED Support for Link, 10 /100
Output
Mb/s Mode, Duplex, Activity, and Collision
• Dynamic Link Quality Monitoring
Detect
• TDR Based Cable Diagnostic and Cable Length
• Optional 100BASE-TX Fast Link-loss Detection
Detection
• Industrial Temperature Range
• 10/100 Mb/s Packet BIST (Built in Self Test)
• 48 pin LQFP Package (7mm) x (7mm)
1.2
Applications
Factory Automation
Ethernet/IP
CIP Sync
Test and Measurement
LXI Standard
Telecom
Basestation
Real Time Networking
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PHYTER is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright © 2007–2013, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.


Similar Part No. - DP83640TVV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83640TVV TI1-DP83640TVV Datasheet
1Mb / 136P
[Old version datasheet]   DP83640 Precision PHYTER - IEEE 1588 Precision Time Protocol Transceiver
More results

Similar Description - DP83640TVV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83640TVV TI1-DP83640TVV Datasheet
1Mb / 136P
[Old version datasheet]   DP83640 Precision PHYTER - IEEE 1588 Precision Time Protocol Transceiver
logo
National Semiconductor ...
DP83640 NSC-DP83640 Datasheet
2Mb / 114P
   Precision PHYTER - IEEE 1588 Precision Time Protocol Transceiver
logo
Texas Instruments
DP83630SQE TI1-DP83630SQE Datasheet
1Mb / 135P
[Old version datasheet]   DP83630 Precision PHYTER??- IEEE 1588 Precision Time Protocol Transceiver
DP83640 TI1-DP83640_14 Datasheet
1Mb / 129P
[Old version datasheet]   Precision PHYTER - IEEE짰 1588 Precision Time Protocol Transceiver
logo
National Semiconductor ...
DP83640 NSC-DP83640_08 Datasheet
2Mb / 124P
   Precision PHYTER - IEEE짰 1588 Precision Time Protocol Transceiver
logo
Texas Instruments
DP83630 TI1-DP83630 Datasheet
1Mb / 128P
[Old version datasheet]   DP83630 Precision PHYTER - IEEE짰 1588 Precision Time Protocol Transceiver
logo
Micrel Semiconductor
KSZ8463ML MICREL-KSZ8463ML Datasheet
3Mb / 259P
   IEEE 1588 Precision Time Protocol-Enabled, Three-Port, 10/100-Managed Switch with MII or RMII
KSZ8463RL MICREL-KSZ8463RL Datasheet
3Mb / 259P
   IEEE 1588 Precision Time Protocol- Enabled, Three-Port, 10/100-Managed Switch with MII or RMII
KSZ8462HL MICREL-KSZ8462HL Datasheet
3Mb / 279P
   IEEE 1588 Precision Time Protocol-Enabled Two-Port 10/100Mb/s Ethernet Switch with 8 or 16 Bit Host Interface
logo
Renesas Technology Corp
8A34012 RENESAS-8A34012 Datasheet
2Mb / 104P
   Port Synchronizer for IEEE 1588 Frequency and Time/Phase
November 30, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com