Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB7L72M Datasheet(PDF) 2 Page - ON Semiconductor

Part # NB7L72M
Description  Multi?묹evel Inputs w/ Internal Termination
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB7L72M Datasheet(HTML) 2 Page - ON Semiconductor

  NB7L72M Datasheet HTML 1Page - ON Semiconductor NB7L72M Datasheet HTML 2Page - ON Semiconductor NB7L72M Datasheet HTML 3Page - ON Semiconductor NB7L72M Datasheet HTML 4Page - ON Semiconductor NB7L72M Datasheet HTML 5Page - ON Semiconductor NB7L72M Datasheet HTML 6Page - ON Semiconductor NB7L72M Datasheet HTML 7Page - ON Semiconductor NB7L72M Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NB7L72M
http://onsemi.com
2
VT1 SEL1 GND VCC
VT0 SEL0 GND VCC
Q0
Q0
Q1
Q1
IN0
IN0
IN1
IN1
56
7
8
16
15
14
13
12
11
10
9
1
2
3
4
NB7L72M
Exposed Pad (EP)
Figure 2. Pin Configuration (Top View)
Table 1. INPUT/OUTPUT SELECT TRUTH TABLE
SEL0*
SEL1*
Q0
Q1
L
L
IN0
IN0
L
H
IN0
IN1
H
L
IN1
IN0
H
H
IN1
IN1
*Defaults HIGH when left open
Table 2. PIN DESCRIPTION
Pin
Name
I/O
Description
1
IN0
LVPECL, CML,
LVDS Input
Noninverted Differential Input. (Note 1)
2
IN0
LVPECL, CML,
LVDS Input
Inverted Differential Input. (Note 1)
3
IN1
LVPECL, CML,
LVDS Input
Inverted Differential Input. (Note 1)
4
IN1
LVPECL, CML,
LVDS Input
Noninverted Differential Input. (Note 1)
5
VT1
Internal 50 W Termination Pin for IN1 and IN1.
6
SEL1
LVCMOS Input
Input Select logic pin for IN0 or IN1 Inputs to Q1 output. See Table 1, Input/Output Select Truth
Table; pin defaults HIGH when left open.
7
GND
Negative Supply Voltage
8
VCC
Positive Supply Voltage
9
Q1
CML Output
Noninverted Differential Output. (Note 1)
10
Q1
CML Output
Inverted Differential Output. (Note 1)
11
Q0
CML Output
Inverted Differential Output. (Note 1)
12
Q0
CML Output
Noninverted Differential Output. (Note 1)
13
VCC
Positive Supply Voltage
14
GND
Negative Supply Voltage
15
SEL0
LVCMOS Input
Input Select logic pin for IN0 or IN1 Inputs to Q0 output. See Table 1, Input/Output Select Truth
Table; pin defaults HIGH when left open.
16
VT0
Internal 50 W Termination Pin for IN0 and IN0
EP
The Exposed Pad (EP) on the QFN−16 package bottom is thermally connected to the die for
improved heat transfer out of package. The exposed pad must be attached to a heat−sinking
conduit. The pad is electrically connected to the die, and is recommended to be electrically and
thermally connected to GND on the PC board.
1. In the differential configuration when the input termination pins (VT0, VT1) are connected to a common termination voltage or left open, and
if no signal is applied on INx/INx input, then the device will be susceptible to self−oscillation.
2. All VCC and GND pins must be externally connected to a power supply for proper operation.


Similar Part No. - NB7L72M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7L72M ONSEMI-NB7L72M Datasheet
148Kb / 8P
   Multi?묹evel Inputs w/ Internal Termination
September, 2008 ??Rev. 1
NB7L72M ONSEMI-NB7L72M Datasheet
90Kb / 8P
   Differential 2 x 2 Crosspoint Switch with CML Outputs Clock/Data Buffer/Translator
January, 2017 ??Rev. 4
NB7L72MMNG ONSEMI-NB7L72MMNG Datasheet
148Kb / 8P
   Multi?묹evel Inputs w/ Internal Termination
September, 2008 ??Rev. 1
NB7L72MMNG ONSEMI-NB7L72MMNG Datasheet
90Kb / 8P
   Differential 2 x 2 Crosspoint Switch with CML Outputs Clock/Data Buffer/Translator
January, 2017 ??Rev. 4
NB7L72MMNHTBG ONSEMI-NB7L72MMNHTBG Datasheet
90Kb / 8P
   Differential 2 x 2 Crosspoint Switch with CML Outputs Clock/Data Buffer/Translator
January, 2017 ??Rev. 4
More results

Similar Description - NB7L72M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7L1008M ONSEMI-NB7L1008M Datasheet
154Kb / 10P
   Multi?묹evel Inputs w/ Internal Termination
December, 2008 ??Rev. 0
NB7L72M ONSEMI-NB7L72M Datasheet
148Kb / 8P
   Multi?묹evel Inputs w/ Internal Termination
September, 2008 ??Rev. 1
NB6VQ572M ONSEMI-NB6VQ572M Datasheet
1Mb / 11P
   Multi?묹evel Inputs w/ Internal Termination
April, 2009 ??Rev. 0
NB7VQ14M ONSEMI-NB7VQ14M Datasheet
173Kb / 10P
   Multi?묹evel Inputs Internal Termination
December, 2010 ??Rev. 0
NB6L11M ONSEMI-NB6L11M_07 Datasheet
84Kb / 9P
   2.5V / 3.3V 1:2 Differential CML Fanout Buffer Multi?묹evel Inputs w/ Internal Termination
March, 2007 ??Rev. 1
logo
Renesas Technology Corp
8S89875I RENESAS-8S89875I Datasheet
621Kb / 17P
   Differential-to-LVDS Buffer/Divider w/Internal Termination
January 11, 2018
logo
Integrated Device Techn...
ICS889872 IDT-ICS889872 Datasheet
1Mb / 14P
   DIFFERENTIAL-TO-LVDS BUFFER/DIVIDER W/INTERNAL TERMINATION
logo
Renesas Technology Corp
8S89876I RENESAS-8S89876I Datasheet
591Kb / 16P
   Differential-to-LVDS Buffer/Divider w/Internal Termination
January 11, 2018
logo
ON Semiconductor
NB4L52 ONSEMI-NB4L52_07 Datasheet
135Kb / 8P
   2.5 V/3.3 V/5.0 V Differential Data/Clock D Flip-Flop with Reset Multi-Level Inputs to LVPECL Translator w/ Internal Termination
January, 2007 ??Rev. 2
logo
Exar Corporation
SP339B EXAR-SP339B Datasheet
719Kb / 23P
   TRANSCEIVER WITH INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com