Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB7L72MMNTXG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NB7L72MMNTXG
Description  Multi?묹evel Inputs w/ Internal Termination
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB7L72MMNTXG Datasheet(HTML) 5 Page - ON Semiconductor

  NB7L72MMNTXG Datasheet HTML 1Page - ON Semiconductor NB7L72MMNTXG Datasheet HTML 2Page - ON Semiconductor NB7L72MMNTXG Datasheet HTML 3Page - ON Semiconductor NB7L72MMNTXG Datasheet HTML 4Page - ON Semiconductor NB7L72MMNTXG Datasheet HTML 5Page - ON Semiconductor NB7L72MMNTXG Datasheet HTML 6Page - ON Semiconductor NB7L72MMNTXG Datasheet HTML 7Page - ON Semiconductor NB7L72MMNTXG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NB7L72M
http://onsemi.com
5
Table 6. AC CHARACTERISTICS VCC = 2.375 V to 3.6 V; GND = 0 V; TA = −40°C to 85°C (Note 11)
Symbol
Characteristic
Min
Typ
Max
Unit
fMAX
Maximum Input Clock Frequency
VOUT w 250 mV
VOUT w 200 mV
7.0
8.5
GHz
fDATAMAX Maximum Operating Data Rate (PRBS23)
10
Gbps
VOUTPP
Output Voltage Amplitude (@ VINPPmin)
fin ≤ 8.5 GHz
(See Figures 3 and 10, Note 12)
200
400
mV
tPLH,
tPHL
Propagation Delay to Differential Outputs,
@ 1GHz, Measured at Differential Cross−point
INn/INn to Qn/Qn
SELn to Qn/Qn
110
150
180
ps
tPLH TC
Propagation Delay Temperature Coefficient
50
Dfs/°C
tSKEW
Output−to−Output Skew (within device) (Note 13)
Device−to−Device Skew (tpdmax – tpdmin)
10
20
ps
tDC
Output Clock Duty Cycle (Reference Duty Cycle = 50%) fin v 8.5GHz
45
50
55
%
tjitter
RJ – Output Random Jitter (Note 14)
fin v 8.5 GHz
DJ – Deterministic Jitter (Note 15)
v 10 Gbps
0.2
0.5
10
ps RMS
ps pk−pk
VINPP
Input Voltage Swing (Differential Configuration) (Note 16)
100
1200
mV
tr,, tf
Output Rise/Fall Times @ 1 GHz (20% − 80%),
Q, Q
25
30
50
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
11. Measured using a 400 mV source, 50% duty cycle clock source. All output loading with external 50 W to VCC. Input edge rates w40 ps
(20% − 80%).
12.Output voltage swing is a single−ended measurement operating in differential mode.
13.Skew is measured between outputs under identical transitions and conditions. Duty cycle skew is defined only for differential operation when
the delays are measured from cross−point of the inputs to the cross−point of the outputs.
14.Additive RMS jitter with 50% duty cycle clock signal.
15.Additive Peak−to−Peak data dependent jitter with input NRZ data at PRBS23.
16.Input voltage swing is a single−ended measurement operating in differential mode.
Figure 3. CLOCK Output Voltage Amplitude
(VOUTPP) vs. Input Frequency (fin) at Ambient
Temperature (Typ)
fin, Clock Input Frequency (GHz)
500
450
400
350
300
200
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
Q AMP (mV)
Figure 4. Input Structure
50 W
50 W
VTn
VCC
INn
INn
250


Similar Part No. - NB7L72MMNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7L72MMNTXG ONSEMI-NB7L72MMNTXG Datasheet
90Kb / 8P
   Differential 2 x 2 Crosspoint Switch with CML Outputs Clock/Data Buffer/Translator
January, 2017 ??Rev. 4
More results

Similar Description - NB7L72MMNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7L1008M ONSEMI-NB7L1008M Datasheet
154Kb / 10P
   Multi?묹evel Inputs w/ Internal Termination
December, 2008 ??Rev. 0
NB7L72M ONSEMI-NB7L72M Datasheet
148Kb / 8P
   Multi?묹evel Inputs w/ Internal Termination
September, 2008 ??Rev. 1
NB6VQ572M ONSEMI-NB6VQ572M Datasheet
1Mb / 11P
   Multi?묹evel Inputs w/ Internal Termination
April, 2009 ??Rev. 0
NB7VQ14M ONSEMI-NB7VQ14M Datasheet
173Kb / 10P
   Multi?묹evel Inputs Internal Termination
December, 2010 ??Rev. 0
NB6L11M ONSEMI-NB6L11M_07 Datasheet
84Kb / 9P
   2.5V / 3.3V 1:2 Differential CML Fanout Buffer Multi?묹evel Inputs w/ Internal Termination
March, 2007 ??Rev. 1
logo
Renesas Technology Corp
8S89875I RENESAS-8S89875I Datasheet
621Kb / 17P
   Differential-to-LVDS Buffer/Divider w/Internal Termination
January 11, 2018
logo
Integrated Device Techn...
ICS889872 IDT-ICS889872 Datasheet
1Mb / 14P
   DIFFERENTIAL-TO-LVDS BUFFER/DIVIDER W/INTERNAL TERMINATION
logo
Renesas Technology Corp
8S89876I RENESAS-8S89876I Datasheet
591Kb / 16P
   Differential-to-LVDS Buffer/Divider w/Internal Termination
January 11, 2018
logo
ON Semiconductor
NB4L52 ONSEMI-NB4L52_07 Datasheet
135Kb / 8P
   2.5 V/3.3 V/5.0 V Differential Data/Clock D Flip-Flop with Reset Multi-Level Inputs to LVPECL Translator w/ Internal Termination
January, 2007 ??Rev. 2
logo
Exar Corporation
SP339B EXAR-SP339B Datasheet
719Kb / 23P
   TRANSCEIVER WITH INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com