Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDM3001 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # NDM3001
Description  3 Phase Brushless Motor Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NDM3001 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button NDM3001 Datasheet HTML 4Page - Fairchild Semiconductor NDM3001 Datasheet HTML 5Page - Fairchild Semiconductor NDM3001 Datasheet HTML 6Page - Fairchild Semiconductor NDM3001 Datasheet HTML 7Page - Fairchild Semiconductor NDM3001 Datasheet HTML 8Page - Fairchild Semiconductor NDM3001 Datasheet HTML 9Page - Fairchild Semiconductor NDM3001 Datasheet HTML 10Page - Fairchild Semiconductor NDM3001 Datasheet HTML 11Page - Fairchild Semiconductor NDM3001 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
NDM3001 Rev.C
0
0.2
0.4
0.6
0.8
1
0.5
1
1.5
2
2.5
3
3.5
2oz COPPER MOUNTING PAD AREA (in )
2
4.5"x5" FR-4 PCB
Ta = 25C
Still Air
1c
1b
1a
0.5
0.8 1
2
5
10
30
50
0.01
0.03
0.1
0.3
1
3
10
20
±V
, DRAIN-SOURCE VOLTAGE (V)
DS
1s
100ms
10s
DC
10ms
1ms
RDS(ON)
LIMIT
V
= ±10V
SINGLE PULSE
R
= See Note 1c
T
= 25°C
A
θJA
GS
Typical Thermal and Electrical Characteristics
Figure 26. P-Ch DC Drain Current Capability versus
Copper Mounting Pad Area.
0.0001
0.001
0.01
0.1
1
10
100
300
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
t , TIME (sec)
1
Single Pulse
D = 0.5
0.1
0.05
0.02
0.01
0.2
Duty Cycle, D = t
/ t
1
2
R
(t) = r(t) * R
R
= See Note 1c
θJA
θJA
θJA
T - T
= P * R
(t)
θJA
A
J
P(pk)
t1
t 2
0
0.2
0.4
0.6
0.8
1
1.5
2
2.5
3
3.5
2oz COPPER MOUNTING PAD AREA (in
)
4.5"x5" FR-4 PCB
Ta = 25C
Still Air
Vgs = -10V
2
1c
1b
1a
Figure 25. SOIC-16 3 Leadframe Device DC Power
Dissipation versus Copper Mounting Pad Area.
Figure 28. P-Ch Typical Safe Operating Area
.
0
0.2
0.4
0.6
0.8
1
2.5
3
3.5
4
4.5
2oz COPPER MOUNTING PAD AREA (in
)
4.5"x5" FR-4 PCB
Ta = 25C
Still Air
Vgs =10V
2
1c
1b
1a
Figure 27. N-Ch DC Drain Current Capability
versus Copper Mounting Pad Area.
Figure 29. Transient Thermal Response Curve
.
Note:
Thermal characterization performed using the conditions described in note 1c. Transient thermal response will change
depending on the circuit board design.


Similar Part No. - NDM3001

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDM3000 FAIRCHILD-NDM3000 Datasheet
246Kb / 12P
   3 Phase Brushless Motor Driver
More results

Similar Description - NDM3001

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1689D SANYO-LB1689D Datasheet
110Kb / 4P
   3-Phase Brushless Motor Driver????
LB1687 SANYO-LB1687 Datasheet
86Kb / 4P
   3-Phase Brushless Motor Driver???
logo
ON Semiconductor
LB1927 ONSEMI-LB1927 Datasheet
271Kb / 11P
   3-phase Brushless Motor Driver
May, 2013
LB8111V ONSEMI-LB8111V Datasheet
160Kb / 15P
   3-phase Brushless Motor Driver
August, 2014
LV8112VB ONSEMI-LV8112VB Datasheet
206Kb / 15P
   3-phase Brushless Motor Driver
November 2014 - Rev. 1
logo
Sanyo Semicon Device
LB1687M SANYO-LB1687M Datasheet
101Kb / 5P
   3-Phase Brushless Motor Driver???
LB1619M SANYO-LB1619M Datasheet
141Kb / 6P
   3-Phase Brushless Motor Driver
LB1688 SANYO-LB1688 Datasheet
96Kb / 4P
   3-Phase Brushless Motor Driver????
LB1851M SANYO-LB1851M Datasheet
141Kb / 6P
   3-phase Brushless Motor Driver?
LB1980JH SANYO-LB1980JH Datasheet
106Kb / 7P
   3-Phase Brushless Motor Driver
logo
Renesas Technology Corp
M56733AFP RENESAS-M56733AFP Datasheet
186Kb / 7P
   3-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com