Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4624DMU50TCG Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP4624DMU50TCG
Description  150 mA, Wide Input Range, LDO Linear Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4624DMU50TCG Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP4624DMU50TCG Datasheet HTML 6Page - ON Semiconductor NCP4624DMU50TCG Datasheet HTML 7Page - ON Semiconductor NCP4624DMU50TCG Datasheet HTML 8Page - ON Semiconductor NCP4624DMU50TCG Datasheet HTML 9Page - ON Semiconductor NCP4624DMU50TCG Datasheet HTML 10Page - ON Semiconductor NCP4624DMU50TCG Datasheet HTML 11Page - ON Semiconductor NCP4624DMU50TCG Datasheet HTML 12Page - ON Semiconductor NCP4624DMU50TCG Datasheet HTML 13Page - ON Semiconductor NCP4624DMU50TCG Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
NCP4624
http://onsemi.com
10
TYPICAL CHARACTERISTICS
0
50
100
150
2.1
2.5
2.9
3.3
3.7
4.1
4.5
0
40
80
120 160 200 240 280 320 360 400
Figure 31. Load Transients, 3.3 V Version, Load
Step 50 mA to 100 mA, VIN = 4.3 V
t (ms)
4.3
4.7
5.1
5.5
5.9
6.3
6.7
0
50
100
150
0
40
80
120 160 200 240 280 320 360 400
Figure 32. Load Transients, 5.5 V Version, Load
Step 50 mA to 100 mA, VIN = 6.5 V
t (ms)
0.0
1.5
3.0
4.5
−0.3
0.0
0.3
0.6
0.9
1.2
0
40
80
120 160 200 240 280 320 360 400
Figure 33. Turn−on Behavior, 1.2 Version,
VIN = 3 V
t (ms)
Chip Enable
IOUT = 1 mA
IOUT = 30 mA
IOUT = 150 mA


Similar Part No. - NCP4624DMU50TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4620 ONSEMI-NCP4620 Datasheet
332Kb / 16P
   150 mA, 10 V, Low Dropout Regulator
December, 2010 ??Rev. P0
NCP4620 ONSEMI-NCP4620 Datasheet
376Kb / 16P
   150 mA, 10 V, Low Dropout Regulator
May, 2012 ??Rev. 4
NCP4620 ONSEMI-NCP4620 Datasheet
376Kb / 16P
   150 mA, 10 V, Low Dropout Regulator
May, 2012 ??Rev. 4
NCP4620DSN15T1G ONSEMI-NCP4620DSN15T1G Datasheet
376Kb / 16P
   150 mA, 10 V, Low Dropout Regulator
May, 2012 ??Rev. 4
NCP4620DSN15T1G ONSEMI-NCP4620DSN15T1G Datasheet
376Kb / 16P
   150 mA, 10 V, Low Dropout Regulator
May, 2012 ??Rev. 4
More results

Similar Description - NCP4624DMU50TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4629 ONSEMI-NCP4629_11 Datasheet
801Kb / 15P
   500 mA, Wide Input Range, LDO Linear Voltage Regulator
June, 2011 ??Rev. 0
NCP4629 ONSEMI-NCP4629 Datasheet
118Kb / 6P
   500 mA, Wide Input Range, LDO Linear Voltage Regulator
December, 2010 ??Rev. P1
NCP4641H030T1G ONSEMI-NCP4641H030T1G Datasheet
332Kb / 14P
   150 mA, Wide Input Range, Voltage Regulator
December, 2010 ??Rev. 0
NCP4641H050T1G ONSEMI-NCP4641H050T1G Datasheet
332Kb / 14P
   150 mA, Wide Input Range, Voltage Regulator
December, 2010 ??Rev. 0
logo
Nisshinbo Micro Devices...
R1154X NISSHINBO-R1154X Datasheet
648Kb / 26P
   150 mA Voltage Regulator (Wide Input Voltage Range)
logo
ON Semiconductor
NCP4623HMXADJTCG ONSEMI-NCP4623HMXADJTCG Datasheet
379Kb / 20P
   150 mA, Wide Input Voltage Range, Low Dropout Regulator
February, 2012 ??Rev. 2
logo
Renesas Technology Corp
RAA214250 RENESAS-RAA214250 Datasheet
1Mb / 36P
   500mA 20V Wide Input Voltage Range LDO Linear Regulator
Oct 14, 2021
logo
ON Semiconductor
NCP4587DMX12TCG ONSEMI-NCP4587DMX12TCG Datasheet
404Kb / 19P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
February, 2012 ??Rev. 3
NCP4688DMU28TCG ONSEMI-NCP4688DMU28TCG Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4587 ONSEMI-NCP4587 Datasheet
132Kb / 8P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
November, 2010 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com