Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4624DSN12T1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP4624DSN12T1G
Description  150 mA, Wide Input Range, LDO Linear Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4624DSN12T1G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP4624DSN12T1G Datasheet HTML 1Page - ON Semiconductor NCP4624DSN12T1G Datasheet HTML 2Page - ON Semiconductor NCP4624DSN12T1G Datasheet HTML 3Page - ON Semiconductor NCP4624DSN12T1G Datasheet HTML 4Page - ON Semiconductor NCP4624DSN12T1G Datasheet HTML 5Page - ON Semiconductor NCP4624DSN12T1G Datasheet HTML 6Page - ON Semiconductor NCP4624DSN12T1G Datasheet HTML 7Page - ON Semiconductor NCP4624DSN12T1G Datasheet HTML 8Page - ON Semiconductor NCP4624DSN12T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
NCP4624
http://onsemi.com
3
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Characteristics, SOT−23−5
Thermal Resistance, Junction−to−Air
RqJA
238
°C/W
Thermal Characteristics, uDFN 1x1
Thermal Resistance, Junction−to−Air
RqJA
250
°C/W
Thermal Characteristics, SC−88A
Thermal Resistance, Junction−to−Air
RqJA
263
°C/W
ELECTRICAL CHARACTERISTICS −40°C ≤ TA ≤ 85°C; CIN = COUT = 0.1 mF, unless otherwise noted. Typical values are at
TA = +25°C.
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
1.2 V < VOUT < 4.5 V
VIN
2.5
Vset +
6.5
V
4.5 V ≤ VOUT < 5.5 V
11
Output Voltage
Ta = 25°C, VOUT > 1.5 V
VOUT
x0.99
x1.01
V
−40°C < TA < 85°C, VOUT > 1.5V
x0.982
x1.018
TA = 25°C, VOUT < 1.5 V
−15
+15
mV
−40°C < TA < 85°C, VOUT < 1.5V
−28
+28
Output Voltage Temp. Coefficient
VIN = VOUT + 2 V, IOUT = 100 mA, TA = −40 to
105°C
±100
ppm/°C
Line Regulation
Set VOUT + 0.5 V < VIN < VIN max, IOUT = 1 mA
LineReg
0.02
0.20
%/V
Load Regulation
VIN = VOUT + 2 V, 0.1mA < IOUT ≤ 150 mA
LoadReg
−35
−3
35
mV
Dropout Voltage
IOUT = 150 mA
1.2 V ≤ VOUT < 1.3 V
VDO
1.68
2.59
V
1.3 V ≤ VOUT < 1.5 V
1.63
2.49
1.5 V ≤ VOUT < 1.8 V
1.48
2.23
1.8 V ≤ VOUT < 2.3 V
1.16
2.19
2.3 V ≤ VOUT < 3.0 V
0.90
1.47
3.0 V ≤ VOUT < 4.0 V
0.61
1.05
4.0 V ≤ VOUT ≤ 5.5 V
0.39
0.76
Output Current
IOUT
150
mA
Short Current Limit
VOUT = 0 V
ISC
45
mA
Quiescent Current
Iout = 0 mA
IQ
2.0
3.7
mA
Standby Current
VIN = VIN max , VCE = 0 V
ISTB
0.2
0.6
mA
CE Pin Pull−Down Current
IPD
0.3
0.9
mA
CE Pin Threshold Voltage
CE Input Voltage “H”
VCEH
1.7
VIN
V
CE Input Voltage “L”
VCEL
0
0.8
Reverse Current
0 V ≤ VIN < 11 V, VOUT > 1.5 V
IREV
0
0.16
mA
Reverse Current Detection Offset
0 V ≤ VIN < 11 V, VOUT > 1.5 V
VREV_DET
55
100
mV
Reverse Current Release Offset
0 V ≤ VIN < 11 V, VOUT > 1.5 V
VREV_REL
70
120
mV
Power Supply Rejection Ratio
VIN = VOUT + 2.5 V,
ΔVIN_PK−PK = 0.3 V,
IOUT = 50 mA, f = 1 kHz
VOUT = 1.2 V
PSRR
27
dB
VOUT = 2.5 V
22
VOUT = 3.3 V
18
VOUT = 5.5 V
15
Output Noise Voltage
VOUT = 1.2 V, IOUT = 30 mA, f = 100 Hz to 100 kHz VNOISE
105
mVrms
Autodischarge NMOS Resist-
ance
VIN = 7.0 V, VCE = 0.0 V (D version only)
RDSON
380
W


Similar Part No. - NCP4624DSN12T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4620 ONSEMI-NCP4620 Datasheet
332Kb / 16P
   150 mA, 10 V, Low Dropout Regulator
December, 2010 ??Rev. P0
NCP4620 ONSEMI-NCP4620 Datasheet
376Kb / 16P
   150 mA, 10 V, Low Dropout Regulator
May, 2012 ??Rev. 4
NCP4620 ONSEMI-NCP4620 Datasheet
376Kb / 16P
   150 mA, 10 V, Low Dropout Regulator
May, 2012 ??Rev. 4
NCP4620DSN15T1G ONSEMI-NCP4620DSN15T1G Datasheet
376Kb / 16P
   150 mA, 10 V, Low Dropout Regulator
May, 2012 ??Rev. 4
NCP4620DSN15T1G ONSEMI-NCP4620DSN15T1G Datasheet
376Kb / 16P
   150 mA, 10 V, Low Dropout Regulator
May, 2012 ??Rev. 4
More results

Similar Description - NCP4624DSN12T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4629 ONSEMI-NCP4629_11 Datasheet
801Kb / 15P
   500 mA, Wide Input Range, LDO Linear Voltage Regulator
June, 2011 ??Rev. 0
NCP4629 ONSEMI-NCP4629 Datasheet
118Kb / 6P
   500 mA, Wide Input Range, LDO Linear Voltage Regulator
December, 2010 ??Rev. P1
NCP4641H030T1G ONSEMI-NCP4641H030T1G Datasheet
332Kb / 14P
   150 mA, Wide Input Range, Voltage Regulator
December, 2010 ??Rev. 0
NCP4641H050T1G ONSEMI-NCP4641H050T1G Datasheet
332Kb / 14P
   150 mA, Wide Input Range, Voltage Regulator
December, 2010 ??Rev. 0
logo
Nisshinbo Micro Devices...
R1154X NISSHINBO-R1154X Datasheet
648Kb / 26P
   150 mA Voltage Regulator (Wide Input Voltage Range)
logo
ON Semiconductor
NCP4623HMXADJTCG ONSEMI-NCP4623HMXADJTCG Datasheet
379Kb / 20P
   150 mA, Wide Input Voltage Range, Low Dropout Regulator
February, 2012 ??Rev. 2
logo
Renesas Technology Corp
RAA214250 RENESAS-RAA214250 Datasheet
1Mb / 36P
   500mA 20V Wide Input Voltage Range LDO Linear Regulator
Oct 14, 2021
logo
ON Semiconductor
NCP4587DMX12TCG ONSEMI-NCP4587DMX12TCG Datasheet
404Kb / 19P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
February, 2012 ??Rev. 3
NCP4688DMU28TCG ONSEMI-NCP4688DMU28TCG Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4587 ONSEMI-NCP4587 Datasheet
132Kb / 8P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
November, 2010 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com