Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NOIV1SN1300A Datasheet(PDF) 5 Page - ON Semiconductor

Part # NOIV1SN1300A
Description  VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOIV1SN1300A Datasheet(HTML) 5 Page - ON Semiconductor

  NOIV1SN1300A Datasheet HTML 1Page - ON Semiconductor NOIV1SN1300A Datasheet HTML 2Page - ON Semiconductor NOIV1SN1300A Datasheet HTML 3Page - ON Semiconductor NOIV1SN1300A Datasheet HTML 4Page - ON Semiconductor NOIV1SN1300A Datasheet HTML 5Page - ON Semiconductor NOIV1SN1300A Datasheet HTML 6Page - ON Semiconductor NOIV1SN1300A Datasheet HTML 7Page - ON Semiconductor NOIV1SN1300A Datasheet HTML 8Page - ON Semiconductor NOIV1SN1300A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 76 page
background image
NOIV1SN1300A, NOIV2SN1300A
http://onsemi.com
5
Table 5. ELECTRICAL SPECIFICATIONS
Boldface limits apply for TJ = TMIN to TMAX, all other limits TJ = +30°C. (Notes 5, 6 and 7)
Parameter
Description
Min
Typ
Max
Units
Power Supply Parameters - V1-SN/SE LVDS
vdd_33
Supply voltage, 3.3 V
3.0
3.3
3.6
V
Idd_33
Current consumption 3.3 V supply
90
110
130
mA
vdd_18
Supply voltage, 1.8 V
1.6
1.8
2.0
V
Idd_18
Current consumption 1.8 V supply
45
60
75
mA
vdd_pix
Supply voltage, pixel
3.0
3.3
3.6
V
Idd_pix
Current consumption pixel supply
0.8
1.8
2.5
mA
Ptot
Total power consumption at vdd_33 = 3.3 V, vdd_18 = 1.8 V
375
475
575
mW
Pstby_lp
Power consumption in low power standby mode. See Silicon Errata
on page 66
50
mW
Popt
Power consumption at lower pixel rates
Configurable
Power Supply Parameters - V2-SN/SE CMOS
vdd_33
Supply voltage, 3.3 V
3.0
3.3
3.6
V
Idd_33
Current consumption 3.3 V supply
70
90
110
mA
vdd_18
Supply voltage, 1.8 V
1.6
1.8
2.0
V
Idd_18
Current consumption 1.8 V supply
4
7
10
mA
vdd_pix
Supply voltage, pixel
3.0
3.3
3.6
V
Idd_pix
Current consumption pixel supply
0.5
1
mA
Ptot
Total power consumption
220
290
360
mW
Pstby_lp
Power consumption in low power standby mode. See Silicon Errata
on page 66
50
mW
Popt
Power consumption at lower pixel rates
Configurable
I/O - V2-SN/SE CMOS (JEDEC- JESD8C-01): Conforming to standard/additional specifications and deviations listed
fpardata
Data rate on parallel channels (10-bit)
62
Mbps
Cout
Output load (only capacitive load)
10
pF
tr
Rise time (10% to 90% of input signal)
2.5
4.5
6.5
ns
tf
Fall time (10% to 90% of input signal)
2
3.5
5
ns
I/O - V1-SN/SE LVDS (EIA/TIA-644): Conforming to standard/additional specifications and deviations listed
fserdata
Data rate on data channels
DDR signaling - 4 data channels, 1 synchronization channel;
620
Mbps
fserclock
Clock rate of output clock
Clock output for mesochronous signaling
310
MHz
Vicm
LVDS input common mode level
0.3
1.25
2.2
V
Tccsk
Channel to channel skew (Training pattern allows per channel skew
correction)
50
ps
V1-SN/SE LVDS Electrical/Interface
fin
Input clock rate when PLL used
62
MHz
fin
Input clock when LVDS input used
310
MHz
tidc
Input clock duty cycle when PLL used
40
50
60
%
tj
Input clock jitter
20
ps
fspi
SPI clock rate when PLL used at fin = 62 MHz
10
MHz
V2-SN/SE CMOS Electrical/Interface
fin
Input clock rate
62
MHz


Similar Part No. - NOIV1SN1300A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIV1SN1300A ONSEMI-NOIV1SN1300A Datasheet
768Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
NOIV1SN1300A-QDC ONSEMI-NOIV1SN1300A-QDC Datasheet
768Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
NOIV1SN1300A-XXC ONSEMI-NOIV1SN1300A-XXC Datasheet
768Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
NOIV1SN1300A ONSEMI-NOIV1SN1300A_16 Datasheet
768Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
More results

Similar Description - NOIV1SN1300A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIV1SN1300A ONSEMI-NOIV1SN1300A_16 Datasheet
768Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
NOIV1SE5000A ONSEMI-NOIV1SE5000A Datasheet
754Kb / 70P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SN5000A ONSEMI-NOIV1SN5000A Datasheet
772Kb / 71P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SE2000A-QDC ONSEMI-NOIV1SE2000A-QDC Datasheet
808Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 5
NOIV1SN2000A ONSEMI-NOIV1SN2000A Datasheet
814Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 6
PYTHON480 ONSEMI-PYTHON480 Datasheet
853Kb / 69P
   Megapixel Global Shutter CMOS Image Sensor
July, 2017 ??Rev. 1
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
   20 Megapixel global shutter CMOS image sensor
logo
ON Semiconductor
NOIP1SN1300A ONSEMI-NOIP1SN1300A Datasheet
101Kb / 2P
   PYTHON 0.3/0.5/1.3 Megapixel Global Shutter CMOS Image Sensors
October, 2014 ??Rev. P2
logo
ams AG
MIRA130 AMSCO-MIRA130 Datasheet
1Mb / 53P
   1.3 MP NIR Enhanced Global Shutter CMOS Image Sensor
v5-00 2022-Apr-05
logo
Cypress Semiconductor
CYII4SM1300AA CYPRESS-CYII4SM1300AA Datasheet
1Mb / 35P
   IBIS4-1300 1.3 MPxl Rolling Shutter CMOS Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com