Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3490-1 Datasheet(PDF) 4 Page - 3M Electronics

Part # 3490-1
Description  3M??Accessories
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3490-1 Datasheet(HTML) 4 Page - 3M Electronics

  3490-1 Datasheet HTML 1Page - 3M Electronics 3490-1 Datasheet HTML 2Page - 3M Electronics 3490-1 Datasheet HTML 3Page - 3M Electronics 3490-1 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Important Notice
All statements, technical information, and recommendations related to 3M’s products are based on information believed to be reliable, but the accuracy or completeness
is not guaranteed. Before using this product, you must evaluate it and determine if it is suitable for your intended application. You assume all risks and liability associated
with such use. Any statements related to the product which are not contained in 3M’s current publications, or any contrary statements contained on your purchase order
shall have no force or effect unless expressly agreed upon, in writing, by an authorized officer of 3M.
Warranty; Limited Remedy; Limited Liability.
This product will be free from defects in material and manufacture for a period of 90 days from the time of purchase.
3M MAKES NO OTHER WARRANTIES INCLUDING,
BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE. If this product is defective within the warranty
period stated above, your exclusive remedy shall be, at 3M’s option, to replace or repair the 3M product or refund the purchase price of the 3M product.
Except where
prohibited by law, 3M will not be liable for any indirect, special, incidental or consequential loss or damage arising from this 3M product, regardless of the
legal theory asserted.
Please recycle. Printed in USA.
© 3M 2008. All rights reserved.
RIA-2217A-E
3
3M Electronics Solutions Division
6801 River Place Blvd.
Austin, TX 78726-9000
U.S.A.
1-800-225-5373
www.3m.com/interconnects
3M is a trademark of 3M Company.
Appendix C3: China RoHS
Electronic Industry Standard of the People’s Republic of China, SJ/T11363-2006, Requirements for Concentration Limits for
Certain Hazardous Substances in Electronic Information Products.
This symbol, per Marking for the Control of Pollution Caused by Electronic Information Products, SJ/T11364-2006, means that
the product or part does contain a substance, as detailed in the chart below, in excess of the following maximum concentration
values in any homogeneous material: (a) 0.1% (by weight) for lead, mercury, hexavalent chromium, polybrominated biphenyls or
polybrominated diphenyl ethers (excluding decaBDE); or (b) 0.01% (by weight) for cadmium. Unless otherwise stated by 3M in
writing, this information represents 3M’s best knowledge and belief based upon information provided by third party suppliers to 3M.
The numerical reference in the symbol above should not be construed as a representation regarding the product’s life or an
extension of a product warranty. The product warranty is stated below. In the event any product is proven not to conform with
3M’s Regulatory Information Appendix, then 3M’s entire liability and Buyer’s exclusive remedy will be in accordance with the
product Warranty stated below.


Similar Part No. - 3490-1

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3490-1 3M-3490-1 Datasheet
20Kb / 1P
   100 X 100, Wiremount Socket
3490-1 3M-3490-1 Datasheet
392Kb / 4P
   .100 x .100 Wiremount Socket
3490-10 3M-3490-10 Datasheet
392Kb / 4P
   .100 x .100 Wiremount Socket
More results

Similar Description - 3490-1

ManufacturerPart #DatasheetDescription
logo
3M Electronics
TR-600 3M-TR-600 Datasheet
716Kb / 1P
   3M??Versaflo??TR-600 Series Parts and Accessories
2018
3341-6 3M-3341-6 Datasheet
170Kb / 4P
   3M Pak 100 Header Accessories .100??횞 .100??Latch/Ejector
logo
Weidmuller
9025920000 WEIDMULLER-9025920000 Datasheet
899Kb / 20P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-12 PF-BCM-12 Datasheet
106Kb / 1P
   Accessories
PTA-08-50 PF-PTA-08-50 Datasheet
90Kb / 1P
   Accessories
logo
3M Electronics
30NF 3M-30NF Datasheet
524Kb / 9P
   3M FastbondTM
9969 3M-9969 Datasheet
344Kb / 2P
   3M??Transfer Adhesive Tape featuring 3M??PCAT
9691020000DA 3M-9691020000DA Datasheet
378Kb / 5P
   3M??Shunt
MP180 3M-MP180 Datasheet
764Kb / 1P
   3M??PocketProjector
logo
List of Unclassifed Man...
RYC8220-3M ETC-RYC8220-3M Datasheet
149Kb / 2P
   RYC8220-3M
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com