Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8337-6000 Datasheet(PDF) 1 Page - 3M Electronics

Part # 8337-6000
Description  D Sub
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8337-6000 Datasheet(HTML) 1 Page - 3M Electronics

  8337-6000 Datasheet HTML 1Page - 3M Electronics 8337-6000 Datasheet HTML 2Page - 3M Electronics 8337-6000 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3M Interconnect Solutions Division
6801 River Place Blvd.
Austin, TX 78726-9000
For technical, sales or ordering information call
800-225-5373
D Sub
Socket Connector
8300 Series
57
TS-0235-17
Sheet 1 of 3
S Available in either preassembled or two piece
covers
S Available in either open or closed end cover
S Improved metal strain relief — hooks directly
to metal shell
S Low profile
S Four mounting options
Date Modified: September 29, 1999
Physical
Insulation
Material: Glass Filled Polyester (PBT)
Flammability: UL 94V-0
Color: Gray
Contact
Material: Copper Alloy
Plating
Underplate: 100
µ″ (1.27 µm) Nickel — QQ-N-290, Class 2
Wiping Area: 30
µ″ (0.76 µm) Gold — MIL-G-45204, Type II, Grade C
Shell
Material: Steel
Plating: Tin
Strain Relief Material: Stainless Steel .016 (0.40) Thick
Wire Accommodation: 26 & 28 AWG Solid or Stranded
Marking: 3M Logo & Contact Position Numbers
Electrical
Current Rating: 1 A
Insulation Resistance: > 1
× 109 Ω at 500 VDC
Withstanding Voltage: 1000 Vrms at Sea Level
Environmental
Temperature Rating: –55
° to +105°
UL File No.: E68080


Similar Part No. - 8337-6000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8337 ETC2-8337 Datasheet
327Kb / 1P
   LED SPACER MOUNTS
8337 ETC2-8337 Datasheet
338Kb / 1P
   LED SPACER MOUNTS
8337 ETC2-8337 Datasheet
114Kb / 2P
   LED SPACER MOUNTS
logo
Belden Inc.
8337 BELDEN-8337 Datasheet
166Kb / 2P
   RS232, Low Cap, #24-7pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
8337.060100 BELDEN-8337.060100 Datasheet
166Kb / 2P
   RS232, Low Cap, #24-7pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
More results

Similar Description - 8337-6000

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
070030FD001N103VO SUYIN-USA-070030FD001N103VO Datasheet
95Kb / 1P
   D-SUB
logo
CONEC Elektronische Bau...
15K1A269 CONEC-15K1A269 Datasheet
234Kb / 2P
   D-SUB MALE
15K1A309 CONEC-15K1A309 Datasheet
281Kb / 2P
   D-SUB FEMALE
320X12519X CONEC-320X12519X Datasheet
101Kb / 1P
   D-SUB Standard
logo
Adam Technologies, Inc.
DD50-SH-G1C ADAM-TECH-DD50-SH-G1C Datasheet
82Kb / 1P
   D-SUB SOCKET
logo
CONEC Elektronische Bau...
163A11279X CONEC-163A11279X Datasheet
137Kb / 1P
   D-SUB MALE
163A11089X CONEC-163A11089X Datasheet
78Kb / 1P
   D-SUB MALE
163A11479X CONEC-163A11479X Datasheet
193Kb / 1P
   D-SUB MALE
15-00624X CONEC-15-00624X Datasheet
300Kb / 1P
   D-SUB MALE
163A11069X CONEC-163A11069X Datasheet
78Kb / 1P
   D-SUB MALE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com