Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTMD6N02R2 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTMD6N02R2
Description  Power MOSFET 6.0 Amps, 20 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMD6N02R2 Datasheet(HTML) 4 Page - ON Semiconductor

  NTMD6N02R2 Datasheet HTML 1Page - ON Semiconductor NTMD6N02R2 Datasheet HTML 2Page - ON Semiconductor NTMD6N02R2 Datasheet HTML 3Page - ON Semiconductor NTMD6N02R2 Datasheet HTML 4Page - ON Semiconductor NTMD6N02R2 Datasheet HTML 5Page - ON Semiconductor NTMD6N02R2 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NTMD6N02R2
http://onsemi.com
4
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
1.6
1.4
1.2
1
0.8
150
125
100
75
50
25
0
−25
−50
Figure 6. Drain−To−Source Leakage Current
versus Voltage
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
20
16
12
8
4
100
10
0.01
0.6
1000
ID = 6.0 A
VGS = 4.5 V
TJ = 125°C
VGS = 0 V
100
°C
1
0.1
25
°C
RG, GATE RESISTANCE (OHMS)
1
10
100
100
10
VDS = 16 V
ID = 6.0 A
VGS = 4.5 V
tr
td(on)
20
4
0
0
1
0
Qg, TOTAL GATE CHARGE (nC)
5
48
16
ID = 6 A
VDS = 16 V
VGS = 4.5 V
TJ = 25°C
12
VDS
VGS
Q2
Q1
1000
tf
3
2
8
12
416
QT
td(off)
GATE−TO−SOURCE OR DRAIN−TO−SOURCE VOLTAGE (VOLTS)
1000
Figure 7. Capacitance Variation
10
0
5
10
5
TJ = 25°C
Ciss
Coss
Crss
15
20
0
2000
Ciss
Crss
VDS = 0 V
VGS = 0 V
VDS
VGS
500
1500
2500
Figure 8. Gate−To−Source and Drain−To−Source
Voltage versus Total Charge
Figure 9. Resistive Switching Time Variation
versus Gate Resistance


Similar Part No. - NTMD6N02R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMD6N02R2 ONSEMI-NTMD6N02R2 Datasheet
71Kb / 6P
   Power MOSFET 6.0 Amps, 20 Volts
April, 2004 ??Rev. 2
logo
VBsemi Electronics Co.,...
NTMD6N02R2G VBSEMI-NTMD6N02R2G Datasheet
983Kb / 7P
   Dual N-Channel 20-V (D-S) MOSFET
More results

Similar Description - NTMD6N02R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMD6N02R2 ONSEMI-NTMD6N02R2 Datasheet
71Kb / 6P
   Power MOSFET 6.0 Amps, 20 Volts
April, 2004 ??Rev. 2
NTF6P02T3 ONSEMI-NTF6P02T3_06 Datasheet
142Kb / 6P
   Power MOSFET -6.0 Amps, -20 Volts
March, 2006 ??Rev. 1
NTF6P02T3 ONSEMI-NTF6P02T3 Datasheet
71Kb / 8P
   Power MOSFET -6.0 Amps, -20 Volts P-Channel SOT-223
September, 2002 ??Rev. 0
logo
Unisonic Technologies
6N80 UTC-6N80 Datasheet
181Kb / 6P
   6.0 Amps, 800 Volts N-CHANNEL POWER MOSFET
logo
ON Semiconductor
NTF6P02 ONSEMI-NTF6P02 Datasheet
112Kb / 6P
   Power MOSFET -10 Amps, -20 Volts
August, 2013 ??Rev. 6
NTMD2C02R2 ONSEMI-NTMD2C02R2 Datasheet
117Kb / 16P
   Power MOSFET 2 Amps, 20 Volts
September, 2002 ??Rev. 0
NVMFS5C628NL ONSEMI-NVMFS5C628NL Datasheet
93Kb / 6P
   Power MOSFET 4 Amps, 20 Volts
October, 2015 ??Rev. 0
NTQD6968 ONSEMI-NTQD6968 Datasheet
76Kb / 8P
   Power MOSFET 6.6 Amps, 20 Volts
November, 2001 ??Rev. 0
NTTD1P02R2 ONSEMI-NTTD1P02R2 Datasheet
75Kb / 6P
   Power MOSFET -1.45 Amps, -20 Volts
December, 2003 ??Rev. 1
NTQD6866R2 ONSEMI-NTQD6866R2 Datasheet
71Kb / 12P
   Power MOSFET 6.9 Amps, 20 Volts
September, 2001 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com