Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8315-7000 Datasheet(PDF) 3 Page - 3M Electronics

Part # 8315-7000
Description  D Sub
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8315-7000 Datasheet(HTML) 3 Page - 3M Electronics

  8315-7000 Datasheet HTML 1Page - 3M Electronics 8315-7000 Datasheet HTML 2Page - 3M Electronics 8315-7000 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3M Interconnect Solutions Division
6801 River Place Blvd.
Austin, TX 78726-9000
For technical, sales or ordering information call
800-225-5373
D Sub
Socket Connector
8300 Series
Mounting
Contact
Dimensions
Mounting
Method*
Contact
Quantity
A1
B1
C1
D1
E1
F1
G1
9
.87
[ 22.0 ]
.44
[ 11.2 ]
.98
[ 24.9 ]
.49
[ 12.5 ]
F
15
1.20
[ 30.5 ]
.60
[ 15.2 ]
1.31
[ 33.3 ]
.66
[ 16.8 ]
.51
.26
.12
Front
25
1.74
[ 44.2 ]
.87
[ 22.1 ]
1.85
[ 47.0 ]
.93
[ 23.6 ]
.51
[ 13.0 ]
.26
[ 6.6 ]
.12
[ 3.1 ]
37
2.39
[ 60.7 ]
1.20
[ 30.5 ]
2.50
[ 63.5 ]
1.25
[ 31.8 ]
9
0.81
[ 20.6 ]
.40
[ 10.2 ]
.98
[ 25.0 ]
.49
[ 12.5 ]
R
15
1.13
[ 28.7 ]
.57
[ 14.5 ]
1.31
[ 33.3 ]
.66
[ 16.8 ]
0.45
0.22
.12
Rear
25
1.67
[ 42.4 ]
.84
[ 21.3 ]
1.85
[ 47.0 ]
.93
[ 23.6 ]
0.45
[ 11.4 ]
0.22
[ 5.8 ]
.12
[ 3.1 ]
37
2.33
[ 59.2 ]
1.16
[ 29.5 ]
2.50
[ 63.5 ]
1.25
[ 31.8 ]
* Front Mount—The connector is mounted in front of the panel.
Rear Mount—The connector is mounted behind the panel.
10
° 0° Typ
TS-0235-17
Sheet 3 of 3
Panel Cutout
A1
B1
R .032 Max. Typ
[ 0.81 ]
.120
[ 3.05 ]
.060
[ 1.52 ]
Full Radius
D1
C1
Alternate
GI Radius
Typ
Mounting Styles
.12
[ 3.0 ]
Through Hole
Dia
Standard
.07 Max
[ 1.78 ]
#4-40 UNC
Threaded Inserts
.12
[ 3.0 ]
M3
E1
F1
.16
[ 4.06 ]
Strain Relief
(Order Separately or with Connector)
F
.242
[ 6.15 ]
+.000
–.010
.06
[ 1.5 ]


Similar Part No. - 8315-7000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8315 ETC2-8315 Datasheet
327Kb / 1P
   LED SPACER MOUNTS
8315 ETC2-8315 Datasheet
327Kb / 1P
   LED SPACER MOUNTS
8315 ETC2-8315 Datasheet
114Kb / 2P
   LED SPACER MOUNTS
8315 ETC2-8315 Datasheet
338Kb / 1P
   LED SPACER MOUNTS
8315 ETC2-8315 Datasheet
114Kb / 2P
   LED SPACER MOUNTS
More results

Similar Description - 8315-7000

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
070030FD001N103VO SUYIN-USA-070030FD001N103VO Datasheet
95Kb / 1P
   D-SUB
logo
CONEC Elektronische Bau...
15K1A269 CONEC-15K1A269 Datasheet
234Kb / 2P
   D-SUB MALE
15K1A309 CONEC-15K1A309 Datasheet
281Kb / 2P
   D-SUB FEMALE
320X12519X CONEC-320X12519X Datasheet
101Kb / 1P
   D-SUB Standard
logo
Adam Technologies, Inc.
DD50-SH-G1C ADAM-TECH-DD50-SH-G1C Datasheet
82Kb / 1P
   D-SUB SOCKET
logo
CONEC Elektronische Bau...
163A11279X CONEC-163A11279X Datasheet
137Kb / 1P
   D-SUB MALE
163A11089X CONEC-163A11089X Datasheet
78Kb / 1P
   D-SUB MALE
163A11479X CONEC-163A11479X Datasheet
193Kb / 1P
   D-SUB MALE
15-00624X CONEC-15-00624X Datasheet
300Kb / 1P
   D-SUB MALE
163A11069X CONEC-163A11069X Datasheet
78Kb / 1P
   D-SUB MALE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com