Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTMS7N03R2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTMS7N03R2
Description  Power MOSFET 7 Amps, 30 Volts
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMS7N03R2 Datasheet(HTML) 1 Page - ON Semiconductor

  NTMS7N03R2_05 Datasheet HTML 1Page - ON Semiconductor NTMS7N03R2_05 Datasheet HTML 2Page - ON Semiconductor NTMS7N03R2_05 Datasheet HTML 3Page - ON Semiconductor NTMS7N03R2_05 Datasheet HTML 4Page - ON Semiconductor NTMS7N03R2_05 Datasheet HTML 5Page - ON Semiconductor NTMS7N03R2_05 Datasheet HTML 6Page - ON Semiconductor NTMS7N03R2_05 Datasheet HTML 7Page - ON Semiconductor NTMS7N03R2_05 Datasheet HTML 8Page - ON Semiconductor NTMS7N03R2_05 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Publication Order Number:
NTMS7N03R2/D
© Semiconductor Components Industries, LLC, 2005
June, 2005 − Rev. 4
1
NTMS7N03R2
Power MOSFET
7 Amps, 30 Volts
N−Channel SOIC−8
Features
Ultra Low RDS(on)
Higher Efficiency Extending Battery Life
Logic Level Gate Drive
Miniature SOIC−8 Surface Mount Package
Avalanche Energy Specified
IDSS Specified at Elevated Temperature
Pb−Free Package is Available
Typical Applications
DC−DC Converters
Power Management
Motor Controls
Inductive Loads
Replaces MMSF7N03HD, MMSF7N03Z, and MMSF5N03HD
in Many Applications
N−C
1
2
3
4
8
7
6
5
Top View
Source
Source
Gate
Drain
Drain
Drain
Drain
7 AMPERES
30 VOLTS
RDS(on) = 23 mW
SOIC−8
CASE 751
STYLE 13
N−Channel
MARKING
DIAGRAM
D
S
G
PIN ASSIGNMENT
http://onsemi.com
E7N03
AYWW
G
G
1
8
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
1
8
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION


Similar Part No. - NTMS7N03R2_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMS7N03R2G ONSEMI-NTMS7N03R2G Datasheet
101Kb / 9P
   Power MOSFET
January, 2015 ??Rev. 5
More results

Similar Description - NTMS7N03R2_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMS7N03R2 ONSEMI-NTMS7N03R2 Datasheet
97Kb / 12P
   Power MOSFET 7 Amps, 30 Volts
November, 2002 - Rev. 3
NTB75N03-6G ONSEMI-NTB75N03-6G Datasheet
80Kb / 7P
   Power MOSFET 75 Amps, 30 Volts
August, 2005 ??Rev. 6
NTB75N03L09T4G ONSEMI-NTB75N03L09T4G Datasheet
119Kb / 8P
   Power MOSFET 75 Amps, 30 Volts
August, 2013 ??Rev. 13
NTB4302 ONSEMI-NTB4302 Datasheet
71Kb / 8P
   Power MOSFET 74 Amps, 30 Volts
October, 2003 ??Rev. 1
NTD30N02G ONSEMI-NTD30N02G Datasheet
134Kb / 5P
   Power MOSFET 30 Amps, 24 Volts
February, 2006 ??Rev. 3
NTB75N03-006 ONSEMI-NTB75N03-006 Datasheet
80Kb / 7P
   Power MOSFET 75 Amps, 30 Volts
August, 2005 ??Rev. 6
NTMS3P03R2 ONSEMI-NTMS3P03R2_06 Datasheet
148Kb / 7P
   Power MOSFET -3.05 Amps, -30 Volts
March, 2006 ??Rev. 2
NTTS2P03R2 ONSEMI-NTTS2P03R2_05 Datasheet
75Kb / 6P
   Power MOSFET -2.48 Amps, -30 Volts
June, 2005 ??Rev. 2
MMDF6N03HDR2 ONSEMI-MMDF6N03HDR2 Datasheet
236Kb / 10P
   Power MOSFET 6 Amps, 30 Volts
August, 2006 ??Rev. 4
NTD30N02 ONSEMI-NTD30N02 Datasheet
53Kb / 6P
   Power MOSFET 30 Amps, 24 Volts
March, 2004 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com