Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N7E50-XA16PK-20 Datasheet(PDF) 5 Page - 3M Electronics

Part # N7E50-XA16PK-20
Description  3M??CF Card Header
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

N7E50-XA16PK-20 Datasheet(HTML) 5 Page - 3M Electronics

  N7E50-XA16PK-20 Datasheet HTML 1Page - 3M Electronics N7E50-XA16PK-20 Datasheet HTML 2Page - 3M Electronics N7E50-XA16PK-20 Datasheet HTML 3Page - 3M Electronics N7E50-XA16PK-20 Datasheet HTML 4Page - 3M Electronics N7E50-XA16PK-20 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
3
Printed in USA.
© 3M 2005
Minimum 10%
Post-Consumer Fiber
Important Notice
All statements, technical information, and recommendations
related to 3M’s products are based on information believed to be
reliable, but the accuracy or completeness is not guaranteed.
Before using this product, you must evaluate it and determine if it
is suitable for your intended application. You assume all risks and
liability associated with such use. Any statements related to the
product which are not contained in 3M’s current publications, or
any contrary statements contained on your purchase order shall
have no force or effect unless expressly agreed upon, in writing,
by an authorized officer of 3M.
Warranty; Limited Remedy; Limited Liability.
This product will be free from defects in material and
manufacture for a period of one (1) year from the time of
purchase. 3M MAKES NO OTHER WARRANTIES INCLUDING,
BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OF
MERCHANTABILITY OR FITNESS FOR A PARTICULAR
PURPOSE. If this product is defective within the warranty period
stated above, your exclusive remedy shall be, at 3M’s option, to
replace or repair the 3M product or refund the purchase price of
the 3M product. Except where prohibited by law, 3M will not
be liable for any indirect, special, incidental or consequential
loss or damage arising from this 3M product, regardless of
the legal theory asserted.
Electronics
6801 River Place Blvd.
Austin, TX 78726-9000
800/328-1368
www.3M.com/electronics


Similar Part No. - N7E50-XA16PK-20

ManufacturerPart #DatasheetDescription
logo
3M Electronics
N7E50-7516PK-20 3M-N7E50-7516PK-20 Datasheet
663Kb / 6P
   Single row solder tails with 0.635 mm spacing
N7E50-H516RB-50 3M-N7E50-H516RB-50 Datasheet
1Mb / 6P
   3M??CF Card Header CompactFlash??Type II, Long Guides, Surface Mount
N7E50-M516RB-40 3M-N7E50-M516RB-40 Datasheet
1Mb / 6P
   3M??CF Card Header CompactFlash??Type II, Long Guides, Surface Mount
N7E50-M516RB-40-WF 3M-N7E50-M516RB-40-WF Datasheet
1Mb / 6P
   3M??CF Card Header CompactFlash??Type II, Long Guides, Surface Mount
N7E50-M516RB-50 3M-N7E50-M516RB-50 Datasheet
1Mb / 6P
   3M??CF Card Header CompactFlash??Type II, Long Guides, Surface Mount
More results

Similar Description - N7E50-XA16PK-20

ManufacturerPart #DatasheetDescription
logo
3M Electronics
N7E50-M516RB-40-WF 3M-N7E50-M516RB-40-WF Datasheet
1Mb / 6P
   3M??CF Card Header CompactFlash??Type II, Long Guides, Surface Mount
logo
Molex Electronics Ltd.
55359-5029 MOLEX11-55359-5029 Datasheet
39Kb / 3P
   1.27mm Pitch CF Card Header- Right Angle
logo
3M Electronics
N4634-2300RB 3M-N4634-2300RB Datasheet
981Kb / 3P
   3M Surface Mount Header
356 3M-356 Datasheet
1Mb / 4P
   3M??Power Clamp Header
2500 3M-2500 Datasheet
1Mb / 6P
   3M??Four-Wall Header
961428-8040804-AR 3M-961428-8040804-AR Datasheet
312Kb / 6P
   3M??Pin Strip Header
logo
Transcend Information. ...
TS128MCF100I TRANSCEND-TS128MCF100I Datasheet
3Mb / 80P
   Industrial CF Card
logo
3M Electronics
9611025604AR 3M-9611025604AR Datasheet
330Kb / 5P
   3M??Pin Strip Header
logo
PHOENIX CONTACT
2701669 PHOENIX-2701669 Datasheet
52Kb / 1P
   Memory card - 32GB CF
2701668 PHOENIX-2701668 Datasheet
46Kb / 2P
   Memory card - 16GB CF
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com