Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NOIV2SN1300A-XXC Datasheet(PDF) 6 Page - ON Semiconductor

Part # NOIV2SN1300A-XXC
Description  VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOIV2SN1300A-XXC Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NOIV2SN1300A-XXC Datasheet HTML 2Page - ON Semiconductor NOIV2SN1300A-XXC Datasheet HTML 3Page - ON Semiconductor NOIV2SN1300A-XXC Datasheet HTML 4Page - ON Semiconductor NOIV2SN1300A-XXC Datasheet HTML 5Page - ON Semiconductor NOIV2SN1300A-XXC Datasheet HTML 6Page - ON Semiconductor NOIV2SN1300A-XXC Datasheet HTML 7Page - ON Semiconductor NOIV2SN1300A-XXC Datasheet HTML 8Page - ON Semiconductor NOIV2SN1300A-XXC Datasheet HTML 9Page - ON Semiconductor NOIV2SN1300A-XXC Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 76 page
background image
NOIV1SN1300A, NOIV2SN1300A
http://onsemi.com
6
Table 5. ELECTRICAL SPECIFICATIONS
Boldface limits apply for TJ = TMIN to TMAX, all other limits TJ = +30°C. (Notes 5, 6 and 7)
Parameter
Units
Max
Typ
Min
Description
tj
Input clock jitter
20
ps
fspi
SPI clock rate at fin = 62 MHz
2.5
MHz
Frame Specifications (V1-SN/SE-LVDS - Global Shutter)
fps
Frame rate at full resolution
150
fps
fps_roi1
Xres x Yres = 1024 x 1024
180
fps
fps_roi2
Xres x Yres = 640 x 480
540
fps
fps_roi3
Xres x Yres = 512 x 512
590
fps
fps_roi4
Xres x Yres = 256 x 256
1650
fps
FOT
Frame Overhead Time
45
ms
ROT
Row Overhead Time
1.1
ms
fpix
Pixel rate (4 channels at 62 Mpix/s)
248
Mpix/s
Frame Specifications (V2-SN/SE CMOS - Global Shutter)
fps
Frame rate at full resolution
37
fps
5. All parameters are characterized for DC conditions after thermal equilibrium is established.
6. This device contains circuitry to protect the inputs against damage due to high static voltages or electric fields. However, it is recommended
that normal precautions be taken to avoid application of any voltages higher than the maximum rated voltages to this high impedance circuit.
7. Minimum and maximum limits are guaranteed through test and design.
For recommendations on power supply management
guidelines, refer to application note AN65463: VITA 1300
HSMC Cyclone Reference Board Design Recommenda-
tions.
Color Filter Array
The V1SE and V2SE sensors are processed with a Bayer
RGB color pattern as shown in Figure 2. Pixel (0,0) has a red
filter situated to the bottom left.
Figure 2. Color Filter Array for the Pixel Array
pixel (0;0)
Y
X


Similar Part No. - NOIV2SN1300A-XXC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIV2SN1300A-QDC ONSEMI-NOIV2SN1300A-QDC Datasheet
768Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
More results

Similar Description - NOIV2SN1300A-XXC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIV1SN1300A ONSEMI-NOIV1SN1300A_16 Datasheet
768Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
NOIV1SE5000A ONSEMI-NOIV1SE5000A Datasheet
754Kb / 70P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SN5000A ONSEMI-NOIV1SN5000A Datasheet
772Kb / 71P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SE2000A-QDC ONSEMI-NOIV1SE2000A-QDC Datasheet
808Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 5
NOIV1SN2000A ONSEMI-NOIV1SN2000A Datasheet
814Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 6
PYTHON480 ONSEMI-PYTHON480 Datasheet
853Kb / 69P
   Megapixel Global Shutter CMOS Image Sensor
July, 2017 ??Rev. 1
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
   20 Megapixel global shutter CMOS image sensor
logo
ON Semiconductor
NOIP1SN1300A ONSEMI-NOIP1SN1300A Datasheet
101Kb / 2P
   PYTHON 0.3/0.5/1.3 Megapixel Global Shutter CMOS Image Sensors
October, 2014 ??Rev. P2
logo
ams AG
MIRA130 AMSCO-MIRA130 Datasheet
1Mb / 53P
   1.3 MP NIR Enhanced Global Shutter CMOS Image Sensor
v5-00 2022-Apr-05
logo
Cypress Semiconductor
CYII4SM1300AA CYPRESS-CYII4SM1300AA Datasheet
1Mb / 35P
   IBIS4-1300 1.3 MPxl Rolling Shutter CMOS Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com