Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5947RHBT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5947RHBT
Description  24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5947RHBT Datasheet(HTML) 3 Page - Texas Instruments

  TLC5947RHBT Datasheet HTML 1Page - Texas Instruments TLC5947RHBT Datasheet HTML 2Page - Texas Instruments TLC5947RHBT Datasheet HTML 3Page - Texas Instruments TLC5947RHBT Datasheet HTML 4Page - Texas Instruments TLC5947RHBT Datasheet HTML 5Page - Texas Instruments TLC5947RHBT Datasheet HTML 6Page - Texas Instruments TLC5947RHBT Datasheet HTML 7Page - Texas Instruments TLC5947RHBT Datasheet HTML 8Page - Texas Instruments TLC5947RHBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
RECOMMENDED OPERATING CONDITIONS
TLC5947
www.ti.com ................................................................................................................................................. SBVS114A – JULY 2008 – REVISED SEPTEMBER 2008
At TA= –40°C to +85°C, unless otherwise noted.
TLC5947
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
DC Characteristics: VCC = 3 V to 5.5 V
VCC
Supply voltage
3.0
5.5
V
VO
Voltage applied to output
OUT0 to OUT23
30
V
VIH
High-level input voltage
0.7 × VCC
VCC
V
VIL
Low-level input voltage
GND
0.3 × VCC
V
IOH
High-level output current
SOUT
–3
mA
IOL
Low-level output current
SOUT
3
mA
IOLC
Constant output sink current
OUT0 to OUT23
2
30
mA
Operating free-air temperature
TA
–40
+85
°C
range
TJ
Operating junction temperature
–40
+125
°C
AC Characteristics: VCC = 3 V to 5.5 V
SCLK, Standalone operation
30
MHz
fSCLK
Data shift clock frequency
SCLK, Duty 50%, cascade operation
15
MHz
TWH0
SCLK = High-level pulse width
12
ns
TWL0
Pulse duration
SCLK = Low-level pulse width
10
ns
TWH1
XLAT, BLANK High-level pulse width
30
ns
TSU0
SIN–SCLK
5
ns
TSU1
Setup time
XLAT
↑–SCLK↑
100
ns
TSU2
XLAT
↑–BLANK↓
30
ns
TH0
SIN–SCLK
3
ns
Hold time
TH1
XLAT
↑–SCLK↑
10
ns
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TLC5947


Similar Part No. - TLC5947RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5947RHBT TI-TLC5947RHBT Datasheet
1Mb / 27P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
TLC5947RHBT TI1-TLC5947RHBT Datasheet
1Mb / 29P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
TLC5947RHBT TI1-TLC5947RHBT Datasheet
1Mb / 33P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver With Internal Oscillator
TLC5947RHBTG4 TI1-TLC5947RHBTG4 Datasheet
1Mb / 29P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
TLC5947RHBTG4 TI1-TLC5947RHBTG4 Datasheet
1Mb / 33P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver With Internal Oscillator
More results

Similar Description - TLC5947RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5947DAPG4 TI-TLC5947DAPG4 Datasheet
1Mb / 29P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
TLC5947DAPG4 TI1-TLC5947DAPG4 Datasheet
1Mb / 29P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
TLC5947 TI1-TLC5947_17 Datasheet
1Mb / 33P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver With Internal Oscillator
TLC5947 TI-TLC5947_1 Datasheet
1Mb / 27P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
TLC5947 TI-TLC5947 Datasheet
688Kb / 25P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with
TLC5946 TI1-TLC5946_16 Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5942 TI-TLC5942 Datasheet
1Mb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5946 TI-TLC5946 Datasheet
793Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946_0806 TI-TLC5946_0806 Datasheet
795Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5942 TI1-TLC5942_16 Datasheet
884Kb / 29P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com