Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1622 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SD1622
Description  Low-Frequency Power Amplifier Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SD1622 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SD1622 Datasheet HTML 1Page - Sanyo Semicon Device 2SD1622 Datasheet HTML 2Page - Sanyo Semicon Device 2SD1622 Datasheet HTML 3Page - Sanyo Semicon Device 2SD1622 Datasheet HTML 4Page - Sanyo Semicon Device 2SD1622 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SB1122 / 2SD1622
No.2040-1/5
Applications
Voltage regulators relay drivers, lamp drivers, electrical equipment.
Features
Adoption of FBET process.
Ultrasmall size making it easy to provide high-density hybrid IC’s.
Specifications ( ) : 2SB1122
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--)60
V
Collector-to-Emitter Voltage
VCEO
(--)50
V
Emitter-to-Base Voltage
VEBO
(--)5
V
Collector Current
IC
(--)1
A
Collector Current (Pulse)
ICP
(--)2
A
Collector Dissipation
PC
500
mW
Mounted on a ceramic board (250mm2
✕0.8mm)
1.3
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=(--)50V, IE=0A
(--)100
nA
Emitter Cutoff Current
IEBO
VEB=(--)4V, IC=0A
(--)100
nA
Marking 2SB1122 : BE
2SD1622 : DE
Continued on next page.
www.semiconductor-sanyo.com/network
Ordering number : EN2040B
31710EA TK IM / O1003TN (KOTO)/92098HA (KT)/4107KI/9266AT, TS
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
SANYO Semiconductors
DATA SHEET
2SB1122 / 2SD1622
PNP / NPN Epitaxial Planar Silicon Transistors
Low-Frequency Power Amplifier Applications


Similar Part No. - 2SD1622

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD1622 SANYO-2SD1622 Datasheet
117Kb / 4P
   Low-Frequency Power Amp Applications?
logo
Guangdong Kexin Industr...
2SD1622 KEXIN-2SD1622 Datasheet
56Kb / 2P
   NPN Epitaxial Planar Silicon Transistor
2SD1622-R KEXIN-2SD1622-R Datasheet
1Mb / 3P
   NPN Transistors
2SD1622-S KEXIN-2SD1622-S Datasheet
1Mb / 3P
   NPN Transistors
2SD1622-T KEXIN-2SD1622-T Datasheet
1Mb / 3P
   NPN Transistors
More results

Similar Description - 2SD1622

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1362-GR TOSHIBA-2SA1362-GR Datasheet
192Kb / 4P
   Low Frequency Power Amplifier Applications
logo
Sanyo Semicon Device
2SB1122S-TD-E SANYO-2SB1122S-TD-E Datasheet
94Kb / 5P
   Low-Frequency Power Amplifier Applications
2SA1705 SANYO-2SA1705_11 Datasheet
120Kb / 4P
   Low-Frequency Power Amplifier Applications
logo
Toshiba Semiconductor
2SC3265Y TOSHIBA-2SC3265Y Datasheet
184Kb / 4P
   Low Frequency Power Amplifier Applications Power Switching Applications
2SA1362 TOSHIBA-2SA1362_07 Datasheet
307Kb / 4P
   Low Frequency Power Amplifier Applications Power Switching Applications
2SC3265YTE85L TOSHIBA-2SC3265YTE85L Datasheet
184Kb / 4P
   Low Frequency Power Amplifier Applications Power Switching Applications
2SA1362-Y TOSHIBA-2SA1362-Y Datasheet
192Kb / 4P
   Low Frequency Power Amplifier Applications Power Switching Applications
2SC3265 TOSHIBA-2SC3265_03 Datasheet
86Kb / 3P
   Low Frequency Power Amplifier Applications Power Switching Applications
2SA1313-Y TOSHIBA-2SA1313-Y Datasheet
198Kb / 4P
   Audio Frequency Low Power Amplifier Applications
2SC3325-Y TOSHIBA-2SC3325-Y Datasheet
144Kb / 4P
   Audio Frequency Low Power Amplifier Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com