Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5226A Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # 2SC5226A
Description  VHF to UHF Wide-Band Low-Noise Amplifi er Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5226A Datasheet(HTML) 5 Page - Sanyo Semicon Device

  2SC5226A Datasheet HTML 1Page - Sanyo Semicon Device 2SC5226A Datasheet HTML 2Page - Sanyo Semicon Device 2SC5226A Datasheet HTML 3Page - Sanyo Semicon Device 2SC5226A Datasheet HTML 4Page - Sanyo Semicon Device 2SC5226A Datasheet HTML 5Page - Sanyo Semicon Device 2SC5226A Datasheet HTML 6Page - Sanyo Semicon Device 2SC5226A Datasheet HTML 7Page - Sanyo Semicon Device 2SC5226A Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2SC5226A
No. A1062-5/8
S Parameters (Common emitter)
VCE=5V, IC=7mA, ZO=50Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.720
-46.0
17.973
148.5
0.030
68.5
0.880
-23.6
200
0.612
-80.9
13.927
127.3
0.047
57.1
0.697
-37.6
400
0.497
-121.3
8.656
105.0
0.066
51.3
0.479
-47.6
600
0.456
-143.5
6.080
92.8
0.079
52.9
0.382
-50.5
800
0.440
-157.6
4.725
84.3
0.094
55.4
0.339
-51.8
1000
0.436
-167.5
3.864
77.0
0.110
56.8
0.323
-53.4
1200
0.434
-176.1
3.258
70.3
0.126
57.9
0.312
-55.8
1400
0.433
176.6
2.847
64.5
0.143
58.4
0.304
-58.3
1600
0.433
170.9
2.329
57.4
0.160
58.9
0.296
-62.0
1800
0.434
165.0
2.252
54.2
0.178
58.6
0.293
-65.0
2000
0.439
159.6
2.057
49.2
0.197
58.1
0.294
-68.1
VCE=5V, IC=20mA, ZO=50Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.481
-78.8
29.795
132.9
0.022
63.9
0.707
-38.2
200
0.420
-119.2
19.008
112.2
0.033
60.8
0.470
-51.1
400
0.391
-151.6
10.416
95.4
0.052
64.7
0.296
-55.3
600
0.386
-166.4
7.084
86.6
0.071
67.2
0.236
-56.1
800
0.381
-175.9
5.407
80.1
0.092
68.4
0.213
-56.6
1000
0.382
178.2
4.401
74.1
0.114
67.8
0.208
-57.9
1200
0.385
172.1
3.701
68.5
0.134
66.8
0.204
-60.7
1400
0.388
166.7
3.217
63.6
0.156
65.6
0.202
-63.5
1600
0.390
162.1
2.839
58.8
0.176
64.0
0.199
-67.9
1800
0.391
156.7
2.534
54.3
0.197
62.4
0.197
-71.2
2000
0.394
152.1
2.319
50.1
0.219
60.6
0.197
-74.2
VCE=2V, IC=3mA, ZO=50Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.858
-32.4
9.413
157.2
0.040
72.6
0.945
-16.5
200
0.782
-60.7
8.187
138.5
0.070
59.2
0.833
-29.3
400
0.653
-101.1
5.855
113.8
0.101
44.5
0.637
-43.2
600
0.588
-126.5
4.337
98.4
0.114
39.1
0.515
-50.0
800
0.557
-143.7
3.444
87.7
0.122
38.0
0.454
-53.8
1000
0.543
-156.3
2.871
78.5
0.130
38.6
0.426
-57.1
1200
0.536
-166.8
2.446
70.5
0.137
40.3
0.407
-60.3
1400
0.533
-175.5
2.145
63.5
0.146
42.5
0.393
-63.8
1600
0.527
177.0
1.904
57.1
0.155
45.0
0.382
-68.0
1800
0.525
170.3
1.714
51.7
0.168
47.3
0.379
-72.0
2000
0.528
163.8
1.564
45.9
0.183
49.2
0.378
-75.8


Similar Part No. - 2SC5226A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5226A SANYO-2SC5226A Datasheet
70Kb / 6P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5226A SANYO-2SC5226A Datasheet
463Kb / 8P
   VHF to UHF Wide-Band Low-Noise Amplifi er Applications
logo
ON Semiconductor
2SC5226A ONSEMI-2SC5226A Datasheet
354Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP
August, 2013
2SC5226A-4-TL-E ONSEMI-2SC5226A-4-TL-E Datasheet
354Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP
August, 2013
2SC5226A-5-TL-E ONSEMI-2SC5226A-5-TL-E Datasheet
354Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP
August, 2013
More results

Similar Description - 2SC5226A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5226A SANYO-2SC5226A_12 Datasheet
463Kb / 8P
   VHF to UHF Wide-Band Low-Noise Amplifi er Applications
2SC5374A SANYO-2SC5374A_12 Datasheet
534Kb / 8P
   VHF to UHF Band OSC, High-Frequency Amplifi er Applications
2SC5227 SANYO-2SC5227 Datasheet
122Kb / 4P
   VHF to UHF Wide-Band Low-Noise Amp Applications???
2SC5230 SANYO-2SC5230 Datasheet
122Kb / 4P
   VHF to UHF Wide-Band Low-Noise Amp Applications???
2SC5489 SANYO-2SC5489 Datasheet
31Kb / 3P
   VHF to UHF Low-Noise Wide-Band Amplifier Applications
EC3H02C SANYO-EC3H02C Datasheet
26Kb / 5P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5227A SANYO-2SC5227A_12 Datasheet
454Kb / 8P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5501A SANYO-2SC5501A Datasheet
55Kb / 5P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5488A SANYO-2SC5488A Datasheet
51Kb / 4P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5501A SANYO-2SC5501A_12 Datasheet
470Kb / 8P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com