Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1215S-H Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SB1215S-H
Description  High-Current Switching Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SB1215S-H Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SB1215S-H Datasheet HTML 1Page - Sanyo Semicon Device 2SB1215S-H Datasheet HTML 2Page - Sanyo Semicon Device 2SB1215S-H Datasheet HTML 3Page - Sanyo Semicon Device 2SB1215S-H Datasheet HTML 4Page - Sanyo Semicon Device 2SB1215S-H Datasheet HTML 5Page - Sanyo Semicon Device 2SB1215S-H Datasheet HTML 6Page - Sanyo Semicon Device 2SB1215S-H Datasheet HTML 7Page - Sanyo Semicon Device 2SB1215S-H Datasheet HTML 8Page - Sanyo Semicon Device 2SB1215S-H Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2SB1215/2SD1815
No. 2539-1/10
Applications
Relay drivers, high-speed inverters, converters, and other general high-current switching applications
Features
Low collector-to-emitter saturation voltage
Excllent linearity of hFE
Small-sized package permitting 2SB1215/2SD1815-applied sets to be made small and slim
High fT
Fast switching time
Specifications ( ): 2SB1215
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--)120
V
Collector-to-Emitter Voltage
VCEO
(--)100
V
Emitter-to-Base Voltage
VEBO
(--)6
V
Collector Current
IC
(--)3
A
Collector Current (Pulse)
ICP
(--)6
A
Continued on next page.
Package Dimensions unit : mm (typ.)
Package Dimensions unit : mm (typ.)
7518-003
7003-003
Ordering number : EN2539C
50212 TKIM/N2503TN (KT)/92098HA (KT)/40196TS (KOTO) 8-9913/8229MO/4097TA, TS
SANYO Semiconductors
DATA SHEET
2SB1215/2SD1815
PNP/NPN Epitaxial Planar Silicon Transistor
High-Current Switching
Applications
http://semicon.sanyo.com/en/network
Product & Package Information
• Package : TP
• Package : TP-FA
• JEITA, JEDEC : SC-64, TO-251, SOT-553, DPAK
• JEITA, JEDEC : SC-63, TO-252, SOT-428, DPAK
• Minimum Packing Quantity : 500 pcs./bag
• Minimum Packing Quantity : 700 pcs./reel
Marking
Packing Type (TP-FA) : TL
Electrical Connection
(TP, TP-FA)
TL
6.5
5.0
2.3
0.5
12
4
3
0.85
0.7
1.2
0.6
0.5
2.3
2.3
1 : Base
2 : Collector
3 : Emitter
4 : Collector
SANYO : TP
6.5
5.0
2.3
0.5
12
4
3
0.85
0.6
0.5
1.2
2.3
2.3
0 to 0.2
1 : Base
2 : Collector
3 : Emitter
4 : Collector
SANYO : TP-FA
2SB1215S-E
2SB1215S-H
2SB1215T-E
2SB1215T-H
2SD1815S-E
2SD1815S-H
2SD1815T-E
2SD1815T-H
2SB1215S-TL-E
2SB1215S-TL-H
2SB1215T-TL-E
2SB1215T-TL-H
2SD1815S-TL-E
2SD1815S-TL-H
2SD1815T-TL-E
2SD1815T-TL-H
2,4
1
3
2SD1815
2,4
1
3
2SB1215
B1215
D1815
LOT No.
RANK
LOT No.
RANK


Similar Part No. - 2SB1215S-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SB1215S-H ONSEMI-2SB1215S-H Datasheet
106Kb / 7P
   Bipolar Transistor (-)100V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
November, 2013
2SB1215S-H ONSEMI-2SB1215S-H Datasheet
106Kb / 7P
   Bipolar Transistor
November, 2013
More results

Similar Description - 2SB1215S-H

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SD1804 UTC-2SD1804 Datasheet
63Kb / 5P
   HIGH CURRENT SWITCHING APPLICATIONS
logo
Sanyo Semicon Device
2SA2039 SANYO-2SA2039_12 Datasheet
507Kb / 10P
   High-Current Switching Applications
2SA2124 SANYO-2SA2124_12 Datasheet
423Kb / 7P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC3303Y TOSHIBA-2SC3303Y Datasheet
173Kb / 5P
   High Current Switching Applications
2SA1244 TOSHIBA-2SA1244_10 Datasheet
172Kb / 5P
   High Current Switching Applications
logo
Sanyo Semicon Device
CPH3105 SANYO-CPH3105_05 Datasheet
83Kb / 5P
   High-Current Switching Applications
2SB1123 SANYO-2SB1123_10 Datasheet
105Kb / 5P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC5175 TOSHIBA-2SC5175_04 Datasheet
129Kb / 4P
   High-Current Switching Applications
logo
Sanyo Semicon Device
2SA1706 SANYO-2SA1706 Datasheet
118Kb / 4P
   High-Current Switching Applications
FX510 SANYO-FX510 Datasheet
105Kb / 4P
   High-Current Switching Applications
2SB1269 SANYO-2SB1269 Datasheet
99Kb / 4P
   High-Current Switching Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com