Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2R72A44F07E2 Datasheet(PDF) 8 Page - Epson Company

Part # S2R72A44F07E2
Description  Wide temperature range Low power consumption
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S2R72A44F07E2 Datasheet(HTML) 8 Page - Epson Company

Back Button S2R72A44F07E2 Datasheet HTML 4Page - Epson Company S2R72A44F07E2 Datasheet HTML 5Page - Epson Company S2R72A44F07E2 Datasheet HTML 6Page - Epson Company S2R72A44F07E2 Datasheet HTML 7Page - Epson Company S2R72A44F07E2 Datasheet HTML 8Page - Epson Company S2R72A44F07E2 Datasheet HTML 9Page - Epson Company S2R72A44F07E2 Datasheet HTML 10Page - Epson Company S2R72A44F07E2 Datasheet HTML 11Page - Epson Company S2R72A44F07E2 Datasheet HTML 12Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
4.
Pin Layout Diagram
S2R72A4x Series Data Sheet
Seiko Epson Corporation
5
(Rev.1.20)
36 35 34 33 32 31 30 29 28 27 26 25
MODE4 37
24 XRESET
U0_VBUS 38
23 MODE2
U0_DP 39
22 MODE1
VSS 40
21 NC
U0_DM 41
20 NC
HVDD 42
19 VSS
LVDD 43
18 NC
XI 44
17 NC
XO 45
16 LVDD
LVDD 46
15 HVDD
R1 47
14 MODE0
VSS 48
13 TST0
1234
56789 10 11 12
S2R72A42 (Top View)
Figure 4.3
S2R72A42 package pin layout diagram (QFP12-48, SQFN7-48)


Similar Part No. - S2R72A44F07E2

ManufacturerPart #DatasheetDescription
logo
Epson Company
S2R72V18 EPSON-S2R72V18 Datasheet
389Kb / 37P
   Supports HS (480 Mbps), FS (12 Mbps), and LS (1.5 Mbps) transfer
S2R72V27 EPSON-S2R72V27 Datasheet
536Kb / 41P
   Supports HS (480 Mbps), FS (12 Mbps), and LS (1.5 Mbps) transfer
More results

Similar Description - S2R72A44F07E2

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
DAC347 APITECH-DAC347 Datasheet
1Mb / 2P
   Low Power, Wide Temperature Range DACs
logo
Xtaltq Technologies Co....
BO2525L XTALTQ-BO2525L Datasheet
242Kb / 2P
   Wide Temperature Range
Mar.27, 2016
BO2020H XTALTQ-BO2020H Datasheet
247Kb / 2P
   Wide Temperature Range
logo
TEMEX
RSX-11 TEMEX-RSX-11 Datasheet
533Kb / 5P
   Wide temperature range
RSX1612 TEMEX-RSX1612 Datasheet
977Kb / 7P
   Wide temperature range
logo
STANLEY ELECTRIC CO.,LT...
HFTV1108GS-TR STANLEY-HFTV1108GS-TR Datasheet
735Kb / 24P
   Wide temperature range
logo
TE Connectivity Ltd
US300 TEC-US300 Datasheet
199Kb / 6P
   Wide Temperature Range
logo
Ironwood Electronics.
GT-QFN-3013 IRONWOOD-GT-QFN-3013 Datasheet
815Kb / 5P
   Wide temperature range
logo
AVAGO TECHNOLOGIES LIMI...
ACFL-6211T AVAGO-ACFL-6211T Datasheet
308Kb / 13P
   Automotive Wide Temperature Range
logo
STANLEY ELECTRIC CO.,LT...
VSTW1154LA3SE-3D1E3-TR STANLEY-VSTW1154LA3SE-3D1E3-TR Datasheet
900Kb / 24P
   Wide operation temperature range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com