Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2R72V18 Datasheet(PDF) 8 Page - Epson Company

Part # S2R72V18
Description  Supports HS (480 Mbps), FS (12 Mbps), and LS (1.5 Mbps) transfer
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S2R72V18 Datasheet(HTML) 8 Page - Epson Company

Back Button S2R72V18 Datasheet HTML 4Page - Epson Company S2R72V18 Datasheet HTML 5Page - Epson Company S2R72V18 Datasheet HTML 6Page - Epson Company S2R72V18 Datasheet HTML 7Page - Epson Company S2R72V18 Datasheet HTML 8Page - Epson Company S2R72V18 Datasheet HTML 9Page - Epson Company S2R72V18 Datasheet HTML 10Page - Epson Company S2R72V18 Datasheet HTML 11Page - Epson Company S2R72V18 Datasheet HTML 12Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
3. Block Diagram
S2R72V18 Data Sheet (Rev. 1.00)
EPSON
3
3. Block Diagram
FIFO 0
CPU I/F
UTM 0
Host SIE 0
OSC
&
PLL
Test
Mux
Device SIE 0
FIFO 1
Host SIE 1
UTM 1
Power
Manager
DMA
Controller 0
DMA
Contoroller 1
CPU I/F
Controller
Fig. 3-1 Overall block diagram


Similar Part No. - S2R72V18

ManufacturerPart #DatasheetDescription
logo
Epson Company
S2R72V27 EPSON-S2R72V27 Datasheet
536Kb / 41P
   Supports HS (480 Mbps), FS (12 Mbps), and LS (1.5 Mbps) transfer
More results

Similar Description - S2R72V18

ManufacturerPart #DatasheetDescription
logo
Epson Company
S2R72V27 EPSON-S2R72V27 Datasheet
536Kb / 41P
   Supports HS (480 Mbps), FS (12 Mbps), and LS (1.5 Mbps) transfer
logo
Level One
PFE-1001T LVL1-PFE-1001T Datasheet
1Mb / 3P
   100 Mbps Data Transfer Rate
logo
Bel Fuse Inc.
SC-2CAKXXXM BEL-SC-2CAKXXXM Datasheet
790Kb / 2P
   USB 2.0 can deliver up to 480 Mbps transfer speeds
logo
ams AG
AS8223 AMSCO-AS8223 Datasheet
74Kb / 2P
   Data transfer up to 10 Mbps
logo
Zilog, Inc.
Z8E520 ZILOG-Z8E520 Datasheet
607Kb / 43P
   1.5 MBPS USB Device Controller
logo
Analog Devices
ADG772 AD-ADG772 Datasheet
408Kb / 12P
   CMOS Low Power Dual 2:1 Mux/Demux USB 2.0 (480 Mbps)/USB 1.1 (12 Mbps)
REV. 0
ADN2855 AD-ADN2855 Datasheet
369Kb / 20P
   Multirate 155 Mbps/622 Mbps/1244 Mbps/1250 Mbps Burst Mode Clock and Data Recovery IC with Deserializer
logo
Protech Systems Co., Lt...
PSB-861LF PROTECHSYSTEMS-PSB-861LF Datasheet
706Kb / 2P
   Supports 2 x 10/100/1000 Mbps
logo
Micrel Semiconductor
SY69753L MICREL-SY69753L Datasheet
86Kb / 9P
   3.3V 125 MBPS 155 MBPS CLOCK AND DATA RECOVERY
logo
Union Semiconductor, In...
UM7222 UNIONSEMI-UM7222 Datasheet
200Kb / 10P
   High-Speed USB2.0 (480 Mbps) DPDT Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com