Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPG2163T5N-E2 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPG2163T5N-E2
Description  GaAs Integrated Circui Broadband SPDT Switch for Dual-Band Wireless LAN
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPG2163T5N-E2 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPG2163T5N-E2 Datasheet HTML 1Page - Renesas Technology Corp UPG2163T5N-E2 Datasheet HTML 2Page - Renesas Technology Corp UPG2163T5N-E2 Datasheet HTML 3Page - Renesas Technology Corp UPG2163T5N-E2 Datasheet HTML 4Page - Renesas Technology Corp UPG2163T5N-E2 Datasheet HTML 5Page - Renesas Technology Corp UPG2163T5N-E2 Datasheet HTML 6Page - Renesas Technology Corp UPG2163T5N-E2 Datasheet HTML 7Page - Renesas Technology Corp UPG2163T5N-E2 Datasheet HTML 8Page - Renesas Technology Corp UPG2163T5N-E2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
μPG2163T5N
R09DS0019EJ0300 Rev.3.00
Page 3 of 8
May 19, 2011
ELECTRICAL CHARACTERISTICS
(TA = +25
°C, Vcont (H) = 3.0 V, Vcont (L) = 0 V, Z0 = 50 Ω, DC blocking capacitors = 4 pF,
unless otherwise specified)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Insertion Loss 1
Lins1
f = 2.4 to 2.5 GHz
0.40
0.60
dB
Insertion Loss 2
Lins2
f = 4.9 to 6.0 GHz
0.50
0.80
dB
Insertion Loss 3
Lins3
f = 8.0 GHz
Note 1
0.90
dB
Insertion Loss 4
Lins4
f = 0.5 to 2.5 GHz
Note 2
0.50
dB
Isolation 1
ISL1
f = 2.4 to 2.5 GHz
35
38
dB
Isolation 2
ISL2
f = 4.9 to 6.0 GHz
27
30
dB
Isolation 3
ISL3
f = 8.0 GHz
Note 1
23
dB
Isolation 4
ISL4
f = 0.5 to 1.0 GHz
Note 2
40
43
dB
Isolation 5
ISL5
f = 1.0 to 2.5 GHz
Note 2
35
38
dB
Input Return Loss 1
RLin1
f = 2.4 to 2.5 GHz
15
dB
Input Return Loss 2
RLin2
f = 4.9 to 6.0 GHz
15
dB
Input Return Loss 3
RLin3
f = 8.0 GHz
Note 1
15
dB
Input Return Loss 4
RLin4
f = 0.5 to 2.5 GHz
Note 2
20
dB
Output Return Loss 1
RLout1
f = 2.4 to 2.5 GHz
15
dB
Output Return Loss 2
RLout2
f = 4.9 to 6.0 GHz
15
dB
Output Return Loss 3
RLout3
f = 8.0 GHz
Note 1
15
dB
Output Return Loss 4
RLout4
f = 0.5 to 2.5 GHz
Note 2
20
dB
1 dB Loss Compression
Input Power 1
Note 3
Pin (1 dB) 1 f = 2.4 to 2.5 GHz
+31.0
dBm
1 dB Loss Compression
Input Power 2
Note 3
Pin (1 dB) 2 f = 4.9 to 6.0 GHz
+29.0
dBm
Input 3rd Order Intercept Point
IIP3
+55
dBm
Switch Control Current
Icont
0.1
1.0
μA
Switch Control Speed
tSW
50% CTL to 90/10%
50
ns
Notes 1. DC blocking capacitors = 2 pF
2. DC blocking capacitors = 100 pF
3. Pin (1 dB) is measured the input power level when the insertion loss increases more 1 dB than that of linear
range.
Caution This device is used it is necessary to use DC blocking capacitors.
<R>


Similar Part No. - UPG2163T5N-E2

ManufacturerPart #DatasheetDescription
logo
NEC
UPG2163T5N-E2 NEC-UPG2163T5N-E2 Datasheet
61Kb / 7P
   GaAs MMIC SPDT SWITCH FOR 2.4 GHz AND 5 GHz DUALBAND WIRELESS LAN
logo
California Eastern Labs
UPG2163T5N-E2 CEL-UPG2163T5N-E2 Datasheet
518Kb / 8P
   SPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
NEC
UPG2163T5N-E2 NEC-UPG2163T5N-E2 Datasheet
79Kb / 9P
   SPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
California Eastern Labs
UPG2163T5N-E2-A CEL-UPG2163T5N-E2-A Datasheet
518Kb / 8P
   SPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
NEC
UPG2163T5N-E2-A NEC-UPG2163T5N-E2-A Datasheet
79Kb / 9P
   SPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
More results

Similar Description - UPG2163T5N-E2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PG2163T5N RENESAS-PG2163T5N_15 Datasheet
198Kb / 10P
   GaAs Integrated Circuit Broadband SPDT Switch for Dual-Band Wireless LAN
logo
California Eastern Labs
UPG2163T5N CEL-UPG2163T5N_09 Datasheet
186Kb / 10P
   Broadband SPDT Switch for Dual-Band Wireless LAN
logo
NEC
UPG2163T5N NEC-UPG2163T5N_1 Datasheet
79Kb / 9P
   SPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
California Eastern Labs
UPG2163T5N CEL-UPG2163T5N Datasheet
518Kb / 8P
   SPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
M/A-COM Technology Solu...
MASWSS0093 MA-COM-MASWSS0093_15 Datasheet
82Kb / 3P
   GaAs Broadband SPDT Switch
MASWSS0070_V5 MA-COM-MASWSS0070_V5 Datasheet
126Kb / 5P
   GaAs Broadband SPDT Switch
MASW-007588 MA-COM-MASW-007588_15 Datasheet
550Kb / 4P
   GaAs Broadband SPDT Switch
MASW-007107 MA-COM-MASW-007107_15 Datasheet
718Kb / 6P
   GaAs Broadband SPDT Switch
MASW-007588 MA-COM-MASW-007588 Datasheet
73Kb / 3P
   GaAs Broadband SPDT Switch
MASWSS0202 MA-COM-MASWSS0202_15 Datasheet
664Kb / 5P
   GaAs Broadband SPDT Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com