Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPG2411T7C-E3 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # UPG2411T7C-E3
Description  GaAs Integrated Circuit SPDT Switch for 2 GHz to 6 GHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPG2411T7C-E3 Datasheet(HTML) 2 Page - Renesas Technology Corp

  UPG2411T7C-E3 Datasheet HTML 1Page - Renesas Technology Corp UPG2411T7C-E3 Datasheet HTML 2Page - Renesas Technology Corp UPG2411T7C-E3 Datasheet HTML 3Page - Renesas Technology Corp UPG2411T7C-E3 Datasheet HTML 4Page - Renesas Technology Corp UPG2411T7C-E3 Datasheet HTML 5Page - Renesas Technology Corp UPG2411T7C-E3 Datasheet HTML 6Page - Renesas Technology Corp UPG2411T7C-E3 Datasheet HTML 7Page - Renesas Technology Corp UPG2411T7C-E3 Datasheet HTML 8Page - Renesas Technology Corp UPG2411T7C-E3 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
μPG2411T7C
R09DS0004EJ0100 Rev.1.00
Page 2 of 9
Jun 17, 2010
PIN CONNECTIONS AND INTERNAL BLOCK DIAGRAM
Pin No.
Pin Name
1
RF1
2
GND
3
RF2
4
Vcont2
5
RFC
(Bottom View)
(Top View)
1
2
3
6
5
4
1
2
3
6
5
4
(Top View)
1
2
3
6
5
4
RF1
GND
RF2
Vcont1
RFC
Vcont2
6
Vcont1
Remark Exposed pad : GND
SW TRUTH TABLE
ON Path
Vcont1
Vcont2
RFC-RF1
High
Low
RFC-RF2
Low
High
ABSOLUTE MAXIMUM RATINGS (TA = +25
°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Switch Control Voltage
Vcont
+6.0
Note
V
Input Power
Pin
+31.0
dBm
Power Dissipation
PD
150
mW
Operating Ambient Temperature
TA
−40 to +90
°C
Storage Temperature
Tstg
−55 to +150
°C
Note:
⎪Vcont1 − Vcont2⎪ ≤ 6.0 V
RECOMMENDED OPERATING RANGE (TA = +25
°C, unless otherwise specified)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Operating Frequency
f
2.0
6.0
GHz
Switch Control Voltage (H)
Vcont (H)
2.8
3.0
3.3
V
Switch Control Voltage (L)
Vcont (L)
−0.2
0
0.2
V
Control Voltage Difference
ΔVcont (H),
ΔVcont (L)
Note
−0.1
0
0.1
V
Note:
ΔVcont (H) = Vcont1 (H) − Vcont2 (H)
ΔVcont (L) = Vcont1 (L) − Vcont2 (L)


Similar Part No. - UPG2411T7C-E3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPG2411T6R RENESAS-UPG2411T6R Datasheet
232Kb / 14P
   GaAs Integrated Circuit SPDT Switch for 1 GHz to 8 GHz
UPG2411T6R-E2 RENESAS-UPG2411T6R-E2 Datasheet
232Kb / 14P
   GaAs Integrated Circuit SPDT Switch for 1 GHz to 8 GHz
UPG2411T6R-E2-A RENESAS-UPG2411T6R-E2-A Datasheet
232Kb / 14P
   GaAs Integrated Circuit SPDT Switch for 1 GHz to 8 GHz
More results

Similar Description - UPG2411T7C-E3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPG2185T6R RENESAS-UPG2185T6R Datasheet
122Kb / 11P
   GaAs Integrated Circuit SPDT Switch for 2 GHz to 6 GHz
UPG2419T6R RENESAS-UPG2419T6R Datasheet
275Kb / 17P
   GaAs Integrated Circuit SPDT Switch for 4.0 GHz to 5.0 GHz
logo
California Eastern Labs
UPG2422TK CEL-UPG2422TK Datasheet
770Kb / 16P
   GaAs Integrated Circuit SPDT Switch for 0.05 GHz to 6.0 GHz
logo
Renesas Technology Corp
UPG2411T6R RENESAS-UPG2411T6R Datasheet
232Kb / 14P
   GaAs Integrated Circuit SPDT Switch for 1 GHz to 8 GHz
UPG2422TK RENESAS-UPG2422TK Datasheet
275Kb / 17P
   GaAs Integrated Circuit SPDT Switch for 0.05 GHz to 6.0 GHz
Jan 20, 2011
logo
Hexawave, Inc
HWS504_V3 HW-HWS504_V3 Datasheet
74Kb / 3P
   GaAs 2-6 GHz SPDT Switch
logo
NEC
UPG2185T6R NEC-UPG2185T6R Datasheet
83Kb / 9P
   SPDT SWITCH FOR 2 GHz TO 6 GHz
logo
Hexawave, Inc
HWS541_V1 HW-HWS541_V1 Datasheet
52Kb / 2P
   GaAs 2-6 GHz SPDT Switch
HWS398 HW-HWS398 Datasheet
116Kb / 2P
   GaAs DC-6 GHz SPDT Switch
HWS426 HW-HWS426 Datasheet
73Kb / 2P
   GaAs DC-6 GHz SPDT Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com