Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPS6235-473ML Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # LPS6235-473ML
Description  Shielded Power Inductors ??LPS6235
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

LPS6235-473ML Datasheet(HTML) 2 Page - Coilcraft lnc.

  LPS6235-473ML Datasheet HTML 1Page - Coilcraft lnc. LPS6235-473ML Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Shielded SMT Power Inductors – LPS6235 Series
Document 587-2
0.236 ±0.003
6,00 ±0,076
0.236 ±0.003
6,00 ±0,076
0.138
3,50
max
Winding
direction
Dash
number
Internal
code
XXXX
0.167
4,25
0.167
4,25
0.079
2,00
0.079
2,00
0.260
6,60
0.260
6,60
0.071
1,80
*
*
Dimensions are of the case not
including the termination. For maximum
overall dimensions including the
termination, add 0.005 in/ 0,13 mm.
*
Recommended
Land Pattern
0.165
4,20
0.165
4,20
0.039
1,00
typ
typ
0.039
1,00
**
For optional tin-lead and tin-silver-copper
terminations, dimensions are for the
mounted part. Dimensions before mounting
can be an additional 0.005 inch (0,13 mm).
**
inches
mm
Dimensions are in
Typical L vs Current
Typical L vs Frequency
1
10
10000
1000
100
0.01
0.1
110
Frequency (MHz)
3300 µH
10 µH
33 µH
1000 µH
330 µH
100 µH
1
10
10000
1000
100
0.01
0.1
110
Current (A)
33 µH
330 µH
1000 µH
3300 µH
100 µH
10 µH
Typical Current Derating
-40 -20
020406080
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Isat
Irms
Document 587-2 Revised 12/01/11


Similar Part No. - LPS6235-473ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPS6235-473ML COILCRAFT-LPS6235-473ML Datasheet
210Kb / 2P
   Shielded Power Inductors
LPS6235-473ML COILCRAFT-LPS6235-473ML Datasheet
364Kb / 2P
   Shielded Power Inductors
LPS6235-473ML COILCRAFT-LPS6235-473ML Datasheet
194Kb / 2P
   Shielded Power Inductors ??LPS6235
LPS6235-473MLB COILCRAFT-LPS6235-473MLB Datasheet
161Kb / 2P
   Shielded Power Inductors - LPS6235
LPS6235-473MLC COILCRAFT-LPS6235-473MLC Datasheet
161Kb / 2P
   Shielded Power Inductors - LPS6235
More results

Similar Description - LPS6235-473ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPS6235-105MLB COILCRAFT-LPS6235-105MLB Datasheet
161Kb / 2P
   Shielded Power Inductors - LPS6235
LPS6235-474MLC COILCRAFT-LPS6235-474MLC Datasheet
194Kb / 2P
   Shielded Power Inductors ??LPS6235
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com