Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKT18134468404R Datasheet(PDF) 3 Page - Coilcraft lnc.

Part # MKT18134468404R
Description  DC Film Capacitor MKT Axial Type
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MKT18134468404R Datasheet(HTML) 3 Page - Coilcraft lnc.

  MKT18134468404R Datasheet HTML 1Page - Coilcraft lnc. MKT18134468404R Datasheet HTML 2Page - Coilcraft lnc. MKT18134468404R Datasheet HTML 3Page - Coilcraft lnc. MKT18134468404R Datasheet HTML 4Page - Coilcraft lnc. MKT18134468404R Datasheet HTML 5Page - Coilcraft lnc. MKT18134468404R Datasheet HTML 6Page - Coilcraft lnc. MKT18134468404R Datasheet HTML 7Page - Coilcraft lnc. MKT18134468404R Datasheet HTML 8Page - Coilcraft lnc. MKT18134468404R Datasheet HTML 9Page - Coilcraft lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Document Number: 26013
For technical questions, contact: dc-film@vishay.com
www.vishay.com
Revision: 08-Dec-08
19
MKT 1813
DC Film Capacitor
MKT Axial Type
Vishay Roederstein
Notes
• Pitch = L + 3.5
(1) Not suitable for mains applications
(2) For the smaller size please add “-M” at the end of the type designation (e.g. MKT 1813-510/255-M)
CAPACITANCE
CAPACITANCE
CODE
VOLTAGE
CODE 06
63 Vdc/
40 Vac
VOLTAGE
CODE 01
100 Vdc/
63 Vac
VOLTAGE
CODE 25
250 Vdc/
160 Vac
VOLTAGE
CODE 40
400 Vdc/
200 Vac
VOLTAGE
CODE 63 (1)
630 Vdc/
220 Vac
VOLTAGE
CODE 10 (1)
1000 Vdc/
220 Vac
D
L
DL
DLDL
DLD
L
470 pF
147
----
----
5.0
11.0
-
-
680 pF
168
----
----
5.0
11.0
-
-
1000 pF
210
----
----
5.0
11.0
5.5
14.0
1500 pF
215
----
----
5.0
11.0
6.0
14.0
2200 pF
222
----
----
5.0
11.0
6.0
14.0
3300 pF
233
----
----
5.0
11.0
7.0
14.0
4700 pF
247
----
----
5.0
11.0
6.0
19.0
6800 pF
268
----
--
5.0
11.0
6.0
14.0
6.0
19.0
0.01 µF
310
----
--
5.0
11.0
6.0
14.0
6.5
19.0
0.015 µF
315
----
5.0
11.0
6.0
14.0
6.5
14.0
7.5
19.0
0.022 µF
322
----
5.0
11.0
6.0
14.0
7.5
14.0
9.0
19.0
0.033 µF
333
----
5.0
11.0
6.0
14.0
6.5
19.0
10.5
19.0
0.047 µF
347
----
6.0
14.0
7.0
14.0
7.5
19.0
12.0
19.0
0.068 µF
368
-
-
5.0
11.0
6.0
14.0
8.0
14.0
8.5
19.0
11.0
26.5
0.1 µF
410
-
-
5.0
11.0
6.0
14.0
7.0
19.0
10.5
19.0
13.0
26.5
----
----
9.5
19.0 (2)
--
0.15 µF
415
5.0
11.0
5.5
11.0
7.0
14.0
8.5
19.0
10.0
26.5
13.5
31.5
0.22 µF
422
5.0
11.0
6.0
14.0
7.0
19.0
8.0
26.5
11.5
26.5
16.0
31.5
----
--
8.0
19.0 (2)
-
---
0.33 µF
433
6.0
14.0
6.0
19.0
8.0
19.0
9.5
26.5
13.5
26.5
16.0
41.5
----
--
9.5
19.0 (2)
-
---
0.47 µF
447
7.0
14.0
6.5
19.0
9.0
19.0
11.0
26.5
14.5
31.5
19.0
41.5
----
----
14.0
26.5 (2)
--
0.68 µF
468
6.5
19.0
7.0
19.0
8.5
26.5
11.5
31.5
14.5
41.5
-
-
----
9.0
19.0 (2)
---
---
1.0 µF
510
7.5
19.0
8.5
19.0
10.0
26.5
13.5
31.5
16.5
41.5
-
-
1.5 µF
515
8.5
19.0
8.0
26.5
11.0
31.5
14.0
41.5
-
-
-
-
-
-
8.0
19.0 (2)
-
-
13.0
31.5 (2)
-
---
2.2 µF
522
8.5
26.5
9.5
26.5
13.0
31.5
16.5
41.5
-
-
-
-
7.5
19.0 (2)
9.5
19.0 (2)
-----
---
3.3 µF
533
10.0
26.5
11.5
26.5
15.5
31.5
-
-
-
-
-
-
8.5
19.0 (2)
-
-
14.0
26.5 (2)
---
---
4.7 µF
547
11.5
26.5
12.0
31.5
15.5
41.5
-
-
-
-
-
-
----
14.5
31.5 (2)
---
---
6.8 µF
568
12.0
31.5
14.0
31.5
17.5
41.5
-
-
-
-
-
-
10.0 µF
610
14.5
31.5
16.5
31.5
21.0
41.5
-
-
-
-
-
-
-
-
13.5
31.5 (2)
-----
---
15.0 µF
615
18.0
31.5
20.5
31.5
-----
---
22.0 µF
622
17.5
41.5
--
-----
---


Similar Part No. - MKT18134468404R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT1813 VISHAY-MKT1813 Datasheet
53Kb / 4P
   Metallized Polyester Film Capacitor
Revision 01-Dec-03
MKT1813 VISHAY-MKT1813 Datasheet
132Kb / 13P
   Metallized Polyester Film Capacitor MKT Axial Type
Revision: 06-Oct-08
MKT1813-422-014 VISHAY-MKT1813-422-014 Datasheet
53Kb / 4P
   Metallized Polyester Film Capacitor
Revision 01-Dec-03
MKT1813-422-014 VISHAY-MKT1813-422-014 Datasheet
132Kb / 13P
   Metallized Polyester Film Capacitor MKT Axial Type
Revision: 06-Oct-08
MKT1813-422-014 VISHAY-MKT1813-422-014 Datasheet
147Kb / 15P
   DC Film Capacitors MKT Axial Type
Revision: 04-Jul-13
More results

Similar Description - MKT18134468404R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT1813610065 VISHAY-MKT1813610065 Datasheet
147Kb / 15P
   DC Film Capacitors MKT Axial Type
Revision: 04-Jul-13
MKT1813 VISHAY-MKT1813_08 Datasheet
132Kb / 13P
   Metallized Polyester Film Capacitor MKT Axial Type
Revision: 06-Oct-08
MKT371 VISHAY-MKT371 Datasheet
258Kb / 28P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT1820 VISHAY-MKT1820_08 Datasheet
130Kb / 12P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT370 VISHAY-MKT370 Datasheet
188Kb / 18P
   DC Film Capacitor MKT Radial Potted Type
Revision: 17-Nov-08
MKT467 VISHAY-MKT467_08 Datasheet
235Kb / 27P
   DC Film Capacitor MKT Radial Lacquered Type
Revision: 23-Oct-08
222237353105 VISHAY-222237353105 Datasheet
162Kb / 14P
   DC Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-12
MKT370 VISHAY-MKT370_09 Datasheet
171Kb / 18P
   DC Film Capacitors MKT Radial Potted Type
Revision: 04-Aug-09
BFC237021473 VISHAY-BFC237021473 Datasheet
196Kb / 18P
   DC Film Capacitors MKT Radial Potted Type
Revision: 17-May-13
MKT373M VISHAY-MKT373M Datasheet
158Kb / 14P
   DC Film Capacitors MKT Radial Potted Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com