Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3N100E Datasheet(PDF) 1 Page - Motorola, Inc

Part # 3N100E
Description  TMOS POWER FET 3.0 AMPERES 1000 VOLTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

3N100E Datasheet(HTML) 1 Page - Motorola, Inc

  3N100E Datasheet HTML 1Page - Motorola, Inc 3N100E Datasheet HTML 2Page - Motorola, Inc 3N100E Datasheet HTML 3Page - Motorola, Inc 3N100E Datasheet HTML 4Page - Motorola, Inc 3N100E Datasheet HTML 5Page - Motorola, Inc 3N100E Datasheet HTML 6Page - Motorola, Inc 3N100E Datasheet HTML 7Page - Motorola, Inc 3N100E Datasheet HTML 8Page - Motorola, Inc 3N100E Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Motorola TMOS Power MOSFET Transistor Device Data
Designer's™ Data Sheet
TMOS E-FET.
High Energy Power FET
D2PAK for Surface Mount
N–Channel Enhancement–Mode Silicon Gate
The D2PAK package has the capability of housing a larger die
than any existing surface mount package which allows it to be used
in applications that require the use of surface mount components
with higher power and lower RDS(on) capabilities. This high voltage
MOSFET uses an advanced termination scheme to provide
enhanced voltage–blocking capability without degrading perfor-
mance over time. In addition, this advanced TMOS E–FET is
designed to withstand high energy in the avalanche and commuta-
tion modes. The new energy efficient design also offers a
drain–to–source diode with a fast recovery time. Designed for high
voltage, high speed switching applications in power supplies,
converters and PWM motor controls, these devices are particularly
well suited for bridge circuits where diode speed and commutating
safe operating areas are critical and offer additional safety margin
against unexpected voltage transients.
• Robust High Voltage Termination
• Avalanche Energy Specified
• Source–to–Drain Diode Recovery Time Comparable to a
Discrete Fast Recovery Diode
• Diode is Characterized for Use in Bridge Circuits
• IDSS and VDS(on) Specified at Elevated Temperature
• Short Heatsink Tab Manufactured — Not Sheared
• Specially Designed Leadframe for Maximum Power Dissipation
• Available in 24 mm 13–inch/800 Unit Tape & Reel, Add T4 Suffix to Part Number
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain–Source Voltage
VDSS
1000
Vdc
Drain–Gate Voltage (RGS = 1.0 MΩ)
VDGR
1000
Vdc
Gate–Source Voltage — Continuous
Gate–Source Voltage — Non–Repetitive (tp ≤ 10 ms)
VGS
VGSM
± 20
± 40
Vdc
Vpk
Drain Current — Continuous
Drain Current — Continuous @ 100
°C
Drain Current — Single Pulse (tp ≤ 10 µs)
ID
ID
IDM
3.0
2.4
9.0
Adc
Apk
Total Power Dissipation
Derate above 25
°C
Total Power Dissipation @ TA = 25°C, when mounted with the minimum recommended pad size
PD
125
1.0
2.5
Watts
W/
°C
Watts
Operating and Storage Temperature Range
TJ, Tstg
– 55 to 150
°C
Single Pulse Drain–to–Source Avalanche Energy — Starting TJ = 25°C
(VDD = 25 Vdc, VGS = 10 Vdc, IL = 7.0 Apk, L = 10 mH, RG = 25 Ω)
EAS
245
mJ
Thermal Resistance — Junction to Case
Thermal Resistance — Junction to Ambient
Thermal Resistance — Junction to Ambient, when mounted with the minimum recommended pad size
R
θJC
R
θJA
R
θJA
1.0
62.5
50
°C/W
Maximum Lead Temperature for Soldering Purposes, 1/8
″ from case for 10 seconds
TL
260
°C
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
E–FET and Designer’s are trademarks of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc.
Thermal Clad is a trademark of the Bergquist Company.
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MTB3N100E/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MTB3N100E
TMOS POWER FET
3.0 AMPERES
1000 VOLTS
RDS(on) = 4.0 OHM
Motorola Preferred Device
CASE 418B–02, Style 2
D2PAK
D
S
G
®
© Motorola, Inc. 1995
REV 2


Similar Part No. - 3N100E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
3N100E MOTOROLA-3N100E Datasheet
206Kb / 8P
   TMOS POWER FET 3.0 AMPERES 1000 VOLTS RDS(on) = 4.0 OHM
More results

Similar Description - 3N100E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTB1N100E MOTOROLA-MTB1N100E Datasheet
256Kb / 10P
   TMOS POWER FET 1.0 AMPERES 1000 VOLTS
MTB3N120E MOTOROLA-MTB3N120E Datasheet
322Kb / 12P
   TMOS POWER FET 3.0 AMPERES 1200 VOLTS
MTB3N60E MOTOROLA-MTB3N60E Datasheet
74Kb / 4P
   TMOS POWER FET 3.0 AMPERES 600 VOLTS
MTP3N100E MOTOROLA-MTP3N100E Datasheet
206Kb / 8P
   TMOS POWER FET 3.0 AMPERES 1000 VOLTS RDS(on) = 4.0 OHM
MMSF3P03HD MOTOROLA-MMSF3P03HD Datasheet
316Kb / 10P
   SINGLE TMOS POWER FET 3.0 AMPERES 30 VOLTS
MTP3N50E MOTOROLA-MTP3N50E Datasheet
251Kb / 8P
   TMOS POWER FET 3.0 AMPERES 500 VOLTS RDS(on) = 3.0 OHMS
MTB23P06E MOTOROLA-MTB23P06E Datasheet
280Kb / 10P
   TMOS POWER FET 23 AMPERES 60 VOLTS
MTB33N10E MOTOROLA-MTB33N10E Datasheet
266Kb / 10P
   TMOS POWER FET 33 AMPERES 100 VOLTS
MTB4N80E MOTOROLA-MTB4N80E Datasheet
195Kb / 10P
   TMOS POWER FET 4.0 AMPERES 800 VOLTS
MTB60N06HD MOTOROLA-MTB60N06HD Datasheet
280Kb / 12P
   TMOS POWER FET 60 AMPERES 60 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com