Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTB3N120E Datasheet(PDF) 3 Page - Motorola, Inc

Part # MTB3N120E
Description  TMOS POWER FET 3.0 AMPERES 1200 VOLTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTB3N120E Datasheet(HTML) 3 Page - Motorola, Inc

  MTB3N120E Datasheet HTML 1Page - Motorola, Inc MTB3N120E Datasheet HTML 2Page - Motorola, Inc MTB3N120E Datasheet HTML 3Page - Motorola, Inc MTB3N120E Datasheet HTML 4Page - Motorola, Inc MTB3N120E Datasheet HTML 5Page - Motorola, Inc MTB3N120E Datasheet HTML 6Page - Motorola, Inc MTB3N120E Datasheet HTML 7Page - Motorola, Inc MTB3N120E Datasheet HTML 8Page - Motorola, Inc MTB3N120E Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MTB3N120E
3
Motorola TMOS Power MOSFET Transistor Device Data
TYPICAL ELECTRICAL CHARACTERISTICS
10,000
1,000
100
10
1
0
400
600
1000
1200
100
°C
25
°C
2.5
2.0
1.5
1.0
0.5
0
– 50
– 25
0
25
50
75
100
125
150
VGS = 10 V
ID = 1.5 A
5.4
5.0
4.6
4.2
3.8
ID, DRAIN CURRENT (AMPS)
15 V
8
2
0
0
2
4
6
5
3
1
6
0
0
6
12
18
24
30
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 1. On–Region Characteristics
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
Figure 2. Transfer Characteristics
ID, DRAIN CURRENT (AMPS)
Figure 3. On–Resistance versus Drain Current
and Temperature
Figure 4. On–Resistance versus Drain Current
and Gate Voltage
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. On–Resistance Variation with
Temperature
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 6. Drain–To–Source Leakage
Current versus Voltage
VDS ≥ 10 V
TJ = 100°C
– 55
°C
TJ = 25°C
VGS = 10 V
VGS = 0 V
5
4
3
2
3
3.4
3.8
4.2
4.6
5.0
5.4
5.8
6.2
0
2
4
6
5
3
1
TJ = 125°C
1
6
4
200
25
°C
TJ = – 55°C
100
°C
25
°C
4 V
5 V
6 V
VGS = 10 V
TJ = 25°C
6
0
5
4
3
2
1
800
VGS = 10 V


Similar Part No. - MTB3N120E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTB3N100E MOTOROLA-MTB3N100E Datasheet
262Kb / 10P
   TMOS POWER FET 3.0 AMPERES 1000 VOLTS
logo
ON Semiconductor
MTB3N100E ONSEMI-MTB3N100E Datasheet
285Kb / 11P
   High Energy Power FET
August, 2006 ??Rev. 3
More results

Similar Description - MTB3N120E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTP3N120E MOTOROLA-MTP3N120E Datasheet
252Kb / 8P
   TMOS POWER FET 3.0 AMPERES 1200 VOLTS RDS(on) = 5.0 OHM
MTB3N100E MOTOROLA-MTB3N100E Datasheet
262Kb / 10P
   TMOS POWER FET 3.0 AMPERES 1000 VOLTS
MTB3N60E MOTOROLA-MTB3N60E Datasheet
74Kb / 4P
   TMOS POWER FET 3.0 AMPERES 600 VOLTS
MMSF3P03HD MOTOROLA-MMSF3P03HD Datasheet
316Kb / 10P
   SINGLE TMOS POWER FET 3.0 AMPERES 30 VOLTS
MTP3N50E MOTOROLA-MTP3N50E Datasheet
251Kb / 8P
   TMOS POWER FET 3.0 AMPERES 500 VOLTS RDS(on) = 3.0 OHMS
MTB23P06E MOTOROLA-MTB23P06E Datasheet
280Kb / 10P
   TMOS POWER FET 23 AMPERES 60 VOLTS
MTB33N10E MOTOROLA-MTB33N10E Datasheet
266Kb / 10P
   TMOS POWER FET 33 AMPERES 100 VOLTS
MTB4N80E MOTOROLA-MTB4N80E Datasheet
195Kb / 10P
   TMOS POWER FET 4.0 AMPERES 800 VOLTS
MTB60N06HD MOTOROLA-MTB60N06HD Datasheet
280Kb / 12P
   TMOS POWER FET 60 AMPERES 60 VOLTS
MTD15N06V MOTOROLA-MTD15N06V Datasheet
218Kb / 10P
   TMOS POWER FET 15 AMPERES 60 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com