Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKT18135468405R Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # MKT18135468405R
Description  DC Film Capacitor MKT Axial Type
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MKT18135468405R Datasheet(HTML) 1 Page - Coilcraft lnc.

  MKT18135468405R Datasheet HTML 1Page - Coilcraft lnc. MKT18135468405R Datasheet HTML 2Page - Coilcraft lnc. MKT18135468405R Datasheet HTML 3Page - Coilcraft lnc. MKT18135468405R Datasheet HTML 4Page - Coilcraft lnc. MKT18135468405R Datasheet HTML 5Page - Coilcraft lnc. MKT18135468405R Datasheet HTML 6Page - Coilcraft lnc. MKT18135468405R Datasheet HTML 7Page - Coilcraft lnc. MKT18135468405R Datasheet HTML 8Page - Coilcraft lnc. MKT18135468405R Datasheet HTML 9Page - Coilcraft lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Document Number: 26013
For technical questions, contact: dc-film@vishay.com
www.vishay.com
Revision: 08-Dec-08
17
DC Film Capacitor
MKT Axial Type
MKT 1813
Vishay Roederstein
Dimensions in mm
MAIN APPLICATIONS
Blocking,
bypassing,
filtering,
timing,
coupling
and
decoupling,
interference
suppression
in
low
voltage
applications
REFERENCE STANDARDS
IEC 60384-2
MARKING
C-value; tolerance; rated voltage; manufacturer’s type; code
for dielectric material; manufacturer location; manufacturer’s
logo; year and week
DIELECTRIC
Polyester film
ELECTRODES
Metallized
CONSTRUCTION
Mono and internal series construction
RATED (DC) VOLTAGE
63 V, 100 V, 250 V, 400 V, 630 V, 1000 V
RATED (AC) VOLTAGE
40 V, 63 V, 160 V, 200 V, 220 V
FEATURES
Supplied loose in box, taped on ammopack or reel
RoHS compliant
ENCAPSULATION
Plastic-wrapped,
epoxy
resin
sealed,
flame
retardant
CLIMATIC TESTING CLASS ACC. TO IEC 60068-1
55/100/56
CAPACITANCE RANGE (E12 SERIES)
470 pF to 22 µF
CAPACITANCE TOLERANCE
± 20 %, ± 10 %, ± 5 %
LEADS
Tinned wire
MAXIMUM APPLICATION TEMPERATURE
100 °C
PULL TEST ON LEADS
Minimum
20
N
in
direction
of
leads
according
to
IEC 60068-2-21
BENT TEST ON LEADS
2 bends trough 90° combined with 10 N tensile strength
RELIABILITY
Operational life > 300 000 h (40 °C/0.5 UR)
Failure rate < 2 FIT (40 °C/0.5 UR)
DETAIL SPECIFICATION
For more detailed data and test requirements contact:
dc-film@vishay.com
LEAD DIAMETER
d (mm)
D (mm)
0.6
≤ 5.0
0.7
> 5.0
≤ 7.0
0.8
> 7.0 < 16.5
1.0
≥ 16.5
L
Max.
40.0 ± 5.0
40.0 ± 5.0
Ø d
D
Max.


Similar Part No. - MKT18135468405R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT1813 VISHAY-MKT1813 Datasheet
53Kb / 4P
   Metallized Polyester Film Capacitor
Revision 01-Dec-03
MKT1813 VISHAY-MKT1813 Datasheet
132Kb / 13P
   Metallized Polyester Film Capacitor MKT Axial Type
Revision: 06-Oct-08
MKT1813-422-014 VISHAY-MKT1813-422-014 Datasheet
53Kb / 4P
   Metallized Polyester Film Capacitor
Revision 01-Dec-03
MKT1813-422-014 VISHAY-MKT1813-422-014 Datasheet
132Kb / 13P
   Metallized Polyester Film Capacitor MKT Axial Type
Revision: 06-Oct-08
MKT1813-422-014 VISHAY-MKT1813-422-014 Datasheet
147Kb / 15P
   DC Film Capacitors MKT Axial Type
Revision: 04-Jul-13
More results

Similar Description - MKT18135468405R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT1813610065 VISHAY-MKT1813610065 Datasheet
147Kb / 15P
   DC Film Capacitors MKT Axial Type
Revision: 04-Jul-13
MKT1813 VISHAY-MKT1813_08 Datasheet
132Kb / 13P
   Metallized Polyester Film Capacitor MKT Axial Type
Revision: 06-Oct-08
MKT371 VISHAY-MKT371 Datasheet
258Kb / 28P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT1820 VISHAY-MKT1820_08 Datasheet
130Kb / 12P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT370 VISHAY-MKT370 Datasheet
188Kb / 18P
   DC Film Capacitor MKT Radial Potted Type
Revision: 17-Nov-08
MKT467 VISHAY-MKT467_08 Datasheet
235Kb / 27P
   DC Film Capacitor MKT Radial Lacquered Type
Revision: 23-Oct-08
222237353105 VISHAY-222237353105 Datasheet
162Kb / 14P
   DC Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-12
MKT370 VISHAY-MKT370_09 Datasheet
171Kb / 18P
   DC Film Capacitors MKT Radial Potted Type
Revision: 04-Aug-09
BFC237021473 VISHAY-BFC237021473 Datasheet
196Kb / 18P
   DC Film Capacitors MKT Radial Potted Type
Revision: 17-May-13
MKT373M VISHAY-MKT373M Datasheet
158Kb / 14P
   DC Film Capacitors MKT Radial Potted Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com