Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKT18135468066R Datasheet(PDF) 5 Page - Coilcraft lnc.

Part # MKT18135468066R
Description  DC Film Capacitor MKT Axial Type
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MKT18135468066R Datasheet(HTML) 5 Page - Coilcraft lnc.

  MKT18135468066R Datasheet HTML 1Page - Coilcraft lnc. MKT18135468066R Datasheet HTML 2Page - Coilcraft lnc. MKT18135468066R Datasheet HTML 3Page - Coilcraft lnc. MKT18135468066R Datasheet HTML 4Page - Coilcraft lnc. MKT18135468066R Datasheet HTML 5Page - Coilcraft lnc. MKT18135468066R Datasheet HTML 6Page - Coilcraft lnc. MKT18135468066R Datasheet HTML 7Page - Coilcraft lnc. MKT18135468066R Datasheet HTML 8Page - Coilcraft lnc. MKT18135468066R Datasheet HTML 9Page - Coilcraft lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Document Number: 26013
For technical questions, contact: dc-film@vishay.com
www.vishay.com
Revision: 08-Dec-08
21
MKT 1813
DC Film Capacitor
MKT Axial Type
Vishay Roederstein
CHARACTERISTICS
100
7
5
3
2
10
7
5
3
2
1
f [Hz]
Capacitance in µF
63 Vdc
Permissible AC Voltage vs. Frequency
10
2
2
3
5 7 10
3
2
3
5 7 10
4
2
3
5 7 10
5
0.15
0.33
0.47
1.0
2.2
4.7
10
15
22
1000
7
5
3
2
100
7
5
3
2
10
f [Hz]
Permissible AC Voltage vs. Frequency
102
2
3
5 7 10
3
2
3
5 7 10
4
2
3
5 7 10
5
Capacitance in µF
400 Vdc
0.0
06
8
0.022
0.047
0.1
0.22
0.47
1.0
2.2
100
7
5
3
2
10
7
5
3
2
1
f [Hz]
Permissible AC Voltage vs. Frequency
102
2
3
5 7 10
3
2
3
5 7 10
4
2
3
5 7 10
5
Capacitance in µF
100 Vdc
0.06
8
0.15
0.22
0.47
1.0
4.7
2.2
15
1000
7
5
3
2
100
7
5
3
2
10
f [Hz]
Permissible AC Voltage vs. Frequency
102
2
3
5 7 10
3
2
3
5 7 10
4
2
3
5 7 10
5
Capacitance in pF and µF
630 Vdc
470
0.001
0.0022
0.0047
0.033
0.01
0.1
0.2
2
1.0
1000
7
5
3
2
100
7
5
3
2
10
f [Hz]
Permissible AC Voltage vs. Frequency
10
2
2
3
5 7 10
3
2
3
5 7 10
4
2
3
5 7 10
5
Capacitance in µF
250 Vdc
0.015
0.047
0.1
5
0.33
2.2
4.7
10
1.0
1000
7
5
3
2
100
7
5
3
2
10
f [Hz]
Permissible AC Voltage vs. Frequency
10
2
2
3
5 7 10
3
2
3
5 7 10
4
2
3
5 7 10
5
Capacitance in pF and µF
1000 Vdc
1000
2000
4700
0.01
0.022
0.047
0.1
0.22
0.47


Similar Part No. - MKT18135468066R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT1813 VISHAY-MKT1813 Datasheet
53Kb / 4P
   Metallized Polyester Film Capacitor
Revision 01-Dec-03
MKT1813 VISHAY-MKT1813 Datasheet
132Kb / 13P
   Metallized Polyester Film Capacitor MKT Axial Type
Revision: 06-Oct-08
MKT1813-422-014 VISHAY-MKT1813-422-014 Datasheet
53Kb / 4P
   Metallized Polyester Film Capacitor
Revision 01-Dec-03
MKT1813-422-014 VISHAY-MKT1813-422-014 Datasheet
132Kb / 13P
   Metallized Polyester Film Capacitor MKT Axial Type
Revision: 06-Oct-08
MKT1813-422-014 VISHAY-MKT1813-422-014 Datasheet
147Kb / 15P
   DC Film Capacitors MKT Axial Type
Revision: 04-Jul-13
More results

Similar Description - MKT18135468066R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT1813610065 VISHAY-MKT1813610065 Datasheet
147Kb / 15P
   DC Film Capacitors MKT Axial Type
Revision: 04-Jul-13
MKT1813 VISHAY-MKT1813_08 Datasheet
132Kb / 13P
   Metallized Polyester Film Capacitor MKT Axial Type
Revision: 06-Oct-08
MKT371 VISHAY-MKT371 Datasheet
258Kb / 28P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT1820 VISHAY-MKT1820_08 Datasheet
130Kb / 12P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT370 VISHAY-MKT370 Datasheet
188Kb / 18P
   DC Film Capacitor MKT Radial Potted Type
Revision: 17-Nov-08
MKT467 VISHAY-MKT467_08 Datasheet
235Kb / 27P
   DC Film Capacitor MKT Radial Lacquered Type
Revision: 23-Oct-08
222237353105 VISHAY-222237353105 Datasheet
162Kb / 14P
   DC Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-12
MKT370 VISHAY-MKT370_09 Datasheet
171Kb / 18P
   DC Film Capacitors MKT Radial Potted Type
Revision: 04-Aug-09
BFC237021473 VISHAY-BFC237021473 Datasheet
196Kb / 18P
   DC Film Capacitors MKT Radial Potted Type
Revision: 17-May-13
MKT373M VISHAY-MKT373M Datasheet
158Kb / 14P
   DC Film Capacitors MKT Radial Potted Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com