Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD233-HT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD233-HT
Description  3.3-V CAN TRANSCEIVER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD233-HT Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65HVD233-HT Datasheet HTML 7Page - Texas Instruments SN65HVD233-HT Datasheet HTML 8Page - Texas Instruments SN65HVD233-HT Datasheet HTML 9Page - Texas Instruments SN65HVD233-HT Datasheet HTML 10Page - Texas Instruments SN65HVD233-HT Datasheet HTML 11Page - Texas Instruments SN65HVD233-HT Datasheet HTML 12Page - Texas Instruments SN65HVD233-HT Datasheet HTML 13Page - Texas Instruments SN65HVD233-HT Datasheet HTML 14Page - Texas Instruments SN65HVD233-HT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
SN65HVD233-HT
www.ti.com
SLLS933F – NOVEMBER 2008 – REVISED AUGUST 2012
RECEIVER SWITCHING CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
TA = –55°C to 125°C
TA = 175°C
(1)
TA = 210°C
(2)
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Propagation delay time, low-to-
tPLH
35
60
50
60
50
60
ns
high-level output
Propagation delay time, high-
tPHL
35
60
45
60
45
60
ns
to-low-level output
See Figure 7
tsk(p)
Pulse skew (|tPHL – tPLH|)
7
5
5
ns
tr
Output signal rise time
2
6.5
6.5
8
6.5
8
ns
tf
Output signal fall time
2
6.5
6.5
9
6.5
9
ns
(1)
Minimum and maximum parameters are characterized for operation at TA = 210°C but not production tested at TA = 175°C or 210°C.
(2)
Minimum and maximum parameters are characterized for operation at TA = 210°C but may not be production tested at that temperature.
Production test limits with statistical guardbands are used to ensure high temperature performance.
DEVICE SWITCHING CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
TA = –55°C to 125°C
TA = 175°C
(1)
TA = 210°C
(2)
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Loopback delay,
t(LBK)
driver input to
See Figure 12
7.5
15
12
15
12
15
ns
receiver output
RS = 0 V, See Figure 11
70
135
90
135
90
135
Total loop delay,
driver input to
RS with 10 kΩ to ground,
105
190
115
190
115
190
t(loop1)
receiver output,
See Figure 11
ns
recessive to
RS with 100 kΩ to ground,
535
1000
430
1000
430
1000
dominant
See Figure 11
RS = 0 V, See Figure 11
70
135
98
135
98
135
Total loop delay,
driver input to
RS with 10 kΩ to ground,
105
190
150
190
150
190
t(loop2)
receiver output,
See Figure 11
ns
dominant to
RS with 100 kΩ to ground,
535
1100
880
1200
880
1200
recessive
See Figure 11
(1)
Minimum and maximum parameters are characterized for operation at TA = 210°C but not production tested at TA = 175°C or 210°C.
(2)
Minimum and maximum parameters are characterized for operation at TA = 210°C but may not be production tested at that temperature.
Production test limits with statistical guardbands are used to ensure high temperature performance.
Copyright © 2008–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN65HVD233-HT


Similar Part No. - SN65HVD233-HT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD233-EP TI-SN65HVD233-EP Datasheet
461Kb / 24P
[Old version datasheet]   3.3-V CAN TRANSCEIVER
SN65HVD233-Q1 TI1-SN65HVD233-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   3.3-V Automotive CAN Bus Transceivers
More results

Similar Description - SN65HVD233-HT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD233-EP TI-SN65HVD233-EP Datasheet
461Kb / 24P
[Old version datasheet]   3.3-V CAN TRANSCEIVER
SN55HVD233-SP TI1-SN55HVD233-SP Datasheet
100Kb / 6P
[Old version datasheet]   3.3-V Radiation Hardened CAN Transceiver
logo
ON Semiconductor
AMIS-42673 ONSEMI-AMIS-42673 Datasheet
159Kb / 11P
   High-Speed 3.3 V Digital Interface CAN Transceiver
January, 2009 ??Rev. 3
logo
Texas Instruments
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI1-SN65HVD230Q-Q1_14 Datasheet
499Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1_07 Datasheet
485Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230 TI-SN65HVD230_06 Datasheet
444Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com