Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD233HD Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD233HD
Description  3.3-V CAN TRANSCEIVER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD233HD Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65HVD233HD Datasheet HTML 6Page - Texas Instruments SN65HVD233HD Datasheet HTML 7Page - Texas Instruments SN65HVD233HD Datasheet HTML 8Page - Texas Instruments SN65HVD233HD Datasheet HTML 9Page - Texas Instruments SN65HVD233HD Datasheet HTML 10Page - Texas Instruments SN65HVD233HD Datasheet HTML 11Page - Texas Instruments SN65HVD233HD Datasheet HTML 12Page - Texas Instruments SN65HVD233HD Datasheet HTML 13Page - Texas Instruments SN65HVD233HD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
SN65HVD233-HT
SLLS933F – NOVEMBER 2008 – REVISED AUGUST 2012
www.ti.com
RECEIVER ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range (unless otherwise noted)
TA = –55°C to 125°C
TA = 175°C
(1)
TA = 210°C
(2)
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Low-level output
VOL
IO = 4 mA, See Figure 7
0.4
0.4
0.4
V
voltage
CANH or
140
500
140
500
140
500
CANL = 12 V
CANH or
Other bus
CANL = 12 V,
200
600
200
700
200
800
pin = 0 V,
VCC = 0 V
II
Bus input current
D = 3 V,
μA
CANH or
LBK = 0 V,
–610
–150
–610
–150 –610
–150
CANL = –7 V
RS = 0 V,
CANH or
CANL = –7 V,
–450
–130
–450
–130 –450
–130
VCC = 0 V
Pin to ground,
Input capacitance
CI
VI = 0.4 sin (4E6πt) + 0.5 V,
45
55
55
pF
(CANH or CANL)
D = 3 V, LBK = 0 V
Pin to pin,
Differential input
CID
VI = 0.4 sin (4E6πt) + 0.5 V,
15
15
15
pF
capacitance
D = 3 V, LBK = 0 V
Differential input
RID
40
110
40
110
40
110
k
resistance
D = 3 V, LBK = 0 V
Input resistance
RIN
20
51
19
51
18
51
k
(CANH or CANL)
Standby
RS = VCC, D = VCC, LBK = 0 V
200
600
400
600
400
600
μA
D = 0 V, No load, RS = 0 V,
Supply
Dominant
6
6
6
ICC
LBK = 0 V
current
mA
D = VCC, No load, RS = 0 V,
Recessive
6
6
6
LBK = 0 V
10
Submit Documentation Feedback
Copyright © 2008–2012, Texas Instruments Incorporated
Product Folder Links: SN65HVD233-HT


Similar Part No. - SN65HVD233HD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD233 TI-SN65HVD233 Datasheet
1Mb / 147P
[Old version datasheet]   TMS320R2811, TMS320R2812 Digital Signal Processors
SN65HVD233 TI-SN65HVD233 Datasheet
345Kb / 27P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233 Datasheet
468Kb / 26P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233 Datasheet
461Kb / 24P
[Old version datasheet]   3.3-V CAN TRANSCEIVER
SN65HVD233 TI-SN65HVD233 Datasheet
1Mb / 158P
[Old version datasheet]   Digital Signal Controller (DSC)
More results

Similar Description - SN65HVD233HD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD233-EP TI-SN65HVD233-EP Datasheet
461Kb / 24P
[Old version datasheet]   3.3-V CAN TRANSCEIVER
SN55HVD233-SP TI1-SN55HVD233-SP Datasheet
100Kb / 6P
[Old version datasheet]   3.3-V Radiation Hardened CAN Transceiver
logo
ON Semiconductor
AMIS-42673 ONSEMI-AMIS-42673 Datasheet
159Kb / 11P
   High-Speed 3.3 V Digital Interface CAN Transceiver
January, 2009 ??Rev. 3
logo
Texas Instruments
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI1-SN65HVD230Q-Q1_14 Datasheet
499Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1_07 Datasheet
485Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230 TI-SN65HVD230_06 Datasheet
444Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com