Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDB6020P Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # NDB6020P
Description  P-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NDB6020P Datasheet(HTML) 4 Page - Fairchild Semiconductor

  NDB6020P Datasheet HTML 1Page - Fairchild Semiconductor NDB6020P Datasheet HTML 2Page - Fairchild Semiconductor NDB6020P Datasheet HTML 3Page - Fairchild Semiconductor NDB6020P Datasheet HTML 4Page - Fairchild Semiconductor NDB6020P Datasheet HTML 5Page - Fairchild Semiconductor NDB6020P Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NDP6020P Rev.C1
-50
-25
0
25
50
75
100
125
150
175
0.6
0.8
1
1.2
1.4
1.6
1.8
T , JUNCTION TEMPERATURE (°C)
J
V
=-4.5V
GS
I
= -12A
D
-50
-25
0
25
50
75
100
125
150
175
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
T , JUNCTION TEMPERATURE (°C)
J
I
= -250µA
D
V
= V
GS
DS
-50
-40
-30
-20
-10
0
0.8
1
1.2
1.4
1.6
1.8
I
, DRAIN CURRENT (A)
V
= -2.5 V
GS
D
-3.5
-3.0
-4.5
-4.0
-5.0
-2.7
-50
-40
-30
-20
-10
0
0.5
1
1.5
2
I
, DRAIN CURRENT (A)
D
V
= -4.5V
GS
T = 125°C
J
25°C
-55°C
-2.5
-2
-1.5
-1
-0.5
-10
-8
-6
-4
-2
0
V
, GATE TO SOURCE VOLTAGE (V)
V
= -5V
DS
GS
T = -55°C
J
125°C
25°C
Typical Electrical Characteristics
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with Gate
Voltage and Drain Current.
Figure 3. On-Resistance Variation
with Temperature
.
Figure 4. On-Resistance Variation with Drain
Current and Temperature
.
Figure 5. Transfer Characteristics
.
Figure 6. Gate Threshold Variation with
Temperature
.
-5
-4
-3
-2
-1
0
-50
-40
-30
-20
-10
0
V
, DRAIN-SOURCE VOLTAGE (V)
V
= -5.0V
GS
DS
-3.0
-3.5
-2.5
-4.5
-4.0
-2.0
-2.7


Similar Part No. - NDB6020P

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
NDB6020P ISC-NDB6020P Datasheet
344Kb / 2P
   isc P-Channel MOSFET Transistor
More results

Similar Description - NDB6020P

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STU437S SAMHOP-STU437S Datasheet
121Kb / 10P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
NDP6030PL FAIRCHILD-NDP6030PL Datasheet
56Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
P8006EVG ETC2-P8006EVG Datasheet
296Kb / 5P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
NIKO SEMICONDUCTOR CO.,...
PZ0703EK NIKOSEM-PZ0703EK Datasheet
270Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
PV521BA NIKOSEM-PV521BA Datasheet
277Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
PK5A7BA NIKOSEM-PK5A7BA Datasheet
346Kb / 9P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
PE5A1BA NIKOSEM-PE5A1BA Datasheet
271Kb / 5P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
ON Semiconductor
NDS352AP ONSEMI-NDS352AP Datasheet
271Kb / 9P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
December, 2021 ??Rev. 5
logo
NIKO SEMICONDUCTOR CO.,...
PZ5G7EA NIKOSEM-PZ5G7EA Datasheet
340Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
REV 1.0
P1306EK NIKOSEM-P1306EK Datasheet
357Kb / 5P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
REV1.0
logo
Fairchild Semiconductor
NDS332P FAIRCHILD-NDS332P Datasheet
78Kb / 6P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com